Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT241 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HCT241
Description  Octal buffer/line driver; 3-state
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT241 Datasheet(HTML) 3 Page - NXP Semiconductors

  74HCT241 Datasheet HTML 1Page - NXP Semiconductors 74HCT241 Datasheet HTML 2Page - NXP Semiconductors 74HCT241 Datasheet HTML 3Page - NXP Semiconductors 74HCT241 Datasheet HTML 4Page - NXP Semiconductors 74HCT241 Datasheet HTML 5Page - NXP Semiconductors 74HCT241 Datasheet HTML 6Page - NXP Semiconductors 74HCT241 Datasheet HTML 7Page - NXP Semiconductors 74HCT241 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
September 1993
3
Philips Semiconductors
Product specification
Octal buffer/line driver; 3-state
74HC/HCT241
PIN DESCRIPTION
PIN NO.
SYMBOL
NAME AND FUNCTION
11OE
output enable input (active LOW)
2, 4, 6, 8
1A0 to 1A3
data inputs
3, 5, 7, 9
2Y0 to 2Y3
bus outputs
10
GND
ground (0 V)
17, 15, 13, 11
2A0 to 2A3
data inputs
18, 16, 14, 12
1Y0 to 1Y3
bus outputs
19
20E
output enable input (active HIGH)
20
VCC
positive supply voltage
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol


Similar Part No. - 74HCT241

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HCT241 NEXPERIA-74HCT241 Datasheet
246Kb / 13P
   Octal buffer/line driver; 3-state
Rev. 4 - 15 July 2021
74HCT241D NEXPERIA-74HCT241D Datasheet
246Kb / 13P
   Octal buffer/line driver; 3-state
Rev. 4 - 15 July 2021
74HCT241PW NEXPERIA-74HCT241PW Datasheet
246Kb / 13P
   Octal buffer/line driver; 3-state
Rev. 4 - 15 July 2021
More results

Similar Description - 74HCT241

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
74HC541D-T NXP-74HC541D-T Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74LVC244APW-T NXP-74LVC244APW-T Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
logo
Nexperia B.V. All right...
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
   Octal buffer/line driver 3-state
74HC244-Q100 NEXPERIA-74HC244-Q100 Datasheet
249Kb / 15P
   Octal buffer/line driver; 3-state
74VHC244 NEXPERIA-74VHC244 Datasheet
608Kb / 16P
   Octal buffer/line driver; 3-state
74VHC541-Q100 NEXPERIA-74VHC541-Q100 Datasheet
714Kb / 17P
   Octal buffer/line driver; 3-state
74HC541-Q100 NEXPERIA-74HC541-Q100 Datasheet
742Kb / 17P
   Octal buffer/line driver; 3-state
74AHC541-Q100 NEXPERIA-74AHC541-Q100 Datasheet
717Kb / 17P
   Octal buffer/line driver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com