Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXGT24N60C Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXGT24N60C
Description  HiPerFAST IGBT Lightspeed Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGT24N60C Datasheet(HTML) 2 Page - IXYS Corporation

  IXGT24N60C Datasheet HTML 1Page - IXYS Corporation IXGT24N60C Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 - 2
© 2000 IXYS All rights reserved
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
g
fs
I
C
= I
C110; VCE = 10 V,
9
17
S
Pulse test, t
£ 300 ms, duty cycle £ 2 %
C
ies
1500
pF
C
oes
V
CE = 25 V, VGE = 0 V, f = 1 MHz
120
pF
C
res
40
pF
Q
g
55
nC
Q
ge
I
C = IC110, VGE = 15 V, VCE = 0.5 VCES
13
nC
Q
gc
17
nC
t
d(on)
15
ns
t
ri
25
ns
t
d(off)
75
140
ns
t
fi
60
110
ns
E
off
0.24
0.36
mJ
t
d(on)
15
ns
t
ri
25
ns
E
on
0.15
mJ
t
d(off)
130
ns
t
fi
110
ns
E
off
0.6
mJ
R
thJC
0.83 K/W
R
thCK
(TO-247)
0.25
K/W
Inductive load, T
J = 25°C
I
C = IC110, VGE = 15 V, L = 100 mH,
V
CE = 0.8 VCES, RG = Roff = 10 W
Remarks: Switching times may
increase for V
CE (Clamp) > 0.8 • VCES,
higher T
J or increased RG
Inductive load, T
J = 125°C
I
C = IC110, VGE = 15 V, L = 100 mH
V
CE = 0.8 VCES, RG = Roff = 10 W
Remarks: Switching times may
increase for V
CE (Clamp) > 0.8 • VCES,
higher T
J or increased RG
IXGH 24N60C
IXGT 24N60C
TO-247 AD (IXGH) Outline
Dim. Millimeter
Inches
Min.
Max.
Min.
Max.
A
19.81 20.32
0.780 0.800
B
20.80 21.46
0.819 0.845
C
15.75 16.26
0.610 0.640
D
3.55
3.65
0.140 0.144
E
4.32
5.49
0.170 0.216
F
5.4
6.2
0.212 0.244
G
1.65
2.13
0.065 0.084
H
-
4.5
-
0.177
J
1.0
1.4
0.040 0.055
K
10.8
11.0
0.426 0.433
L
4.7
5.3
0.185 0.209
M
0.4
0.8
0.016 0.031
N
1.5
2.49
0.087 0.102
TO-268AA (D3 PAK)
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.9
5.1
.193
.201
A
1
2.7
2.9
.106
.114
A
2
.02
.25
.001
.010
b
1.15
1.45
.045
.057
b
2
1.9
2.1
.75
.83
C
.4
.65
.016
.026
D
13.80
14.00
.543
.551
E
15.85
16.05
.624
.632
E
1
13.3
13.6
.524
.535
e
5.45 BSC
.215 BSC
H
18.70
19.10
.736
.752
L
2.40
2.70
.094
.106
L1
1.20
1.40
.047
.055
L2
1.00
1.15
.039
.045
L3
0.25 BSC
.010 BSC
L4
3.80
4.10
.150
.161
Min. Recommended Footprint
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025


Similar Part No. - IXGT24N60C

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGT24N60CD1 IXYS-IXGT24N60CD1 Datasheet
103Kb / 5P
   HiPerFAST IGBT with Diode Lightspeed Series
More results

Similar Description - IXGT24N60C

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH12N90C IXYS-IXGH12N90C_03 Datasheet
148Kb / 4P
   HiPerFAST IGBT Lightspeed Series
IXGA24N60C IXYS-IXGA24N60C Datasheet
100Kb / 2P
   HiPerFAST IGBT Lightspeed Series
IXGH12N90C IXYS-IXGH12N90C Datasheet
37Kb / 2P
   HiPerFAST IGBT Lightspeed Series
IXGH32N60C IXYS-IXGH32N60C Datasheet
117Kb / 4P
   HiPerFAST IGBT Lightspeed Series
IXGA12N60CD1 IXYS-IXGA12N60CD1 Datasheet
74Kb / 2P
   HiPerFAST IGBT Lightspeed Series
IXGA7N60C IXYS-IXGA7N60C Datasheet
79Kb / 2P
   HiPerFAST IGBT Lightspeed Series
IXGH40N60C IXYS-IXGH40N60C Datasheet
129Kb / 2P
   HiPerFAST IGBT Lightspeed Series
IXGH12N60C IXYS-IXGH12N60C Datasheet
59Kb / 2P
   HiPerFAST IGBT Lightspeed Series
IXGK120N60C2 IXYS-IXGK120N60C2 Datasheet
193Kb / 6P
   HiPerFAST IGBT Lightspeed 2 Series
IXGH24N60CD1 IXYS-IXGH24N60CD1 Datasheet
103Kb / 5P
   HiPerFAST IGBT with Diode Lightspeed Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com