Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMA1029PZ Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDMA1029PZ
Description  Dual P-Channel PowerTrench MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMA1029PZ Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDMA1029PZ Datasheet HTML 1Page - Fairchild Semiconductor FDMA1029PZ Datasheet HTML 2Page - Fairchild Semiconductor FDMA1029PZ Datasheet HTML 3Page - Fairchild Semiconductor FDMA1029PZ Datasheet HTML 4Page - Fairchild Semiconductor FDMA1029PZ Datasheet HTML 5Page - Fairchild Semiconductor FDMA1029PZ Datasheet HTML 6Page - Fairchild Semiconductor FDMA1029PZ Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
FDMA1029PZ Rev B (W)
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ Max Units
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage
VGS = 0 V,
ID = –250 µA
–20
V
∆BVDSS
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = –250 µA, Referenced to 25°C
–12
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = –16 V,
VGS = 0 V
–1
µA
IGSS
Gate–Body Leakage
VGS = ± 12 V,
VDS = 0 V
±10
µA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS,
ID = –250 µA
–0.6
–1.0
–1.5
V
∆VGS(th)
∆T
J
Gate Threshold Voltage
Temperature Coefficient
ID = –250 µA, Referenced to 25°C
4
mV/
°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = –4.5 V,
ID = –3.1 A
VGS = –2.5 V,
ID = –2.5 A
VGS= –4.5 V, ID = –3.1 A, TJ=125°C
60
88
87
95
141
140
m
gFS
Forward Transconductance
VDS = –10 V,
ID = –3.1 A
–11
S
Dynamic Characteristics
Ciss
Input Capacitance
540
pF
Coss
Output Capacitance
120
pF
Crss
Reverse Transfer Capacitance
VDS = –10 V,
V GS = 0 V,
f = 1.0 MHz
100
pF
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
13
24
ns
tr
Turn–On Rise Time
11
20
ns
td(off)
Turn–Off Delay Time
37
59
ns
tf
Turn–Off Fall Time
VDD = –10 V,
ID = –1 A,
VGS = –4.5 V,
RGEN = 6 Ω
36
58
ns
Qg
Total Gate Charge
7.0
10
nC
Qgs
Gate–Source Charge
1.1
nC
Qgd
Gate–Drain Charge
VDS = –10 V,
ID = –3.1 A,
VGS = –4.5 V
2.4
nC


Similar Part No. - FDMA1029PZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMA1029PZ FAIRCHILD-FDMA1029PZ Datasheet
862Kb / 7P
   Dual P-Channel PowerTrench짰 MOSFET
FDMA1029PZ FAIRCHILD-FDMA1029PZ_08 Datasheet
862Kb / 7P
   Dual P-Channel PowerTrench짰 MOSFET
More results

Similar Description - FDMA1029PZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SI9933ADY FAIRCHILD-SI9933ADY Datasheet
39Kb / 3P
   Dual P-Channel PowerTrench MOSFET
FDMA1027P FAIRCHILD-FDMA1027P Datasheet
108Kb / 6P
   Dual P-Channel PowerTrench MOSFET
FDS6993 FAIRCHILD-FDS6993 Datasheet
159Kb / 8P
   Dual P-Channel PowerTrench MOSFET
FDMA1027P FAIRCHILD-FDMA1027P_06 Datasheet
845Kb / 7P
   Dual P-Channel PowerTrench MOSFET
logo
ON Semiconductor
NDC7003P ONSEMI-NDC7003P Datasheet
285Kb / 6P
   MOSFET - Dual P-Channel, POWERTRENCH
December, 2021 ??Rev. 3
logo
Fairchild Semiconductor
FDS4885C FAIRCHILD-FDS4885C Datasheet
254Kb / 8P
   Dual N & P-Channel PowerTrench MOSFET
FDS8960C FAIRCHILD-FDS8960C Datasheet
175Kb / 8P
   Dual N & P-Channel PowerTrench MOSFET
FDS8962C FAIRCHILD-FDS8962C Datasheet
679Kb / 8P
   Dual N & P-Channel PowerTrench MOSFET
FDS8958 FAIRCHILD-FDS8958 Datasheet
233Kb / 8P
   Dual N & P-Channel PowerTrench MOSFET
FDS4935A FAIRCHILD-FDS4935A Datasheet
113Kb / 5P
   Dual 30V P-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com