Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFBR-732B Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # AFBR-732B
Description  Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

AFBR-732B Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  AFBR-732B Datasheet HTML 1Page - Agilent(Hewlett-Packard) AFBR-732B Datasheet HTML 2Page - Agilent(Hewlett-Packard) AFBR-732B Datasheet HTML 3Page - Agilent(Hewlett-Packard) AFBR-732B Datasheet HTML 4Page - Agilent(Hewlett-Packard) AFBR-732B Datasheet HTML 5Page - Agilent(Hewlett-Packard) AFBR-732B Datasheet HTML 6Page - Agilent(Hewlett-Packard) AFBR-732B Datasheet HTML 7Page - Agilent(Hewlett-Packard) AFBR-732B Datasheet HTML 8Page - Agilent(Hewlett-Packard) AFBR-732B Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3
Figure 1. Transmitter block diagram(each channel).
* TX_EN, TX_DIS, RESET-, FAULT-
SIGNAL
DETECT
CIRCUIT
TRANS-
IMPEDANCE
PRE-AMPLIFIER
LIMITING
AMPLIFIER
OUTPUT
BUFFER
OFFSET
CONTROL
PIN
DOUT+
DOUT-
SD
Figure 2. Receiver block diagram (each channel).
D/A
CONVERTER
INPUT
STAGE
LEVEL
SHIFTER
DRIVER
AMPLIFIER
COMPARATOR
TEMPERATURE
DETECTION
CIRCUIT
D/A
CONVERTER
CONTROLLER
12
VCSEL ARRAY
DIN+
DIN-
SERIAL
CONTROL
I/O*
4
SHUT
DOWN
12
12


Similar Part No. - AFBR-732B

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AFBR-732BEHWZ BOARDCOM-AFBR-732BEHWZ Datasheet
434Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-732BEHZ AVAGO-AFBR-732BEHZ Datasheet
398Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
logo
Broadcom Corporation.
AFBR-732BEWZ BOARDCOM-AFBR-732BEWZ Datasheet
434Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-732BEZ AVAGO-AFBR-732BEZ Datasheet
398Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
AFBR-732BWZ AVAGO-AFBR-732BWZ Datasheet
434Kb / 22P
   12 independent channels per module
More results

Similar Description - AFBR-732B

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AFBR-732BWZ BOARDCOM-AFBR-732BWZ Datasheet
434Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-732BZ AVAGO-AFBR-732BZ Datasheet
398Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-779BZ AVAGO-HFBR-779BZ Datasheet
275Kb / 22P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-772BZ AVAGO-HFBR-772BZ Datasheet
436Kb / 24P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-779BWZ AVAGO-HFBR-779BWZ Datasheet
343Kb / 22P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
AFBR-810BEPZ AVAGO-AFBR-810BEPZ Datasheet
1Mb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
AFBR-810BZ AVAGO-AFBR-810BZ Datasheet
1Mb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
HFBR-772BWZ AVAGO-HFBR-772BWZ Datasheet
566Kb / 25P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver Low cost per Gb/s
AFBR-776BZ AVAGO-AFBR-776BZ Datasheet
966Kb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optics Modules
logo
Zarlink Semiconductor I...
ZL60113 ZARLINK-ZL60113 Datasheet
303Kb / 18P
   12 x 3.125 Gbps Parallel Fiber Optic Link Transmitter and Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com