Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFBR-732BE Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # AFBR-732BE
Description  Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

AFBR-732BE Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button AFBR-732BE Datasheet HTML 3Page - Agilent(Hewlett-Packard) AFBR-732BE Datasheet HTML 4Page - Agilent(Hewlett-Packard) AFBR-732BE Datasheet HTML 5Page - Agilent(Hewlett-Packard) AFBR-732BE Datasheet HTML 6Page - Agilent(Hewlett-Packard) AFBR-732BE Datasheet HTML 7Page - Agilent(Hewlett-Packard) AFBR-732BE Datasheet HTML 8Page - Agilent(Hewlett-Packard) AFBR-732BE Datasheet HTML 9Page - Agilent(Hewlett-Packard) AFBR-732BE Datasheet HTML 10Page - Agilent(Hewlett-Packard) AFBR-732BE Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7
ReceiverElectricalCharacteristics
(TC = 0 °C to +80 °C, VCC = 3.3 V ± 5%, Typical TC = +40 °C, VCC = 3.3 V)
Notes:
1. ICCR is the dc supply current, dependent upon the number of active channels, where the Data Outputs are ac coupled with capacitors between the
outputs and any resistive terminations. See Figure 7 for recommended termination.
2. Measured over the range 4 MHz to 2 GHz.
3.
DVDOUTP-P = DVDOUTH – DVDOUTL, where DVDOUTH = High State Differential Data Output Voltage and DVDOUTL = Low State Differential Data Output
Voltage.
DVDOUTH and DVDOUTL = VDOUT+ – VDOUT–, measured with a 100 W differential load connected with the recommended coupling capacitors and
with a 2500 MBd, 8B10B serial encoded data pattern.
4. Inter-channel Skew is defined for the condition of equal amplitude, zero ps skew input signals. Input power at –10 dBm.
5. Rise and Fall Times are measured between the 20% and 80% levels using a 500 MHz square wave signal.
6. The Signal Detect output will change from logic “0” (Low) to “1” (High) within the specified assert time for a step transition in optical input power from
the de-asserted condition to the specified asserted optical power level on all 12 channels.
7. The Signal Detect output will change from logic “1” (High) to “0” (Low) within the specified de-assert time for a step transition in optical input power
from the specified asserted optical power level to the de-asserted condition on any 1 channel.
Parameter
Symbol
Min.
Typ.
Max.
Unit
Reference
(Conditions)
Supply Current
ICCR
400
445
mA
1, Fig. 5
Power Dissipation
PDISR
1.3
1.55
W
Differential Output Impedance
ZOUT
80
100
120
W
2, Fig. 8, 10
Data Output Differential Peak-to-Peak
Voltage Swing
DV
DOUTP-P
450
600
750
mVP-P
3, Figs. 7, 8
Inter-channel Skew
100
150
ps
4
Differential Data Output Rise/Fall Time
tr/tf
110
150
ps
5
Signal Detect
Assert Time (OFF-to-ON)
De-assert Time (ON-to-OFF)
tSDA
tSDD
170
190
µs
µs
6
7
Control I/O
Output Voltage Low
LVTTL & LVCMOS
Output Voltage High
Compatible
VOL
VOH
VEE
2.5
3.1
0.4
VCC
V
V
(IOL = 4.0 mA)
(IOH = -0.5 mA)


Similar Part No. - AFBR-732BE

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AFBR-732BEHWZ BOARDCOM-AFBR-732BEHWZ Datasheet
434Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-732BEHZ AVAGO-AFBR-732BEHZ Datasheet
398Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
logo
Broadcom Corporation.
AFBR-732BEWZ BOARDCOM-AFBR-732BEWZ Datasheet
434Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-732BEZ AVAGO-AFBR-732BEZ Datasheet
398Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
More results

Similar Description - AFBR-732BE

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AFBR-732BWZ BOARDCOM-AFBR-732BWZ Datasheet
434Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-732BZ AVAGO-AFBR-732BZ Datasheet
398Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-779BZ AVAGO-HFBR-779BZ Datasheet
275Kb / 22P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-772BZ AVAGO-HFBR-772BZ Datasheet
436Kb / 24P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-779BWZ AVAGO-HFBR-779BWZ Datasheet
343Kb / 22P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
AFBR-810BEPZ AVAGO-AFBR-810BEPZ Datasheet
1Mb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
AFBR-810BZ AVAGO-AFBR-810BZ Datasheet
1Mb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
HFBR-772BWZ AVAGO-HFBR-772BWZ Datasheet
566Kb / 25P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver Low cost per Gb/s
AFBR-776BZ AVAGO-AFBR-776BZ Datasheet
966Kb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optics Modules
logo
Zarlink Semiconductor I...
ZL60113 ZARLINK-ZL60113 Datasheet
303Kb / 18P
   12 x 3.125 Gbps Parallel Fiber Optic Link Transmitter and Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com