Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS285-1.2CN Datasheet(PDF) 5 Page - Advanced Monolithic Systems

Part # AMS285-1.2CN
Description  MICROPOWER VOLTAGE REFERENCE DIODE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS285-1.2CN Datasheet(HTML) 5 Page - Advanced Monolithic Systems

  AMS285-1.2CN Datasheet HTML 1Page - Advanced Monolithic Systems AMS285-1.2CN Datasheet HTML 2Page - Advanced Monolithic Systems AMS285-1.2CN Datasheet HTML 3Page - Advanced Monolithic Systems AMS285-1.2CN Datasheet HTML 4Page - Advanced Monolithic Systems AMS285-1.2CN Datasheet HTML 5Page - Advanced Monolithic Systems AMS285-1.2CN Datasheet HTML 6Page - Advanced Monolithic Systems AMS285-1.2CN Datasheet HTML 7Page - Advanced Monolithic Systems AMS285-1.2CN Datasheet HTML 8Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Advanced Monolithic Systems, Inc. 6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMS285-1.2/AMS385-1.2
TYPICAL APPLICATIONS (Continued)
Micropower Thermocouple Cold Junction Compensator
+
LM334
AMS385-1.2
R1
R2
ZERO ADJ
100k
1M
1%
5.1k
2k
1%
TC ADJ
500
METER
MERCURY
CELL
1.345V
+
-
V+
V-
R
THERMOCOUPLE
+
-
COLD JUNCTION
ISO THERMAL
WITH LM334
Adjustment Procedure
1. Adjust TC ADJ pot until voltage across R1 equals Kelvin temperature
multiplied by the thermocouple Seebeck coefficient.
2. Adjust ZERO ADJ pot until voltage across R2 equals the thermocouple
Seebeck coefficient multiplied by 273.2.
Thermocouple
Seebeck
R1
R2
Voltage
Voltage
Type
Coefficient
(
Ω)
(
Ω) Across R1
Across R2
(mV/
°°C)
@ 25
°°C (mV)
(mV)
J
52.3
523
1.24k
15.60
14.32
T
42.8
432
1k
12.77
11.78
K
40.8
408
953
12.17
11.17
S
6.4
63.4
150
1.908
1.766
Typical supply current 50
µA
Precision 1
µµA to 1mA Current Sources
7
4
3
2
+
-
LM312
6
AMS385-1.2
R2
R1
100k
-30V
-1.5V TO -27V
C1
150pF
I
OUT*
*IOUT =1.23V/R2
7
4
3
2
+
-
LM312
6
R2
R1
100k
30V
1.5V TO 27V
C1
150pF
I
OUT*
AMS385-1.2


Similar Part No. - AMS285-1.2CN

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS285-12 ADMOS-AMS285-12 Datasheet
88Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
AMS285-12AL ADMOS-AMS285-12AL Datasheet
88Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
AMS285-12AN ADMOS-AMS285-12AN Datasheet
88Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
AMS285-12AS ADMOS-AMS285-12AS Datasheet
88Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
AMS285-12BL ADMOS-AMS285-12BL Datasheet
88Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
More results

Similar Description - AMS285-1.2CN

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME41-4096 AME-AME41-4096 Datasheet
63Kb / 8P
   Micropower Voltage Reference Diode
logo
Calogic, LLC
CLM285-25 CALOGIC-CLM285-25 Datasheet
30Kb / 3P
   Micropower Voltage Reference Diode
logo
Texas Instruments
LM185-1.2QML TI1-LM185-1.2QML_14 Datasheet
541Kb / 18P
[Old version datasheet]   Micropower Voltage Reference Diode
logo
Advanced Monolithic Sys...
AMS285-2.5 AMS-AMS285-2.5 Datasheet
172Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Wing Shing Computer Com...
LM385-2.5 WINGS-LM385-2.5 Datasheet
147Kb / 3P
   Micropower Voltage Reference Diode
logo
Analog Microelectronics
AME385-2.5 AME-AME385-2.5 Datasheet
105Kb / 12P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Advanced Monolithic Sys...
AMS285-12 ADMOS-AMS285-12 Datasheet
88Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Analog Microelectronics
AME385-12 AME-AME385-12 Datasheet
70Kb / 8P
   Micropower Voltage Reference Diode
AME385-25 AME-AME385-25 Datasheet
52Kb / 8P
   Micropower Voltage Reference Diode
AME41-12 AME-AME41-12 Datasheet
70Kb / 8P
   Micropower Voltage Reference Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com