Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ABT7819A-15PH Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74ABT7819A-15PH
Description  512 횞 18 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT7819A-15PH Datasheet(HTML) 1 Page - Texas Instruments

  SN74ABT7819A-15PH Datasheet HTML 1Page - Texas Instruments SN74ABT7819A-15PH Datasheet HTML 2Page - Texas Instruments SN74ABT7819A-15PH Datasheet HTML 3Page - Texas Instruments SN74ABT7819A-15PH Datasheet HTML 4Page - Texas Instruments SN74ABT7819A-15PH Datasheet HTML 5Page - Texas Instruments SN74ABT7819A-15PH Datasheet HTML 6Page - Texas Instruments SN74ABT7819A-15PH Datasheet HTML 7Page - Texas Instruments SN74ABT7819A-15PH Datasheet HTML 8Page - Texas Instruments SN74ABT7819A-15PH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
SN74ABT7819A
512
× 18 × 2
CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SCBS756 – MAY 2002
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Member of the Texas Instruments
Widebus
 Family
D Free-Running CLKA and CLKB Can Be
Asynchronous or Coincident
D Read and Write Operations Synchronized
to Independent System Clocks
D Two Separate 512 × 18 Clocked FIFOs
Buffering Data in Opposite Directions
D IRA and ORA Synchronized to CLKA
D IRB and ORB Synchronized to CLKB
D Microprocessor Interface Control Logic
D Programmable Almost-Full/Almost-Empty
Flag
D Fast Access Times of 9 ns With a 50-pF
Load and Simultaneous Switching Data
Outputs
D Data Rates up to 100 MHz
D Advanced BiCMOS Technology
D Package Options Include 80-Pin Plastic
Quad Flatpack (PH) and 80-Pin Thin Plastic
Quad Flatpack (PN)
65
40
25
RSTA
PENA
AF/AEA
HFA
IRA
GND
A0
A1
VCC
A2
A3
GND
A4
A5
GND
A6
A7
GND
A8
A9
VCC
A10
A11
GND
26 27 28 29 30 31 32 33 34 35 36 37 38 39
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66
PH PACKAGE
(TOP VIEW)
RSTB
PENB
AF/AEB
HFB
IRB
GND
B0
B1
VCC
B2
B3
GND
B4
B5
GND
B6
B7
GND
B8
B9
VCC
B10
B11
GND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
Copyright
 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Widebus is a trademark of Texas Instruments.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - SN74ABT7819A-15PH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABT7819 TI-SN74ABT7819 Datasheet
284Kb / 20P
[Old version datasheet]   512 횞 18 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT7819 TI1-SN74ABT7819 Datasheet
315Kb / 22P
[Old version datasheet]   CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT7819-10PH TI-SN74ABT7819-10PH Datasheet
284Kb / 20P
[Old version datasheet]   512 횞 18 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT7819-10PN TI-SN74ABT7819-10PN Datasheet
284Kb / 20P
[Old version datasheet]   512 횞 18 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT7819-12PH TI-SN74ABT7819-12PH Datasheet
284Kb / 20P
[Old version datasheet]   512 횞 18 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
More results

Similar Description - SN74ABT7819A-15PH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT7819 TI-SN54ABT7819 Datasheet
289Kb / 20P
[Old version datasheet]   512 횞 18 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT7819 TI-SN74ABT7819 Datasheet
284Kb / 20P
[Old version datasheet]   512 횞 18 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3638 TI-SN74ACT3638 Datasheet
461Kb / 30P
[Old version datasheet]   512 횞 32 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN54ACT3632 TI-SN54ACT3632 Datasheet
383Kb / 25P
[Old version datasheet]   512 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3638 TI1-SN74ACT3638_05 Datasheet
552Kb / 33P
[Old version datasheet]   512 횞 32 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3632 TI-SN74ACT3632 Datasheet
407Kb / 27P
[Old version datasheet]   512 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7803 TI-SN74ALVC7803 Datasheet
196Kb / 14P
[Old version datasheet]   512 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ABT7820 TI-SN74ABT7820 Datasheet
196Kb / 15P
[Old version datasheet]   512 횞 18 횞 2 STROBED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN54ABT7820 TI-SN54ABT7820 Datasheet
199Kb / 14P
[Old version datasheet]   512 횞 18 횞 2 STROBED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3631 TI-SN74ACT3631 Datasheet
378Kb / 26P
[Old version datasheet]   512 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com