Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT259DB Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74HCT259DB
Description  8-bit addressable latch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT259DB Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74HCT259DB Datasheet HTML 3Page - NXP Semiconductors 74HCT259DB Datasheet HTML 4Page - NXP Semiconductors 74HCT259DB Datasheet HTML 5Page - NXP Semiconductors 74HCT259DB Datasheet HTML 6Page - NXP Semiconductors 74HCT259DB Datasheet HTML 7Page - NXP Semiconductors 74HCT259DB Datasheet HTML 8Page - NXP Semiconductors 74HCT259DB Datasheet HTML 9Page - NXP Semiconductors 74HCT259DB Datasheet HTML 10Page - NXP Semiconductors 74HCT259DB Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
December 1990
7
Philips Semiconductors
Product specification
8-bit addressable latch
74HC/HCT259
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: MSI
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to +125
min.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
D to Qn
58
21
17
185
37
31
230
46
39
280
56
48
ns
2.0
4.5
6.0
Fig.7
tPHL/ tPLH
propagation delay
An to Qn
58
21
17
185
37
31
230
46
39
280
56
48
ns
2.0
4.5
6.0
Fig.8
tPHL/ tPLH
propagation delay
LE to Qn
55
20
16
170
34
29
215
43
37
255
51
43
ns
2.0
4.5
6.0
Fig.6
tPHL
propagation delay
MR to Qn
50
18
14
155
31
26
195
39
33
235
47
40
ns
2.0
4.5
6.0
Fig.9
tTHL/ tTLH
output transition time
19
7
6
75
15
13
95
19
16
119
22
19
ns
2.0
4.5
6.0
Figs 6 and 7
tW
LE pulse width
HIGH or LOW
70
14
12
17
6
5
90
18
15
105
21
18
ns
2.0
4.5
6.0
Fig.6
tW
MR pulse width
LOW
70
14
12
17
6
5
90
18
15
105
21
18
ns
2.0
4.5
6.0
Fig.9
tsu
set-up time
D, An to LE
80
16
14
19
7
6
100
20
17
120
24
20
ns
2.0
4.5
6.0
Figs 10 and 11
th
hold time
D to LE
0
0
0
−19
−6
−5
0
0
0
0
0
0
ns
2.0
4.5
6.0
Fig.10
th
hold time
An to LE
2
2
2
−11
−4
−3
2
2
2
2
2
2
ns
2.0
4.5
6.0
Fig.11


Similar Part No. - 74HCT259DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT259DB NXP-74HCT259DB Datasheet
134Kb / 21P
   8-bit addressable latch
Rev. 04-25 February 2009
74HCT259DB NXP-74HCT259DB Datasheet
174Kb / 23P
   8-bit addressable latch
Rev. 5-7 August 2012
More results

Similar Description - 74HCT259DB

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
   8-bit Addressable Latch
logo
Fairchild Semiconductor
DM9334 FAIRCHILD-DM9334 Datasheet
65Kb / 5P
   8-Bit Addressable Latch
logo
STMicroelectronics
HCC4724B STMICROELECTRONICS-HCC4724B Datasheet
302Kb / 14P
   8 BIT ADDRESSABLE LATCH
logo
ON Semiconductor
MC74AC259 ONSEMI-MC74AC259_15 Datasheet
96Kb / 9P
   8-Bit Addressable Latch
March, 2015 ??Rev. 7
logo
Texas Instruments
NTE4099B TI-NTE4099B Datasheet
976Kb / 16P
[Old version datasheet]   8-Bit Addressable Latch
logo
Toshiba Semiconductor
TC40H259P TOSHIBA-TC40H259P Datasheet
230Kb / 5P
   8-BIT ADDRESSABLE LATCH
logo
NXP Semiconductors
74HC259 NXP-74HC259 Datasheet
134Kb / 21P
   8-bit addressable latch
Rev. 04-25 February 2009
logo
Renesas Technology Corp
HD74AC259 RENESAS-HD74AC259 Datasheet
217Kb / 8P
   8-bit Addressable Latch
logo
Toshiba Semiconductor
TC74HC259AP TOSHIBA-TC74HC259AP_07 Datasheet
361Kb / 10P
   8-Bit Addressable Latch
logo
NXP Semiconductors
74HC_HCT259 PHILIPS-74HC_HCT259_15 Datasheet
162Kb / 22P
   8-bit addressable latch
Rev. 5-7 August 2012
logo
National Semiconductor ...
93L34 NSC-93L34 Datasheet
93Kb / 8P
   8-Bit Addressable Latch
June 1989
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com