Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBSS3540F Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PBSS3540F
Description  40 V low VCEsat PNP transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS3540F Datasheet(HTML) 3 Page - NXP Semiconductors

  PBSS3540F Datasheet HTML 1Page - NXP Semiconductors PBSS3540F Datasheet HTML 2Page - NXP Semiconductors PBSS3540F Datasheet HTML 3Page - NXP Semiconductors PBSS3540F Datasheet HTML 4Page - NXP Semiconductors PBSS3540F Datasheet HTML 5Page - NXP Semiconductors PBSS3540F Datasheet HTML 6Page - NXP Semiconductors PBSS3540F Datasheet HTML 7Page - NXP Semiconductors PBSS3540F Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2001 Jul 13
3
Philips Semiconductors
Product specification
40 V low VCEsat PNP transistor
PBSS3540F
THERMAL CHARACTERISTICS
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
Note
1. Pulse test: tp ≤ 300 ms; δ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
in free air
500
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector-base cut-off current
VCB = −40 V; IE =0
−−−100
nA
VCB = −40 V; IE = 0; Tj = 150 °C
−−−50
µA
IBEO
emitter-base cut-off current
VEB = −5 V; IC =0
−−−100
nA
hFE
DC current gain
VCE = −2V
IC = −10 mA
200
−−
IC = −100 mA; note 1
150
−−
IC = −500 mA; note 1
40
−−
VCEsat
collector-emitter saturation voltage IC = −10 mA; IB = −0.5 mA
−−−50
mV
IC = −100 mA; IB = −5mA
−−−130
mV
IC = −200 mA; IB = −10 mA
−−−200
mV
IC = −500 A; IB = −50 mA; note 1
−−−350
mV
RCEsat
equivalent on-resistance
IC = −500 mA; IB = −50 mA; note 1 −
440
<700
m
VBEsat
base-emitter saturation voltage
IC = −500 mA; IB = −50 mA; note 1 −−−1.2
V
VBEon
base-emitter turn-on voltage
VCE = −2 V; IC = −100 mA; note 1
−−−1.1
V
Cc
collector capacitance
VCB = −10 V; IE =Ie = 0; f = 1 MHz
−−
10
pF
fT
transition frequency
IC = −100 mA; VCE = −5V;
f = 100 MHz
100
300
MHz


Similar Part No. - PBSS3540F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS3540E PHILIPS-PBSS3540E Datasheet
109Kb / 11P
   40 V, 500 mA PNP low VCEsat (BISS) transistor
Rev. 01-3 May 2005
PBSS3540E NXP-PBSS3540E Datasheet
173Kb / 11P
   40 V, 500 mA PNP low VCEsat (BISS) transistor
Rev. 02-11 December 2009
logo
Nexperia B.V. All right...
PBSS3540E NEXPERIA-PBSS3540E Datasheet
286Kb / 12P
   40 V, 500 mA PNP low VCEsat (BISS) transistor
Rev. 02 - 11 December 2009
logo
NXP Semiconductors
PBSS3540M NXP-PBSS3540M Datasheet
317Kb / 9P
   40 V, 0.5 A PNP low VCEsat (BISS) transistor
2003 Aug 12
logo
Nexperia B.V. All right...
PBSS3540M NEXPERIA-PBSS3540M Datasheet
510Kb / 10P
   40 V, 0.5 A PNP low VCEsat (BISS) transistor
2003 Aug 12
More results

Similar Description - PBSS3540F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5140T PHILIPS-PBSS5140T Datasheet
68Kb / 9P
   40 V low VCEsat PNP transistor
2004 Jan 07
PBSS5240Y PHILIPS-PBSS5240Y_15 Datasheet
125Kb / 7P
   40 V low VCEsat PNP transistor
2002 Feb 28
PBSS5240V PHILIPS-PBSS5240V_15 Datasheet
368Kb / 9P
   40 V low VCEsat PNP transistor
2003 Jan 30
logo
Nexperia B.V. All right...
PBSS5140V NEXPERIA-PBSS5140V Datasheet
466Kb / 8P
   40 V low VCEsat PNP transistor
2002 Mar 20
logo
NXP Semiconductors
PBSS5240V NXP-PBSS5240V Datasheet
368Kb / 9P
   40 V low VCEsat PNP transistor
2003 Jan 30
PBSS5240Y NXP-PBSS5240Y Datasheet
125Kb / 7P
   40 V low VCEsat PNP transistor
2002 Feb 28
PBSS5240V PHILIPS-PBSS5240V Datasheet
82Kb / 12P
   40 V low VCEsat PNP transistor
2003 Jan 30
logo
Nexperia B.V. All right...
PBSS5240Y NEXPERIA-PBSS5240Y Datasheet
324Kb / 8P
   40 V low VCEsat PNP transistor
2002 Feb 28
PBSS5540Z-Q NEXPERIA-PBSS5540Z-Q Datasheet
222Kb / 10P
   40 V low VCEsat PNP transistor
30 November 2021
logo
NXP Semiconductors
PBSS5140D PHILIPS-PBSS5140D Datasheet
61Kb / 8P
   40 V low VCEsat PNP transistor
2001 Nov 15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com