Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMS-282F-TR1G Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HSMS-282F-TR1G
Description  Surface Mount RF Schottky Barrier Diodes
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMS-282F-TR1G Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HSMS-282F-TR1G Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMS-282F-TR1G Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMS-282F-TR1G Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMS-282F-TR1G Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMS-282F-TR1G Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMS-282F-TR1G Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMS-282F-TR1G Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMS-282F-TR1G Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMS-282F-TR1G Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
Typical Performance, T
C = 25
°C (unless otherwise noted), Single Diode
Figure 1. Forward Current vs.
Forward Voltage at Temperatures.
0
0.10
0.20
0.30
0.50
0.40
VF – FORWARD VOLTAGE (V)
0.01
10
1
0.1
100
T
A = +125°C
T
A = +75°C
T
A = +25°C
T
A = –25°C
Figure 2. Reverse Current vs.
Reverse Voltage at Temperatures.
05
15
VR – REVERSE VOLTAGE (V)
10
1
1000
100
10
100,000
10,000
T
A = +125°C
T
A = +75°C
T
A = +25°C
Figure 3. Total Capacitance vs.
Reverse Voltage.
02
8
6
VR – REVERSE VOLTAGE (V)
4
0
0.6
0.4
0.2
1
0.8
Figure 4. Dynamic Resistance vs.
Forward Current.
0.1
1
100
IF – FORWARD CURRENT (mA)
10
1
10
1000
100
VF - FORWARD VOLTAGE (V)
Figure 5. Typical Vf Match, Series Pairs
and Quads at Mixer Bias Levels.
30
10
1
0.3
30
10
1
0.3
0.2
0.4
0.6
0.8
1.0
1.2
1.4
IF (Left Scale)
∆V
F (Right Scale)
VF - FORWARD VOLTAGE (V)
Figure 6. Typical Vf Match, Series Pairs
at Detector Bias Levels.
100
10
1
1.0
0.1
0.10
0.15
0.20
0.25
IF (Left Scale)
∆V
F (Right Scale)
Figure 7. Typical Output Voltage vs.
Input Power, Small Signal Detector
Operating at 850 MHz.
-40
-30
18 nH
RF in
3.3 nH
100 pF
100 K
HSMS-282B Vo
0
Pin – INPUT POWER (dBm)
-10
-20
0.001
0.01
1
0.1
-25
°C
+25
°C
+75
°C
DC bias = 3
µA
Figure 8. Typical Output Voltage vs.
Input Power, Large Signal Detector
Operating at 915 MHz.
-20
-10
RF in
100 pF
4.7 K
68
HSMS-282B
Vo
30
Pin – INPUT POWER (dBm)
10
20
0
1E-005
0.0001
0.001
10
0.1
1
0.01
+25
°C
LOCAL OSCILLATOR POWER (dBm)
Figure 9. Typical Conversion Loss vs.
L.O. Drive, 2.0 GHz (Ref AN997).
12
10
9
8
7
6
2
06
8
10
4


Similar Part No. - HSMS-282F-TR1G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-282F-TR1G AVAGO-HSMS-282F-TR1G Datasheet
505Kb / 15P
   Surface Mount RF Schottky Barrier
More results

Similar Description - HSMS-282F-TR1G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-281C-TR1G AVAGO-HSMS-281C-TR1G Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2813-BLKG AVAGO-HSMS-2813-BLKG Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
logo
Broadcom Corporation.
HSMS-282K BOARDCOM-HSMS-282K Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-282N BOARDCOM-HSMS-282N Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2812 BOARDCOM-HSMS-2812 Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2822 BOARDCOM-HSMS-2822 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2825 BOARDCOM-HSMS-2825 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-282E BOARDCOM-HSMS-282E Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-280B BOARDCOM-HSMS-280B Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-280F BOARDCOM-HSMS-280F Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2824 BOARDCOM-HSMS-2824 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com