Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA363AIDR Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA363AIDR
Description  1.8V, 7MHz, 90dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA363AIDR Datasheet(HTML) 1 Page - Texas Instruments

  OPA363AIDR Datasheet HTML 1Page - Texas Instruments OPA363AIDR Datasheet HTML 2Page - Texas Instruments OPA363AIDR Datasheet HTML 3Page - Texas Instruments OPA363AIDR Datasheet HTML 4Page - Texas Instruments OPA363AIDR Datasheet HTML 5Page - Texas Instruments OPA363AIDR Datasheet HTML 6Page - Texas Instruments OPA363AIDR Datasheet HTML 7Page - Texas Instruments OPA363AIDR Datasheet HTML 8Page - Texas Instruments OPA363AIDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
OPA363
OPA2363
OPA364
OPA2364
OPA4364
1.8V, 7MHz, 90dB CMRR,
SINGLE-SUPPLY, RAIL-TO-RAIL I/O
OPERATIONAL AMPLIFIER
DESCRIPTION
The OPA363 and OPA364 families are high-performance
CMOS operational amplifiers optimized for very low voltage,
single-supply operation. These miniature, low-cost amplifiers
are designed to operate on single supplies from 1.8V (
±0.9V)
to 5.5V (
±2.75V). Applications include sensor amplification
and signal conditioning in battery-powered systems.
The OPA363 and OPA364 families offer excellent CMRR
without the crossover associated with traditional complimen-
tary input stages. This results in excellent performance for
driving Analog-to-Digital (A/D) converters without degrada-
tion of differential linearity and THD. The input common-
mode range includes both the negative and positive supplies.
The output voltage swing is within 10mV of the rails.
The OPA363 family includes a shutdown mode. Under logic
control, the amplifiers can be switched from normal operation
to a standby current that is less than 1
µA.
The single version is available in the
MicroSIZE SOT23-5
(SOT23-6 for shutdown) and SO-8. The dual version is
available in MSOP-8, MSOP-10, and SO-8 packages. Quad
packages are available in TSSOP-14 and SO-14 packages.
All versions are specified for operation from –40
°C to +125°C.
FEATURES
q 1.8V OPERATION
q MicroSIZE PACKAGES
q BANDWIDTH: 7MHz
q CMRR: 90dB (typical)
q SLEW RATE: 5V/
µs
q LOW OFFSET: 500
µV (max)
q QUIESCENT CURRENT: 750
µA/Channel (max)
q SHUTDOWN MODE: < 1
µA/Channel
APPLICATIONS
q SIGNAL CONDITIONING
q DATA ACQUISITION
q PROCESS CONTROL
q ACTIVE FILTERS
q TEST EQUIPMENT
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2002-2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SBOS259B – SEPTEMBER 2002 – REVISED FEBRUARY 2003
OPA363
OPA364
OPA2363
OPA2364
OPA4364
SOT23-5
x
SOT23-6
x
MSOP-8
x
MSOP-10
x
SO-8
x
x
x
TSSOP-14
x
SO-14
x
®
OPA4
364
OPA2
363
OPA236
4
OPA
363
OPA4
364


Similar Part No. - OPA363AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA363AID TI-OPA363AID Datasheet
1Mb / 38P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, Single-Supply, Rail-to-Rail I/O Operational Amplifier
OPA363AIDBVR TI-OPA363AIDBVR Datasheet
1Mb / 38P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, Single-Supply, Rail-to-Rail I/O Operational Amplifier
OPA363AIDBVRG4 TI-OPA363AIDBVRG4 Datasheet
1Mb / 38P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, Single-Supply, Rail-to-Rail I/O Operational Amplifier
OPA363AIDBVT TI-OPA363AIDBVT Datasheet
1Mb / 38P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, Single-Supply, Rail-to-Rail I/O Operational Amplifier
OPA363AIDBVTG4 TI-OPA363AIDBVTG4 Datasheet
1Mb / 38P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, Single-Supply, Rail-to-Rail I/O Operational Amplifier
More results

Similar Description - OPA363AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA364IDBVRG4 TI-OPA364IDBVRG4 Datasheet
1Mb / 38P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, Single-Supply, Rail-to-Rail I/O Operational Amplifier
OPA364AIDBVRG4 TI-OPA364AIDBVRG4 Datasheet
1Mb / 37P
[Old version datasheet]   Single-Supply, Rail-to-Rail I/O Operational Amplifier
OPA365-EP TI1-OPA365-EP Datasheet
495Kb / 19P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA2365-Q1 TI1-OPA2365-Q1 Datasheet
886Kb / 26P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA365-EP TI-OPA365-EP_15 Datasheet
998Kb / 22P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA365-Q1 TI-OPA365-Q1_15 Datasheet
1,023Kb / 26P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA4364-Q1 TI1-OPA4364-Q1 Datasheet
590Kb / 21P
[Old version datasheet]   1.8-V, 7-MHz, 90-dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
logo
SG Micro Corp
SGM8041 SGMICRO-SGM8041 Datasheet
302Kb / 11P
   Single Rail-to-Rail I/O Operational Amplifier
logo
Texas Instruments
OPA743 TI1-OPA743 Datasheet
842Kb / 17P
[Old version datasheet]   12V, 7MHz, CMOS, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
OPA2743EA TI1-OPA2743EA Datasheet
615Kb / 17P
[Old version datasheet]   12V, 7MHz, CMOS, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com