Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ725-1A-12D Datasheet(PDF) 1 Page - ZETTLER Electronics

Part # AZ725-1A-12D
Description  16 AMP MINIATURE POWER RELAY HIGH INRUSH VERSION 120 AMP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ725-1A-12D Datasheet(HTML) 1 Page - ZETTLER Electronics

  AZ725-1A-12D Datasheet HTML 1Page - ZETTLER Electronics AZ725-1A-12D Datasheet HTML 2Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
3 x 107
Electrical
1 x 105 at 16 A 250 VAC Res.
High inrush version only:
1 x 105 at 1000 W 230 VAC tungsten lamp
3 x 104 at 3000 W 230 VAC tungsten lamp
1 x 104 at 2500 W 230 VAC halogen lamp
Operate Time (typical)
7 ms at nominal coil voltage
Release Time (typical)
3 ms at nominal coil voltage
(with no coil suppression)
Dielectric Strength
5000 Vrms coil to contact
(at sea level for 1 min.) 1000 Vrms between open contacts
2000 Vrms between open contacts
(1 Form A high inrush version)
Insulation
1000 megohms min. at 20°C, 500 VDC,
Resistance
50% RH
Insulation
C250
(according to
Overvoltage category: III
DIN VDE 0110,
Pollution degree: 3
IEC 60664-1)
Nominal voltage: 250 VAC
Dropout
Greater than 10% of nominal coil voltage
Ambient Temperature
At nominal coil voltage
Operating
-40°C (-40°F) to 70°C (158°F)
Storage
-40°C (-40°F) to 105°C (221°F)
Vibration
0.062" (1.5 mm) DA at 10–55 Hz
Shock
20 g
Enclosure
P.B.T. polyester, UL94 V-0
Terminals
Tinned copper alloy
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Weight
19 grams
Packing unit in pcs
50 per plastic tray / 1000 per carton box
CONTACTS
Arrangement
SPDT (1 Form C)
SPST (1 Form A and 1 Form B)
Ratings
Resistive load:
Max. switched power: 480 W or 4000 VA
Max. switched current: 16 A
Max. switched voltage: 300 VDC* or 400 VAC
*
Note: If switching voltage is greater than 30 VDC,
special precautions must be taken.
Please contact the factory.
Rated Load
UL, CUR
16 A at 250 VAC resistive
VDE
16 A at 250 VAC resistive, 100k cycles
Material
Silver cadmium oxide or silver tin oxide
Resistance
< 30 milliohms initially
ZETTLER electronics GmbH
Fax +49 89 800 97 200
www.ZETTLERelectronics.com
office@ZETTLERelectronics.com
0
97
800
89
+49
Tel.
Germany
Puchheim,
D-82178
Junkersstrasse 3,
2005-08-04
AZ725
16 AMP MINIATURE
POWER RELAY
HIGH INRUSH VERSION 120 AMP
FEATURES
• Dielectric strength 5000 Vrms
• 16 Amp switching - single pole contacts
• High inrush version: 120 Amp (20 ms) switching,
contact gap > 0.6 mm
• Isolation spacing greater than 8mm
• Proof tracking index (PTI/CTI) 250
• Reinforced insulation, EN 60730-1 (VDE 0631, part 1)
EN 60335-1 (VDE 0700, part 1)
• UL, CUR file E43203
• VDE file 40013003
COIL
Power
At Pickup Voltage
270 mW
(typical)
Max. Continuous
1.7 W at 20°C (68°F) ambient
Dissipation
Temperature Rise
32°C (58°F) nominal coil voltage
Temperature
Max. 130°C (266°F)
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Specifications subject to change without notice.


Similar Part No. - AZ725-1A-12D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ725-1A-12D AZETTLER-AZ725-1A-12D Datasheet
92Kb / 2P
   MINIATURE POWER RELAY
More results

Similar Description - AZ725-1A-12D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ762T ZETTLER-AZ762T Datasheet
52Kb / 2P
   16 AMP HIGH INRUSH MINIATURE POWER RELAY
AZ764H ZETTLER-AZ764H_13 Datasheet
55Kb / 2P
   16 AMP HIGH TEMPERATURE MINIATURE POWER RELAY
AZ762H ZETTLER-AZ762H Datasheet
50Kb / 3P
   16 AMP HIGH TEMPERATURE MINIATURE POWER RELAY
AZ764H ZETTLER-AZ764H Datasheet
59Kb / 2P
   16 AMP HIGH TEMPERATURE MINIATURE POWER RELAY
logo
Nihon Kaiheiki Industry...
JW_SERIES NKK-JW_SERIES Datasheet
1Mb / 9P
   High Inrush 10 & 16 Amp Rockers
04/19/22
logo
List of Unclassifed Man...
JWLW21RA1A ETC2-JWLW21RA1A Datasheet
309Kb / 9P
   High Inrush 10 & 16 Amp Rockers
logo
Tyco Electronics
RT334012F MACOM-RT334012F Datasheet
77Kb / 2P
   16 Amp PC Board Miniature Relay
logo
ZETTLER Electronics
AZ942H ZETTLER-AZ942H_15 Datasheet
497Kb / 2P
   16 AMP MINIATURE PC BOARD RELAY
logo
Tyco Electronics
2-1415031-1 MACOM-2-1415031-1 Datasheet
85Kb / 2P
   16 Amp PC Board Miniature Relay
2-1419108-6 MACOM-2-1419108-6 Datasheet
85Kb / 2P
   16 Amp PC Board Miniature Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com