Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ760-1A-48D Datasheet(PDF) 1 Page - ZETTLER Electronics

Part # AZ760-1A-48D
Description  20 AMP MINIATURE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ760-1A-48D Datasheet(HTML) 1 Page - ZETTLER Electronics

  AZ760-1A-48D Datasheet HTML 1Page - ZETTLER Electronics AZ760-1A-48D Datasheet HTML 2Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CONTACTS
Arrangement
SPST (1 Form A)
Ratings
Resistive load:
Max. switched power: 600 W or 4400 VA
Max. switched current: 20 A
Max. switched voltage: 150 VDC* or 400 VAC
*
Note: If switching voltage is greater than 30 VDC,
special precautions must be taken.
Please contact the factory.
Rated Load
UL, CUR
20 A at 220 VAC, 100k cycles
1.5 HP 250 VAC, 100k cycles
Material
Silver cadmium oxide
Resistance
< 50 milliohms initially
(24 V, 1 A voltage drop method)
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1 x 107
Electrical
1 x 105 at 20 A 230 VAC Res.
Operate Time (typical)
15 ms at nominal coil voltage
Release Time (typical)
10 ms at nominal coil voltage
(with no coil suppression)
Dielectric Strength
2000 Vrms coil to contact
(at sea level for 1 min.) 1000 Vrms between open contacts
Insulation
1000 megohms min. at 20°C, 500 VDC,
Resistance
50% RH
Dropout
Greater than 10% of nominal coil voltage
Ambient Temperature
At nominal coil voltage
Operating
-40°C (-40°F) to 70°C (158°F)
Storage
-40°C (-40°F) to 105°C (221°F)
Vibration
0.062" (1.5 mm) DA at 10–55 Hz
Shock
Operating
20 g, 11 ms, 1/2 sine (no false operation)
Non-Operating 100 g, 11 ms, 1/2 sine (no damage)
Enclosure
P.B.T. polyester
Terminals
Tinned copper alloy
P. C. & quick connect
Note: Allow suitable slack on leads when wiring
and do not subject the terminals to excessive
force.
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Weight
40 grams
Packing unit in pcs
50 per plastic tray / 500 per carton box
ZETTLER electronics GmbH
Fax +49 89 800 97 200
www.ZETTLERelectronics.com
office@ZETTLERelectronics.com
0
97
800
89
+49
Tel.
Germany
Puchheim,
D-82178
Junkersstrasse 3,
2004-08-11
AZ760
20 AMP MINIATURE
POWER RELAY
FEATURES
• Low cost
• 20 Amp switching
• 60 Amp inrush current
• Quick connect terminals
• Flux tight construction
• UL, CUR file E44211
COIL
Power
At Pickup Voltage
441 mW
(typical)
Max. Continuous
3.0 W at 20°C (68°F) ambient
Dissipation
Temperature Rise
35°C (63°F) at nominal coil voltage
Temperature
Max. 130°C (266°F)
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Specifications subject to change without notice.


Similar Part No. - AZ760-1A-48D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ760-1A-48D AZETTLER-AZ760-1A-48D Datasheet
61Kb / 2P
   20 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ760-1A-48D ZETTLER-AZ760-1A-48D Datasheet
127Kb / 2P
   20 AMP MINIATURE POWER RELAY
More results

Similar Description - AZ760-1A-48D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ760 ZETTLER-AZ760_10 Datasheet
127Kb / 2P
   20 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ755 AZETTLER-AZ755 Datasheet
91Kb / 2P
   20 AMP MINIATURE POWER RELAY
AZ756 AZETTLER-AZ756 Datasheet
118Kb / 2P
   20 AMP MINIATURE POWER RELAY
AZ760 AZETTLER-AZ760 Datasheet
61Kb / 2P
   20 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ755 ZETTLER-AZ755_12 Datasheet
50Kb / 2P
   20 AMP MINIATURE POWER RELAY
AZ755 ZETTLER-AZ755 Datasheet
55Kb / 2P
   20 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ2300 AZETTLER-AZ2300 Datasheet
86Kb / 2P
   20 AMP MINIATURE POWER RELAY
AZ757 AZETTLER-AZ757 Datasheet
142Kb / 2P
   20 AMP MINIATURE POWER RELAY
logo
Picker Components
PC393 PICKER-PC393_17 Datasheet
573Kb / 2P
   20 Amp Miniature PCB Power Relay
logo
ZETTLER Electronics
AZ764F ZETTLER-AZ764F Datasheet
94Kb / 4P
   20 AMP HIGH TEMPERATURE MINIATURE POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com