Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT30 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74HCT30
Description  8-input NAND gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT30 Datasheet(HTML) 6 Page - NXP Semiconductors

  74HCT30 Datasheet HTML 1Page - NXP Semiconductors 74HCT30 Datasheet HTML 2Page - NXP Semiconductors 74HCT30 Datasheet HTML 3Page - NXP Semiconductors 74HCT30 Datasheet HTML 4Page - NXP Semiconductors 74HCT30 Datasheet HTML 5Page - NXP Semiconductors 74HCT30 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
December 1990
6
Philips Semiconductors
Product specification
8-input NAND gate
74HC/HCT30
AC WAVEFORMS
PACKAGE OUTLINES
See
“74HC/HCT/HCU/HCMOS Logic Package Outlines”.
Fig.6
Waveforms showing the input (A, B, C, D, E, F, G, H) to output (Y) propagation delays and the output
transition times.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.


Similar Part No. - 74HCT30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
74HCT30 ETC1-74HCT30 Datasheet
137Kb / 4P
   8-INPUT NAND GATE
logo
Nexperia B.V. All right...
74HCT30 NEXPERIA-74HCT30 Datasheet
233Kb / 13P
   8-input NAND gate
Rev. 9 - 6 September 2021
74HCT30-Q100 NEXPERIA-74HCT30-Q100 Datasheet
229Kb / 13P
   8-input NAND gate
Rev. 2 - 9 February 2021
74HCT30D NEXPERIA-74HCT30D Datasheet
233Kb / 13P
   8-input NAND gate
Rev. 9 - 6 September 2021
74HCT30D-Q100 NEXPERIA-74HCT30D-Q100 Datasheet
688Kb / 14P
   8-input NAND gate
More results

Similar Description - 74HCT30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HCT30 STMICROELECTRONICS-M54HCT30 Datasheet
233Kb / 9P
   8 INPUT NAND GATE
logo
Fairchild Semiconductor
DM74AS30 FAIRCHILD-DM74AS30 Datasheet
45Kb / 4P
   8 Input NAND Gate
logo
Hitachi Semiconductor
HD74HC30 HITACHI-HD74HC30 Datasheet
45Kb / 8P
   8-input NAND Gate
logo
National Semiconductor ...
54LS30 NSC-54LS30 Datasheet
120Kb / 6P
   8-Input NAND Gate
logo
STMicroelectronics
M54HC30 STMICROELECTRONICS-M54HC30 Datasheet
234Kb / 9P
   8 INPUT NAND GATE
logo
Fairchild Semiconductor
DM74ALS30A FAIRCHILD-DM74ALS30A Datasheet
59Kb / 5P
   8-Input NAND Gate
logo
Integral Corp.
IN74HC30A INTEGRAL-IN74HC30A Datasheet
244Kb / 5P
   8-Input NAND Gate
logo
National Semiconductor ...
MM74HC30 NSC-MM74HC30 Datasheet
100Kb / 4P
   8-Input NAND Gate
logo
Hitachi Semiconductor
HD14068B HITACHI-HD14068B Datasheet
67Kb / 7P
   8-input NAND Gate
logo
KODENSHI_AUK CORP.
KK74HC30A KODENSHI-KK74HC30A Datasheet
260Kb / 5P
   8-Input NAND Gate
logo
STMicroelectronics
M74HCT30 STMICROELECTRONICS-M74HCT30 Datasheet
138Kb / 8P
   8-INPUT NAND GATE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com