Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ733W-2A-48DE Datasheet(PDF) 1 Page - ZETTLER Electronics

Part # AZ733W-2A-48DE
Description  DPST MINIATURE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ733W-2A-48DE Datasheet(HTML) 1 Page - ZETTLER Electronics

  AZ733W-2A-48DE Datasheet HTML 1Page - ZETTLER Electronics AZ733W-2A-48DE Datasheet HTML 2Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
5 x 105
Electrical
1 x 105 at 10 A 250 VAC Res.
Operate Time (typical)
10 ms at nominal coil voltage
Release Time (typical)
4 ms at nominal coil voltage
(with no coil suppression)
Dielectric Strength
5000 Vrms contact to coil
(at sea level for 1 min.) 3000 Vrms between open contacts
3000 Vrms between contact sets
Insulation
1000 megohms min. at 20°C, 500 VDC,
Resistance
50% RH
Dropout
Greater than 10% of nominal coil voltage
Ambient Temperature
at nominal coil voltage
Operating
-40°C (-40°F) to 70°C (158°F)
Storage
-40°C (-40°F) to 105°C (221°F)
Vibration
0.062" (1.5 mm) DA at 10–55 Hz
Shock
10 g
Enclosure
P.B.T. polyester
Terminals
Tinned copper alloy, P.C.
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
18 grams
Packing unit in pcs
50 per plastic tray / 500 per carton box
CONTACTS
Arrangement
DPST (2 Form A)
Ratings
Resistive load:
Max. switched power: 240 W or 2500 VA
Max. switched current: 10 A
Max. switched voltage: 150 VDC* or 400 VAC
*
Note: If switching voltage is greater than 30 VDC,
special precautions must be taken.
Please contact the factory.
Rated Load
UL, CUR
10 A at 250 VAC general use 100k cycles [1] [2] [3]
TV-3 at 125 VAC [1]
TÜV
10 A at 30 VDC resistive, 100k cycles [1] [2] [3]
10 A at 250 VAC resistive, 100k cycles [1] [2] [3]
Material
Silver cadmium oxide [1], silver tin oxide [2]
or silver nickel [3]
Resistance
< 50 milliohms initially
ZETTLER electronics GmbH
Fax +49 89 800 97 200
www.ZETTLERelectronics.com
office@ZETTLERelectronics.com
0
97
800
89
+49
Tel.
Germany
Puchheim,
D-82178
Junkersstrasse 3,
2005-02-16
AZ733W
DPST MINIATURE
POWER RELAY
FEATURES
• Dielectric strength 5000 Vrms
• 1.5 mm contact gap
• Epoxy sealed version available
• 10 Amp switching — double pole contacts
• Isolation spacing greater than 8 mm
• UL, CUR file E44211
• TÜV file R9659062
COIL
Power
At Pickup Voltage
450 mW
(typical)
Max. Continuous
2.0 W at 20°C (68°F) ambient
Dissipation
Temperature Rise
40°C (83°F) at nominal coil voltage
Temperature
Max. 130°C (266°F)
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Specifications subject to change without notice.


Similar Part No. - AZ733W-2A-48DE

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ733W-2A-48DE AZETTLER-AZ733W-2A-48DE Datasheet
133Kb / 2P
   DPST MINIATURE POWER RELAY
More results

Similar Description - AZ733W-2A-48DE

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ733W AZETTLER-AZ733W Datasheet
133Kb / 2P
   DPST MINIATURE POWER RELAY
AZ734 AZETTLER-AZ734 Datasheet
79Kb / 2P
   DPST MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ733W ZETTLER-AZ733W_10 Datasheet
60Kb / 3P
   DPST MINIATURE POWER RELAY
logo
Standex Electronics, In...
8812285100 STANDEX-8812285100 Datasheet
99Kb / 2P
   RELAY REED DPST 1A 12V
Version: 03
8812285200 STANDEX-8812285200 Datasheet
99Kb / 2P
   RELAY REED DPST 1A 12V
Version : 06
logo
List of Unclassifed Man...
AZ726 ETC-AZ726 Datasheet
77Kb / 2P
   MINIATURE POWER RELAY
AZ961 ETC1-AZ961 Datasheet
62Kb / 2P
   MINIATURE POWER RELAY
logo
Tyco Electronics
PTF MACOM-PTF Datasheet
199Kb / 3P
   Miniature Power Relay
logo
American Zettler, Inc.
AZ960 AZETTLER-AZ960 Datasheet
78Kb / 2P
   MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ732 ETC1-AZ732 Datasheet
18Kb / 1P
   MINIATURE POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com