Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ761-1C-18D Datasheet(PDF) 2 Page - ZETTLER Electronics

Part # AZ761-1C-18D
Description  12 A SPDT MINIATURE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ761-1C-18D Datasheet(HTML) 2 Page - ZETTLER Electronics

  AZ761-1C-18D Datasheet HTML 1Page - ZETTLER Electronics AZ761-1C-18D Datasheet HTML 2Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RELAY ORDERING DATA
COIL SPECIFICATIONS – 12 A RATING
ORDER NUMBER*
Nominal Coil
Must Operate
Max. Continuous
Coil Resistance
1 Form A
1 Form C
VDC
VDC
VDC
Ohm ± 10%
5
3.5
10.2
62
AZ761–1A–5D
AZ761–1C–5D
6
4.2
12.3
90
AZ761–1A–6D
AZ761–1C–6D
9
6.3
18.3
200
AZ761–1A–9D
AZ761–1C–9D
12
8.4
24.7
360
AZ761–1A–12D
AZ761–1C–12D
18
12.6
37.0
810
AZ761–1A–18D
AZ761–1C–18D
24
16.8
49.4
1,440
AZ761–1A–24D
AZ761–1C–24D
48
33.6
98.0
5,760
AZ761–1A–48D
AZ761–1C–48D
60
42.0
112.9
7,500
AZ761–1A–60D
AZ761–1C–60D
110
77.0
206.9
25,200
AZ761–1A–110D
AZ761–1C–110D
COIL SPECIFICATIONS – SENSITIVE COIL - 10 A RATING
ORDER NUMBER*
Nominal Coil
Must Operate
Max. Continuous
Coil Resistance
1 Form A
1 Form C
VDC
VDC
VDC
Ohm ± 10%
5
3.8
13.0
100
AZ761–1A–5DS
AZ761–1C–5DS
6
4.5
15.6
144
AZ761–1A–6DS
AZ761–1C–6DS
12
9.0
31.3
576
AZ761–1A–12DS
AZ761–1C–12DS
18
13.5
46.9
1,296
AZ761–1A–18DS
AZ761–1C–18DS
24
18.0
62.6
2,304
AZ761–1A–24DS
AZ761–1C–24DS
48
36.0
125.2
9,216
AZ761–1A–48DS
AZ761–1C–48DS
60
45.0
147.8
12,867
AZ761–1A–60DS
AZ761–1C–60DS
* “1A” or “1C” denote silver cadmium oxide contacts.
Substitute “1B” in place of “1A” for 1 Form B contact.
Add suffix “E” to “1A” or “1B” or “1C” for silver tin oxide contacts.
Add suffix “B” to “1A” or “1B” or “1C” for silver nickel contacts.
Add suffix “E” at the end of order number for sealed version.
Add suffix “A” at the end of order number for gold plated contacts.
Add suffix “K” at the end of order number for 5 mm pin spacing version.
MECHANICAL DATA
[7.6]
.299
.101
[2.56]
.260
[6.6]
[5.04]
.198
[5.04]
.198
[3.5]
.138
[ø 1.3]
5 x ø .051
[6.6]
.260
[20.16]
.794
[ø 1.3]
5 x ø .051
[29.3]
1.155 Max.
[13.0]
.512 Max.
[0.5]
3 x .020
[0.3]
.012
[16.0]
.63 Max.
[3.6]
.142
[0.5]
2 x .020
[0.8]
3 x .031
[0.5]
2 x .020
[20.16]
.794
[7.6]
.299
[3.5]
.138
WIRING DIAGRAMS
PC BOARD LAYOUT
5.0mm spacing Form C
3.5mm spacing Form C
1 Form C
1 Form A
Viewed toward terminals
Viewed toward terminals
1 Form B
* Not used on 1 Form A relay
** Not used on 1 Form B relay
**
**
*
*
Dimensions in inches with metric equivalents in parentheses. Tolerance: ± .010"
2004-09-27
ZETTLER electronics GmbH
Fax +49 89 800 97 200
www.ZETTLERelectronics.com
office@ZETTLERelectronics.com
0
97
800
89
+49
Tel.
Germany
Puchheim,
D-82178
Junkersstrasse 3,
AZ761


Similar Part No. - AZ761-1C-18D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ761-1C-18D AZETTLER-AZ761-1C-18D Datasheet
162Kb / 3P
   12 A SPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ761-1C-18D ZETTLER-AZ761-1C-18D Datasheet
56Kb / 3P
   12 A SPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ761-1C-18DE AZETTLER-AZ761-1C-18DE Datasheet
162Kb / 3P
   12 A SPDT MINIATURE POWER RELAY
AZ761-1C-18DS AZETTLER-AZ761-1C-18DS Datasheet
162Kb / 3P
   12 A SPDT MINIATURE POWER RELAY
AZ761-1C-18DSE AZETTLER-AZ761-1C-18DSE Datasheet
162Kb / 3P
   12 A SPDT MINIATURE POWER RELAY
More results

Similar Description - AZ761-1C-18D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ763 ZETTLER-AZ763 Datasheet
207Kb / 4P
   12 A SPDT MINIATURE POWER RELAY
AZ761 ZETTLER-AZ761_14 Datasheet
56Kb / 3P
   12 A SPDT MINIATURE POWER RELAY
AZ763 ZETTLER-AZ763_13 Datasheet
109Kb / 4P
   12 A SPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ761 AZETTLER-AZ761 Datasheet
162Kb / 3P
   12 A SPDT MINIATURE POWER RELAY
AZ763 AZETTLER-AZ763 Datasheet
104Kb / 2P
   12 A SPDT MINIATURE POWER RELAY
AZ762 AZETTLER-AZ762 Datasheet
172Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
AZ762P AZETTLER-AZ762P Datasheet
1Mb / 3P
   20 A SPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ762 ZETTLER-AZ762_14 Datasheet
51Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
AZ764 ZETTLER-AZ764_13 Datasheet
99Kb / 4P
   16 A SPDT MINIATURE POWER RELAY
AZ762 ZETTLER-AZ762 Datasheet
54Kb / 2P
   16 A SPDT MINIATURE POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com