Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT273PW Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74HCT273PW
Description  Octal D-type flip-flop with reset; positive-edge trigger
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT273PW Datasheet(HTML) 5 Page - NXP Semiconductors

  74HCT273PW Datasheet HTML 1Page - NXP Semiconductors 74HCT273PW Datasheet HTML 2Page - NXP Semiconductors 74HCT273PW Datasheet HTML 3Page - NXP Semiconductors 74HCT273PW Datasheet HTML 4Page - NXP Semiconductors 74HCT273PW Datasheet HTML 5Page - NXP Semiconductors 74HCT273PW Datasheet HTML 6Page - NXP Semiconductors 74HCT273PW Datasheet HTML 7Page - NXP Semiconductors 74HCT273PW Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
September 1993
5
Philips Semiconductors
Product specification
Octal D-type flip-flop with reset;
positive-edge trigger
74HC/HCT273
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: MSI
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to +125
min.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
CP to Qn
41
15
13
150
30
26
185
37
31
225
45
38
ns
2.0
4.5
6.0
Fig.6
tPHL
propagation delay
MR to Qn
44
16
14
150
30
26
185
37
31
225
45
38
ns
2.0
4.5
6.0
Fig.7
tTHL/ tTLH
output transition time
19
7
6
75
15
13
95
19
15
110
22
19
ns
2.0
4.5
6.0
Fig.6
tW
clock pulse width
HIGH or LOW
80
16
14
14
5
4
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.6
tW
master reset pulse width
LOW
60
12
10
17
6
5
75
15
13
90
18
15
ns
2.0
4.5
6.0
Fig.7
trem
removal time
MR to CP
50
10
9
−6
−2
−2
65
13
11
75
15
13
ns
2.0
4.5
6.0
Fig.7
tsu
set-up time
Dn to CP
60
12
10
11
4
3
75
15
13
90
18
15
ns
2.0
4.5
6.0
Fig.8
th
hold time
Dn to CP
3
3
3
−6
−2
−2
3
3
3
3
3
3
ns
2.0
4.5
6.0
Fig.8
fmax
maximum clock pulse
frequency
6.0
30
35
20.6
103
122
4.8
24
28
4.0
20
24
MHz
2.0
4.5
6.0
Fig.6


Similar Part No. - 74HCT273PW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HCT273PW NEXPERIA-74HCT273PW Datasheet
279Kb / 17P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 7 - 6 September 2021
logo
NXP Semiconductors
74HCT273PW-Q100 NXP-74HCT273PW-Q100 Datasheet
147Kb / 19P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 1-19 June 2013
logo
Nexperia B.V. All right...
74HCT273PW-Q100 NEXPERIA-74HCT273PW-Q100 Datasheet
277Kb / 18P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 2 - 3 September 2020
More results

Similar Description - 74HCT273PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC273-Q100 NXP-74HC273-Q100 Datasheet
147Kb / 19P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 1-19 June 2013
logo
Nexperia B.V. All right...
74LVC273-Q100 NEXPERIA-74LVC273-Q100 Datasheet
715Kb / 16P
   Octal D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74AHC273 PHILIPS-74AHC273 Datasheet
92Kb / 20P
   Octal D-type flip-flop with reset; positive-edge trigger
1999 Sep 01
74AHC273 NXP-74AHC273_08 Datasheet
111Kb / 18P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 03-13 May 2008
74LV273 PHILIPS-74LV273 Datasheet
117Kb / 12P
   Octal D-type flip-flop with reset; positive-edge trigger
1998 May 29
logo
Nexperia B.V. All right...
74LVC273 NEXPERIA-74LVC273 Datasheet
259Kb / 14P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 8 - 31 August 2021
74HCT273 NEXPERIA-74HCT273 Datasheet
279Kb / 17P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 7 - 6 September 2021
logo
NXP Semiconductors
74LVC273 PHILIPS-74LVC273 Datasheet
95Kb / 10P
   Octal D-type flip-flop with reset; positive-edge trigger
1998 May 20
74HC273D-653 NXP-74HC273D-653 Datasheet
153Kb / 21P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 4-10 June 2013
logo
Nexperia B.V. All right...
74AHC273-Q100 NEXPERIA-74AHC273-Q100 Datasheet
814Kb / 19P
   Octal D-type flip-flop with reset; positive-edge trigger
74HC273-Q100 NEXPERIA-74HC273-Q100 Datasheet
277Kb / 18P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 2 - 3 September 2020
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com