Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9173ACM5 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9173ACM5
Description  1.5A/3A Bus Termination Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9173ACM5 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9173ACM5 Datasheet HTML 1Page - Richtek Technology Corporation RT9173ACM5 Datasheet HTML 2Page - Richtek Technology Corporation RT9173ACM5 Datasheet HTML 3Page - Richtek Technology Corporation RT9173ACM5 Datasheet HTML 4Page - Richtek Technology Corporation RT9173ACM5 Datasheet HTML 5Page - Richtek Technology Corporation RT9173ACM5 Datasheet HTML 6Page - Richtek Technology Corporation RT9173ACM5 Datasheet HTML 7Page - Richtek Technology Corporation RT9173ACM5 Datasheet HTML 8Page - Richtek Technology Corporation RT9173ACM5 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
RT9173/A
DS9173/A-06 March 2002
www.richtek-ic.com.tw
1
1.5A/3A Bus Termination Regulator
General Description
The RT9173/A regulator is designed to convert
voltage supplies ranging from 1.8V to 6V into a
desired output voltage which adjusted by two external
resistors, voltage divider. The regulator is capable of
sourcing or sinking up to 1.5A/3A of current while
regulating an output voltage to within 2% or less.
The RT9173/A, used in conjunction with series
termination resistors, provides an excellent voltage
source for active termination schemes of high speed
transmission lines as those seen in high speed
memory buses and distributed backplane designs.
The voltage output of the regulator can be used as a
termination voltage for DDR SDRAM.
Current limits in both sourcing and sinking mode, plus
on-chip thermal shutdown make the circuit tolerant of
the output fault conditions.
Applications
Computers
Disk Drives
CD-ROM
Supply Splitter
Graph Card
Ordering Information
RT9173/A
Features
Support Both DDR 1 (1.25VTT) and DDR 2
(0.9VTT) Requirements
Power TO-263-5 and SOP-8 Packages
Capable of Sourcing and Sinking Current
1.5A/3A
Current-limiting Protection
Thermal Protection
Integrated Power MOSFETs
Generates Termination Voltages for SSTL-2
High Accuracy Output Voltage at Full-load
Adjustable VOUT by External Resistors
Minimum External Components
Shutdown for Standby or Suspend Mode
Operation with High-impedance Output
Pin Configurations
Part Number
Pin Configurations
RT9173ACM5
(Plastic TO-263-5)
TOP VIEW
1. VIN
2. GND
3. VCNTL (TAB)
4. REFEN
5. VOUT
RT9173CS
(Plastic SOP-8)
TOP VIEW
Function Block Diagram
Operating temperature range
C: Commercial standard
Package type
M5 : TO-263-5
S : SOP-8
3A sink & source
1.5A sink & source
Thermal
Current
Limiting Sensor
VOUT
REFEN
GND
CNTL
VIN
VCNTL
12 3 4 5
VIN
GND
REFEN
VOUT
1
2
3
4
8
7
6
5
VCNTL
VCNTL
VCNTL
VCNTL


Similar Part No. - RT9173ACM5

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9173AGL5 RICHTEK-RT9173AGL5 Datasheet
306Kb / 13P
   Peak 3A Bus Termination Regulator
RT9173AGM5 RICHTEK-RT9173AGM5 Datasheet
306Kb / 13P
   Peak 3A Bus Termination Regulator
RT9173AGS RICHTEK-RT9173AGS Datasheet
306Kb / 13P
   Peak 3A Bus Termination Regulator
RT9173APL5 RICHTEK-RT9173APL5 Datasheet
306Kb / 13P
   Peak 3A Bus Termination Regulator
RT9173APM5 RICHTEK-RT9173APM5 Datasheet
306Kb / 13P
   Peak 3A Bus Termination Regulator
More results

Similar Description - RT9173ACM5

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP1250GM A-POWER-AP1250GM Datasheet
104Kb / 5P
   1.5A / 3A Bus Termination Regulator
logo
Unisonic Technologies
UR5515 UTC-UR5515 Datasheet
228Kb / 8P
   1.5A/3A BUS TERMINATION REGULATOR
logo
E-Tech Electronics LTD
UR5515 ETL-UR5515 Datasheet
316Kb / 8P
   1.5A/3A BUS TERMINATION REGULATOR
logo
Fairchild Semiconductor
ML6554 FAIRCHILD-ML6554 Datasheet
386Kb / 14P
   3A Bus Termination Regulator
logo
Unisonic Technologies
UR5516B UTC-UR5516B Datasheet
220Kb / 9P
   3A BUS TERMINATION REGULATOR
UR5516C UTC-UR5516C Datasheet
208Kb / 9P
   3A BUS TERMINATION REGULATOR
UR5516C UTC-UR5516C_15 Datasheet
236Kb / 8P
   3A BUS TERMINATION REGULATOR
logo
Micro Linear Corporatio...
ML6554 MICRO-LINEAR-ML6554 Datasheet
168Kb / 14P
   3A Bus Termination Regulator
logo
Unisonic Technologies
UR5516 UTC-UR5516_15 Datasheet
245Kb / 9P
   3A BUS TERMINATION REGULATOR
UR5516A UTC-UR5516A_16 Datasheet
227Kb / 8P
   3A BUS TERMINATION REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com