Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ761-1C-48DS Datasheet(PDF) 1 Page - ZETTLER Electronics

Part # AZ761-1C-48DS
Description  12 A SPDT MINIATURE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ761-1C-48DS Datasheet(HTML) 1 Page - ZETTLER Electronics

  AZ761-1C-48DS Datasheet HTML 1Page - ZETTLER Electronics AZ761-1C-48DS Datasheet HTML 2Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1 x 107
Electrical
1 x 105 at 12 A 250 VAC Res.
Operate Time (typical)
7 ms at nominal coil voltage
Release Time (typical)
3 ms at nominal coil voltage
(with no coil suppression)
Dielectric Strength
5000 Vrms coil to contact
(at sea level for 1 min.) 1000 Vrms between open contacts
Insulation
1000 megohms min. at 20°C
Resistance
500 VDC 50% RH
Insulation
C250
(according to
Overvoltage category: III
DIN VDE 0110,
Pollution degree: 3
IEC 60664-1)
Nominal voltage: 250 VAC
Dropout
Greater than 10% of nominal coil voltage
Ambient Temperature
At nominal coil voltage
Operating
-40°C (-40°F) to 85°C (185°F) standard
-40°C (-40°F) to 105°C (221°F) sensitive
Storage
-40°C (-40°F) to 105°C (221°F)
Vibration
0.062" (1.5 mm) DA at 10–55 Hz
Shock
10 g
Enclosure
P.B.T. polyester
Terminals
Tinned copper alloy, P. C.
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 Seconds
Weight
14 grams
Packing unit in pcs
20 per plastic tube / 1000 per carton box
ZETTLER electronics GmbH
Fax +49 89 800 97 200
www.ZETTLERelectronics.com
office@ZETTLERelectronics.com
0
97
800
89
+49
Tel.
Germany
Puchheim,
D-82178
Junkersstrasse 3,
2004-09-27
AZ761
CONTACTS
Arrangement
SPDT (1 Form C)
SPST (1 Form A, 1 Form B)
Ratings
Resistive load:
Max. switched power: 360 W or 3324 VA
Max. switched current: 12 A
Max. switched voltage: 150 VDC* or 400 VAC
*
Note: If switching voltage is greater than 30 VDC,
special precautions must be taken.
Please contact the factory.
Rated Load
UL, CUR
12 A at 277 VAC resistive, 50k cycles
(standard coils) [1]
12 A at 277 VAC resistive, 100k cycles
(standard coils) [2] [3]
10 A at 250 VAC resistive, 100k cycles
(sensitive coils) [1]
1
/2 HP at 250 VAC (1 Form A) [1]
1
/3 HP at 125 VAC (1 Form A) [1]
B300 Pilot Duty [2]
R300 Pilot Duty [2]
VDE
12 A at 250 VAC resistive, [1] [2] and [3]
Material
Silver cadmium oxide [1] or silver tin oxide [2]
or silver nickel [3]. Gold plating available
Resistance
< 50 milliohms initially
12 A SPDT MINIATURE
POWER RELAY
FEATURES
• Dielectric strength 5000 Vrms
• Low cost
• Epoxy sealed version available
• 12 Amp switching
• Isolation spacing greater than 10 mm
• Reinforced insulation, EN 60730-1 (VDE 0631, part 1),
EN 60335-1 (VDE 0700, part 1)
• UL, CUR file E44211
• VDE 40006031
COIL
Power
At Pickup Voltage
196 mW, standard coil
(typical)
141 mW, sensitive coil
Max. Continuous
1.7 W at 20°C (68°F) ambient
Dissipation
Temperature Rise
26°C (47°F) standard coil
(at nominal voltage)
17°C (31°F) sensitive coil
Max. Temperature
130°C (266°F)
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Specifications subject to change without notice.


Similar Part No. - AZ761-1C-48DS

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ761-1C-48DS AZETTLER-AZ761-1C-48DS Datasheet
162Kb / 3P
   12 A SPDT MINIATURE POWER RELAY
AZ761-1C-48DSE AZETTLER-AZ761-1C-48DSE Datasheet
162Kb / 3P
   12 A SPDT MINIATURE POWER RELAY
More results

Similar Description - AZ761-1C-48DS

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ763 ZETTLER-AZ763 Datasheet
207Kb / 4P
   12 A SPDT MINIATURE POWER RELAY
AZ761 ZETTLER-AZ761_14 Datasheet
56Kb / 3P
   12 A SPDT MINIATURE POWER RELAY
AZ763 ZETTLER-AZ763_13 Datasheet
109Kb / 4P
   12 A SPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ761 AZETTLER-AZ761 Datasheet
162Kb / 3P
   12 A SPDT MINIATURE POWER RELAY
AZ763 AZETTLER-AZ763 Datasheet
104Kb / 2P
   12 A SPDT MINIATURE POWER RELAY
AZ762 AZETTLER-AZ762 Datasheet
172Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
AZ762P AZETTLER-AZ762P Datasheet
1Mb / 3P
   20 A SPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ762 ZETTLER-AZ762_14 Datasheet
51Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
AZ764 ZETTLER-AZ764_13 Datasheet
99Kb / 4P
   16 A SPDT MINIATURE POWER RELAY
AZ762 ZETTLER-AZ762 Datasheet
54Kb / 2P
   16 A SPDT MINIATURE POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com