Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ763L-1C-115A Datasheet(PDF) 2 Page - ZETTLER Electronics

Part # AZ763L-1C-115A
Description  12 A SPDT MINIATURE POWER RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ763L-1C-115A Datasheet(HTML) 2 Page - ZETTLER Electronics

  AZ763L-1C-115A Datasheet HTML 1Page - ZETTLER Electronics AZ763L-1C-115A Datasheet HTML 2Page - ZETTLER Electronics AZ763L-1C-115A Datasheet HTML 3Page - ZETTLER Electronics AZ763L-1C-115A Datasheet HTML 4Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2005-08-04
ZETTLER electronics GmbH
Fax +49 89 800 97 200
www.ZETTLERelectronics.com
office@ZETTLERelectronics.com
0
97
800
89
+49
Tel.
Germany
Puchheim,
D-82178
Junkersstrasse 3,
AZ763
* For right spacing substitute “AZ763R” for “AZ763L”. Substitute “1A” for “1C” for 1 Form A contacts.
“1A” or “1C” denote silver nickel contacts. Add “G” to “1A” or “1C” for gold plated silver nickel contacts.
Add “E” to “1A” or “1C” for silver tin oxide contacts.
Add suffix “E” at the end of order number for sealed version.
COIL SPECIFICATIONS - AC COIL
ORDER NUMBER*
Nominal Coil
Must Operate
Max. Continuous
Nominal Current
Coil Resistance
3.5 mm STD
5 mm Left
VAC
VAC
VAC
mA ± 10%
Ohm ± 10%
12
9.0
18.0
63.0
100
AZ763–1C–12A
AZ763L–1C–12A
24
18.0
36.0
31.3
400
AZ763–1C–24A
AZ763L–1C–24A
48
36.0
72.0
15.6
1,550
AZ763–1C–48A
AZ763L–1C–48A
60
45.0
90.0
12.5
2,600
AZ763–1C–60A
AZ763L–1C–60A
110
82.5
165.0
6.8
8,900
AZ763–1C–110A
AZ763L–1C–110A
115
86.3
172.5
6.5
9,600
AZ763–1C–115A
AZ763L–1C–115A
120
90.0
180.0
6.3
10,200
AZ763–1C–120A
AZ763L–1C–120A
220
165.0
330.0
3.4
35,500
AZ763–1C–220A
AZ763L–1C–220A
230
172.5
345.0
3.3
38,500
AZ763–1C–230A
AZ763L–1C–230A
240
180.0
360.0
3.1
42,500
AZ763–1C–240A
AZ763L–1C–240A
RELAY ORDERING DATA
COIL SPECIFICATIONS - DC COIL
ORDER NUMBER*
Nominal Coil
Must Operate
Max. Continuous
Coil Resistance
3.5 mm STD
5 mm Left
VDC
VDC
VDC
Ohm ± 10%
3
2.1
7.6
22
AZ763–1C–3D
AZ763L–1C–3D
5
3.5
12.7
60
AZ763–1C–5D
AZ763L–1C–5D
6
4.2
15.3
90
AZ763–1C–6D
AZ763L–1C–6D
9
6.3
22.9
200
AZ763–1C–9D
AZ763L–1C–9D
12
8.4
30.6
360
AZ763–1C–12D
AZ763L–1C–12D
18
12.6
45.9
710
AZ763–1C–18D
AZ763L–1C–18D
24
16.8
61.2
1,440
AZ763–1C–24D
AZ763L–1C–24D
36
25.2
92.0
3,140
AZ763–1C–36D
AZ763L–1C–36D
48
33.6
122.0
5,700
AZ763–1C–48D
AZ763L–1C–48D
60
42.0
153.0
7,500
AZ763–1C–60D
AZ763L–1C–60D
110
77.0
280.0
25,200
AZ763–1C–110D
AZ763L–1C–110D
B
A
0
IN= 12 A
10
20
30
40
50
60
70
80
90 100
0,6
0,8
1,0
1,2
1,4
1,6
1,8
2,0
2,2
2,4
2,6
2,8
3,0
1
2
3
1 - no load on contacts
2 - half of rated load on contacts
3 - rated load on contacts
DC - Coil operating range
A - Cold coil ( Tcoil = Tambient)
B - Hot coil (1,1 x UN), contact load = IN
Ambient temperature [°C]
0
10
203040
5060
708090 100
0,6
0,8
1,0
1,2
1,4
1,6
1,8
2,0
2,2
2,4
2,6
2,8
3,0
1 - no load on contacts
3 - rated load on contacts
AC - Coil operating range
B - Hot coil (1,1 x UN), contact load = IN
Ambient temperature [°C]
IN= 12 A
B
1
3


Similar Part No. - AZ763L-1C-115A

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ763L-1C-115A AZETTLER-AZ763L-1C-115A Datasheet
104Kb / 2P
   12 A SPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ763L-1C-115A ZETTLER-AZ763L-1C-115A Datasheet
109Kb / 4P
   12 A SPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ763L-1C-115AE AZETTLER-AZ763L-1C-115AE Datasheet
104Kb / 2P
   12 A SPDT MINIATURE POWER RELAY
More results

Similar Description - AZ763L-1C-115A

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ761 ZETTLER-AZ761_14 Datasheet
56Kb / 3P
   12 A SPDT MINIATURE POWER RELAY
AZ763 ZETTLER-AZ763_13 Datasheet
109Kb / 4P
   12 A SPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ761 AZETTLER-AZ761 Datasheet
162Kb / 3P
   12 A SPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ761 ZETTLER-AZ761 Datasheet
56Kb / 2P
   12 A SPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ763 AZETTLER-AZ763 Datasheet
104Kb / 2P
   12 A SPDT MINIATURE POWER RELAY
AZ762 AZETTLER-AZ762 Datasheet
172Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
AZ762P AZETTLER-AZ762P Datasheet
1Mb / 3P
   20 A SPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ762 ZETTLER-AZ762_14 Datasheet
51Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
AZ764 ZETTLER-AZ764_13 Datasheet
99Kb / 4P
   16 A SPDT MINIATURE POWER RELAY
AZ762 ZETTLER-AZ762 Datasheet
54Kb / 2P
   16 A SPDT MINIATURE POWER RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com