Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ764-1AH-3D Datasheet(PDF) 3 Page - ZETTLER Electronics

Part # AZ764-1AH-3D
Description  16 A SPDT MINIATURE POWER RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ764-1AH-3D Datasheet(HTML) 3 Page - ZETTLER Electronics

  AZ764-1AH-3D Datasheet HTML 1Page - ZETTLER Electronics AZ764-1AH-3D Datasheet HTML 2Page - ZETTLER Electronics AZ764-1AH-3D Datasheet HTML 3Page - ZETTLER Electronics AZ764-1AH-3D Datasheet HTML 4Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ACCESSORIES
MECHANICAL DATA
AZ764
ZETTLER electronics GmbH
Fax +49 89 800 97 200
www.ZETTLERelectronics.com
office@ZETTLERelectronics.com
0
97
800
89
+49
Tel.
Germany
Puchheim,
D-82178
Junkersstrasse 3,
2005-08-04
MECHANICAL DATA
[2.5]
.098
[5.0]
.197
[5.0]
.197
PC BOARD LAYOUT
.60
[15.12]
[5.0]
.197
.197
[5.0]
[15.12]
[15.7]
.618
[3.9]
.154
[0.9]
6 x .035
6 x ø .050
[ø 1.3]
6 x .020
[0.5]
.295
[7.5]
[2.5]
.098
.60
[12.7]
0.500
[7.5]
.295
[7.5]
.295
[29.0]
1.142
[ø 0.6]
2 x ø .024
WIRING DIAGRAMS
Max.
Max.
Max.
*
*
* Not used on 1 Form A relay
2 x ø .040
[ø 1.0]
1 Form A
1 Form C
Viewed toward terminals
Viewed toward terminals
2
1
3
6
4
7
5
8
2
1
4
7
5
8
Dimensions in inches with metric equivalents in parentheses. Tolerance: ± .010"
EC 50
ES 50
MP 16 / MH 16
MS 16
h = 15 ... 16.5 mm
h = 15 ... 16.5 mm
For P.C.B. mount: Socket EC 50
Retaining Clip MP 16 / MH 16
For DIN rail mount: Socket ES 50
Retaining Clip MS 16


Similar Part No. - AZ764-1AH-3D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ764-1A-110A ZETTLER-AZ764-1A-110A Datasheet
99Kb / 4P
   16 A SPDT MINIATURE POWER RELAY
AZ764-1A-110D ZETTLER-AZ764-1A-110D Datasheet
99Kb / 4P
   16 A SPDT MINIATURE POWER RELAY
AZ764-1A-115A ZETTLER-AZ764-1A-115A Datasheet
99Kb / 4P
   16 A SPDT MINIATURE POWER RELAY
AZ764-1A-120A ZETTLER-AZ764-1A-120A Datasheet
99Kb / 4P
   16 A SPDT MINIATURE POWER RELAY
AZ764-1A-12A ZETTLER-AZ764-1A-12A Datasheet
99Kb / 4P
   16 A SPDT MINIATURE POWER RELAY
More results

Similar Description - AZ764-1AH-3D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ762 AZETTLER-AZ762 Datasheet
172Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ762 ZETTLER-AZ762_14 Datasheet
51Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
AZ764 ZETTLER-AZ764_13 Datasheet
99Kb / 4P
   16 A SPDT MINIATURE POWER RELAY
AZ762 ZETTLER-AZ762 Datasheet
54Kb / 2P
   16 A SPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ762-1AE AZETTLER-AZ762-1AE Datasheet
172Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
AZ764 AZETTLER-AZ764 Datasheet
90Kb / 2P
   16 A SPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ764S ZETTLER-AZ764S_12 Datasheet
82Kb / 4P
   16 A SPDT MINIATURE POWER RELAY SMT
AZ764S ZETTLER-AZ764S Datasheet
80Kb / 4P
   16 A SPDT MINIATURE POWER RELAY SMT
logo
American Zettler, Inc.
AZ762H AZETTLER-AZ762H Datasheet
171Kb / 3P
   16 A SPDT MINIATURE HIGH TEMPERATURE POWER RELAY
logo
ZETTLER Electronics
AZ763 ZETTLER-AZ763 Datasheet
207Kb / 4P
   12 A SPDT MINIATURE POWER RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com