Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L934SRDF Datasheet(PDF) 3 Page - Kingbright Corporation

Part # L934SRDF
Description  T-1(3MM) SUPER BRIGHT LED LAMPS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

L934SRDF Datasheet(HTML) 3 Page - Kingbright Corporation

  L934SRDF Datasheet HTML 1Page - Kingbright Corporation L934SRDF Datasheet HTML 2Page - Kingbright Corporation L934SRDF Datasheet HTML 3Page - Kingbright Corporation L934SRDF Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SPEC NO: CDA0754
REV NO: V.1
DATE: NOV/12/2001
PAGE: 3 OF 4
APPROVED: J.LU
CHECKED:
DRAWN: S.H.CHEN
Absolute Maximum Ratings at T)=25°°°°°C
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 4mm below package base.
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
Pd
e
R
t
h
g
ir
B
r
e
p
u
Sd
e
R
t
h
g
ir
B
r
e
p
u
S
d
e
R
t
h
g
ir
B
r
e
p
u
S
d
e
R
t
h
g
ir
B
r
e
p
u
Sd
e
R
t
h
g
ir
B
r
e
p
u
Sn
e
e
r
G
t
h
g
ir
B
r
e
p
u
Sn
e
e
r
G
t
h
g
ir
B
r
e
p
u
S
n
e
e
r
G
t
h
g
ir
B
r
e
p
u
S
n
e
e
r
G
t
h
g
ir
B
r
e
p
u
Sn
e
e
r
G
t
h
g
ir
B
r
e
p
u
Ss
ti
n
Us
ti
n
U s
ti
n
U s
ti
n
Us
ti
n
U
n
o
it
a
p
i
s
s
i
d
r
e
w
o
P0
0
15
0
1W
m
t
n
e
rr
u
C
d
r
a
w
r
o
F
C
D0
35
2A
m
]
1
[
t
n
e
rr
u
C
d
r
a
w
r
o
F
k
a
e
P5
5
10
4
1A
m
e
g
a
tl
o
V
e
s
r
e
v
e
R5
5
V
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
/
g
n
it
a
r
e
p
O
0
4
- °
5
8
+
o
T
C
°C
]
2
[
e
r
u
t
a
r
e
p
m
e
T
r
e
d
l
o
S
d
a
e
L
0
6
2 °
s
d
n
o
c
e
S
5
r
o
F
C
Super Bright Red L934SRC/x,L934SRD/x


Similar Part No. - L934SRDF

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L934SE KINGBRIGHT-L934SE Datasheet
88Kb / 3P
   T-1 (3mm) SOLID STATE LAMPS
L934SEC KINGBRIGHT-L934SEC Datasheet
88Kb / 3P
   T-1 (3mm) SOLID STATE LAMPS
L934SED KINGBRIGHT-L934SED Datasheet
88Kb / 3P
   T-1 (3mm) SOLID STATE LAMPS
L934SET KINGBRIGHT-L934SET Datasheet
88Kb / 3P
   T-1 (3mm) SOLID STATE LAMPS
More results

Similar Description - L934SRDF

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L934LID KINGBRIGHT-L934LID Datasheet
149Kb / 5P
   T-1(3MM) SUPER BRIGHT LED LAMPS
logo
Gilway Technical Lamp
GHB-3M50-DR GILWAY-GHB-3M50-DR Datasheet
120Kb / 3P
   T-1 (3mm) SUPER BRIGHT LED LAMP
logo
Fairchild Semiconductor
MV7042 FAIRCHILD-MV7042 Datasheet
231Kb / 3P
   SUPER BRIGHT T-1 (3MM) LED LAMP - Water Clear
logo
QT Optoelectronics
MV7042 QT-MV7042 Datasheet
182Kb / 2P
   SUPER BRIGHT T-1 (3mm) LED LAMP - WATER CLEAR
MV7342 QT-MV7342 Datasheet
183Kb / 2P
   SUPER BRIGHT T-1 (3mm) LED LAMP - WATER CLEAR
MV7441 QT-MV7441 Datasheet
184Kb / 2P
   SUPER BRIGHT T-1 (3mm) LED LAMP -WATER CLEAR
MV7742 QT-MV7742 Datasheet
189Kb / 2P
   SUPER BRIGHT T-1 (3MM) LED LAMP - WATER CLEAR
MV7842 QT-MV7842 Datasheet
187Kb / 2P
   SUPER BRIGHT T-1 (3mm) LED LAMP - WATER CLEAR
logo
Fairchild Semiconductor
MV7441 FAIRCHILD-MV7441 Datasheet
245Kb / 3P
   SUPER BRIGHT T-1 (3mm) LED LAMP Water Clear
MV7342 FAIRCHILD-MV7342 Datasheet
281Kb / 3P
   SUPER BRIGHT T-1 (3mm) LED LAMP - Water Clear
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com