Electronic Components Datasheet Search |
|
AZ764FH-1AE-48D Datasheet(PDF) 2 Page - ZETTLER Electronics |
|
AZ764FH-1AE-48D Datasheet(HTML) 2 Page - ZETTLER Electronics |
2 / 4 page 2005-08-22 ZETTLER electronics GmbH Fax +49 89 800 97 200 www.ZETTLERelectronics.com office@ZETTLERelectronics.com 0 97 800 89 +49 Tel. Germany Puchheim, D-82178 Junkersstrasse 3, AZ764F * Substitue “FV” for “FH” for vertical quick connect terminals. COIL SPECIFICATIONS - AC COIL ORDER NUMBER* Nominal Coil Must Operate Max. Continuous Nominal Current Coil Resistance VAC VAC VAC mA ± 10% Ohm ± 10% 12 9.0 18.0 63.0 100 AZ764FH–1AE–12A 24 18.0 36.0 31.3 400 AZ764FH–1AE–24A 115 86.3 172.5 6.5 9,600 AZ764FH–1AE–115A 230 172.5 345.0 3.3 38,500 AZ764FH–1AE–230A 240 180.0 360.0 3.1 42,500 AZ764FH–1AE–240A B A 0 10 203040 5060 708090 100 0,6 0,8 1,0 1,2 1,4 1,6 1,8 2,0 2,2 2,4 2,6 2,8 3,0 1 2 3 1 - no load on contacts 2 - half of rated load on contacts 3 - rated load on contacts DC - Coil operating range A - Cold coil ( Tcoil = Tambient) B - Hot coil (1,1 x UN), contact load = 16 A C - Cold coil ( Tcoil = Tambient) sensitive coil Ambient temperature [°C] 110 120 4 4 C - rated load on contacts (sensitive coil) 0 10 203040 5060 708090 100 0,6 0,8 1,0 1,2 1,4 1,6 1,8 2,0 2,2 2,4 2,6 2,8 3,0 1 - no load on contacts 3 - rated load on contacts AC - Coil operating range B - Hot coil (1,1 x UN), contact load = IN Ambient temperature [°C] IN= 16 A B 1 3 RELAY ORDERING DATA COIL SPECIFICATIONS - DC COIL ORDER NUMBER* Nominal Coil Must Operate Max. Continuous Coil Resistance VDC VDC VDC Ohm ±10% 5 3.5 12.7 60 AZ764FH–1AE–5D 6 4.2 15.3 90 AZ764FH–1AE–6D 9 6.3 22.9 200 AZ764FH–1AE–9D 12 8.4 30.6 360 AZ764FH–1AE–12D 18 12.6 45.9 710 AZ764FH–1AE–18D 24 16.8 61.2 1,440 AZ764FH–1AE–24D 48 33.6 122.0 5,700 AZ764FH–1AE–48D 60 42.0 153.0 7,500 AZ764FH–1AE–60D 110 77.0 280.0 25,200 AZ764FH–1AE–110D COIL SPECIFICATIONS - DC COIL SENSITIVE VERSION ORDER NUMBER* Nominal Coil Must Operate Max. Continuous Coil Resistance VDC VDC VDC Ohm ±10% 5 3.75 15.0 102 AZ764FH–1AE–5DS 6 4.5 18.0 144 AZ764FH–1AE–6DS 9 6.75 27.0 330 AZ764FH–1AE–9DS 10 7.5 30.0 400 AZ764FH–1AE–10DS 12 9.0 36.0 580 AZ764FH–1AE–12DS 24 18.0 72.0 2,300 AZ764FH–1AE–24DS |
Similar Part No. - AZ764FH-1AE-48D |
|
Similar Description - AZ764FH-1AE-48D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |