Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK1861 Datasheet(PDF) 10 Page - Shindengen Electric Mfg.Co.Ltd

Part # 2SK1861
Description  VR Series Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

2SK1861 Datasheet(HTML) 10 Page - Shindengen Electric Mfg.Co.Ltd

Back Button 2SK1861 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd 2SK1861 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd 2SK1861 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd 2SK1861 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd 2SK1861 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd 2SK1861 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd 2SK1861 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd 2SK1861 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd 2SK1861 Datasheet HTML 10Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image


Similar Part No. - 2SK1861

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK1861 ISC-2SK1861 Datasheet
378Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK1861

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
F05B23VR SHINDENGEN-F05B23VR Datasheet
432Kb / 12P
   VR Series Power MOSFET(230V 0.5A)
2SK1195 SHINDENGEN-2SK1195 Datasheet
395Kb / 10P
   VR Series Power MOSFET(230V 1.5A)
2SK1931 SHINDENGEN-2SK1931 Datasheet
370Kb / 9P
   VR Series Power MOSFET(200V 5A)
2SK1194 SHINDENGEN-2SK1194 Datasheet
397Kb / 10P
   VR Series Power MOSFET(230V 0.5A)
logo
Winbond
W51300 WINBOND-W51300 Datasheet
183Kb / 12P
   FLASH VR CONTROLLER
logo
Dialog Semiconductor
SLG7NT4100 DIALOG-SLG7NT4100 Datasheet
352Kb / 9P
   VR Enable and Discharge
logo
International Rectifier
IR3081A IRF-IR3081A Datasheet
1Mb / 39P
   XPHASETM VR 10 CONTROL IC
logo
List of Unclassifed Man...
70-0066-A ETC1-70-0066-A Datasheet
62Kb / 1P
   VR Stamp with Serial EEPROM
115058-14 ETC1-115058-14 Datasheet
262Kb / 3P
   Type VR Vertical Mounting Clamp
80-0281-E ETC1-80-0281-E Datasheet
159Kb / 2P
   VR STAMP WITH SERIAL EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com