Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16F80 Datasheet(PDF) 3 Page - International Rectifier

Part # 16F80
Description  6,12 and 16 Amp Diffused Silicon Rectifier Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

16F80 Datasheet(HTML) 3 Page - International Rectifier

  16F80 Datasheet HTML 1Page - International Rectifier 16F80 Datasheet HTML 2Page - International Rectifier 16F80 Datasheet HTML 3Page - International Rectifier 16F80 Datasheet HTML 4Page - International Rectifier 16F80 Datasheet HTML 5Page - International Rectifier 16F80 Datasheet HTML 6Page - International Rectifier 16F80 Datasheet HTML 7Page - International Rectifier 16F80 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image


Similar Part No. - 16F80

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
16F80 VISHAY-16F80 Datasheet
141Kb / 6P
   Standard Recovery Diodes (Stud Version), 16 A
Revision: 29-Sep-08
logo
Naina Semiconductor ltd...
16F80 NAINA-16F80 Datasheet
115Kb / 2P
   Standard Recovery Diodes (Stud Version)
logo
Vishay Siliconix
16F80M VISHAY-16F80M Datasheet
141Kb / 6P
   Standard Recovery Diodes (Stud Version), 16 A
Revision: 29-Sep-08
16F80M VISHAY-16F80M Datasheet
154Kb / 7P
   Standard Recovery Diodes (Stud Version), 6 A
Revision: 29-Sep-08
More results

Similar Description - 16F80

ManufacturerPart #DatasheetDescription
logo
International Rectifier
1N1185A IRF-1N1185A Datasheet
377Kb / 5P
   35,40,and 60 Amp Power Silicon Rectifier Diodes
1N4816 IRF-1N4816 Datasheet
119Kb / 3P
   1.5 AND 2.0 AMP MOLDED SILICON RECTIFIER DIODES
logo
List of Unclassifed Man...
1N5390 ETC-1N5390 Datasheet
38Kb / 2P
   1.5 Amp. Silicon Rectifier Diodes
logo
SEMTECH ELECTRONICS LTD...
EZB100 SEMTECH_ELEC-EZB100 Datasheet
285Kb / 3P
   SILICON DIFFUSED ZENER DIODES
logo
NTE Electronics
NTE5892 NTE-NTE5892 Datasheet
24Kb / 2P
   Silicon Power Rectifier Diode, 16 Amp
NTE5500 NTE-NTE5500 Datasheet
21Kb / 2P
   Silicon Controlled Rectifier (SCR) 16 Amp
logo
International Rectifier
1N1199A IRF-1N1199A Datasheet
103Kb / 4P
   12 AMP MEDIUM POWER SILICON RECTIFIER DIODES
logo
Microsemi Corporation
30S MICROSEMI-30S Datasheet
82Kb / 2P
   3 AMP MEDIUM POWER SILICON RECTIFIER DIODES
60S MICROSEMI-60S Datasheet
100Kb / 2P
   6 AMP AXIAL-LEAD SILICON RECTIFIER DIODES
logo
New Jersey Semi-Conduct...
30S NJSEMI-30S Datasheet
54Kb / 1P
   3 AMP MEDIUM POWER SILICON RECTIFIER DIODES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com