Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6645 Datasheet(PDF) 3 Page - Analog Devices

Part # AD6645
Description  14-Bit, 80 MSPS A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6645 Datasheet(HTML) 3 Page - Analog Devices

  AD6645 Datasheet HTML 1Page - Analog Devices AD6645 Datasheet HTML 2Page - Analog Devices AD6645 Datasheet HTML 3Page - Analog Devices AD6645 Datasheet HTML 4Page - Analog Devices AD6645 Datasheet HTML 5Page - Analog Devices AD6645 Datasheet HTML 6Page - Analog Devices AD6645 Datasheet HTML 7Page - Analog Devices AD6645 Datasheet HTML 8Page - Analog Devices AD6645 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
REV. 0
–3–
AD6645
AC SPECIFICATIONS1
AD6645ASQ-80
Parameter (Conditions)
Temp
Test Level
Min
Typ
Max
Unit
SNR
Analog Input
15.5 MHz
25
∞CV
75.0
dB
@ –1 dBFS
30.5 MHz
25
∞CII
72.5
74.5
dB
70.0 MHz
25
∞CII
72.0
73.5
dB
150.0 MHz
25
∞CV
73.0
dB
200.0 MHz
25
∞CV
72.0
dB
SINAD
Analog Input
15.5 MHz
25
∞CV
75.0
dB
@ –1 dBFS
30.5 MHz
25
∞CII
72.5
74.5
dB
70.0 MHz
25
∞CV
73.0
dB
150.0 MHz
25
∞CV
68.5
dB
200.0 MHz
25
∞CV
62.5
dB
WORST HARMONIC (2
nd or 3rd)
Analog Input
15.5 MHz
25
∞CV
93.0
dBc
@ –1 dBFS
30.5 MHz
25
∞CII
85.0
93.0
dBc
70.0 MHz
25
∞CV
89.0
dBc
150.0 MHz
25
∞CV
70.0
dBc
200.0 MHz
25
∞CV
63.5
dBc
WORST HARMONIC (4th or HIGHER)
Analog Input
15.5 MHz
25
∞CV
96.0
dBc
@ –1 dBFS
30.5 MHz
25
∞CII
85.0
95.0
dBc
70.0 MHz
25
∞CV
90.0
dBc
150.0 MHz
25
∞CV
90.0
dBc
200.0 MHz
25
∞CV
88.0
dBc
TWO TONE SFDR @ 30.5 MHz
2, 3
25
∞CV
100
dBFS
55.0 MHz
2, 4
25
∞CV
100
dBFS
TWO TONE IMD REJECTION
3, 4
F1, F2 @ –7 dBFS
25
∞CV
90
dBc
ANALOG INPUT BANDWIDTH
25
∞CV
270
MHz
NOTES
1All ac specifications tested by driving ENCODE and
ENCODE differentially.
2Analog input signal power swept from –10 dBFS to –100 dBFS.
3F1 = 30.5 MHz, F2 = 31.5 MHz.
4F1 = 55.25 MHz, F2 = 56.25 MHz.
Specifications subject to change without notice.
SWITCHING SPECIFICATIONS
AD6645ASQ-80
Parameter (Conditions)
Temp
Test Level
Min
Typ
Max
Unit
Maximum Conversion Rate
Full
II
80
MSPS
Minimum Conversion Rate
Full
IV
30
MSPS
ENCODE Pulsewidth High (tENCH)*
Full
IV
5.625
ns
ENCODE Pulsewidth Low (tENCL)*
Full
IV
5.625
ns
*Several timing parameters are a function of tENCL and tENCH.
Specifications subject to change without notice.
(AVCC = 5 V, DVCC = 3.3 V; ENCODE and ENCODE = 80 MSPS; TMIN = –40 C, TMAX = +85 C, unless
otherwise noted.)
(AVCC = 5 V, DVCC = 3.3 V; ENCODE and ENCODE = 80 MSPS; TMIN = –40 C, TMAX = +85 C, unless
otherwise noted.)


Similar Part No. - AD6645

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6645 AD-AD6645 Datasheet
121Kb / 3P
   Low Jitter Sampling Clock Generator for High Performance ADCs
REV. 0
AD6645 AD-AD6645 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645 AD-AD6645 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645 AD-AD6645 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645 AD-AD6645 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
More results

Similar Description - AD6645

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9444 AD-AD9444 Datasheet
1Mb / 40P
   14-Bit, 80 MSPS, A/D Converter
REV. 0
AD9444 AD-AD9444_17 Datasheet
999Kb / 41P
   14-Bit, 80 MSPS, A/D Converter
AD9444 AD-AD9444_15 Datasheet
1Mb / 40P
   14-Bit, 80 MSPS, A/D Converter
REV. 0
AD6645ASQZ-80 AD-AD6645ASQZ-80 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASQZ-105 AD-AD6645ASQZ-105 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASVZ-80 AD-AD6645ASVZ-80 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645 AD-AD6645_15 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASQ-105 AD-AD6645ASQ-105 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASVZ-105 AD-AD6645ASVZ-105 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
logo
Texas Instruments
ADC14C080 TI1-ADC14C080_14 Datasheet
1Mb / 30P
[Old version datasheet]   14-Bit, 65/80 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com