Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ830-2C-12DE Datasheet(PDF) 2 Page - ZETTLER Electronics

Part # AZ830-2C-12DE
Description  POLARIZED DIP RELAY SINGLE SIDE STABLE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ830-2C-12DE Datasheet(HTML) 2 Page - ZETTLER Electronics

  AZ830-2C-12DE Datasheet HTML 1Page - ZETTLER Electronics AZ830-2C-12DE Datasheet HTML 2Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL CONTACT LIFE EXPECTANCY
NUMBER OF OPERATIONS
VOLTAGE
POWER
RESISTIVE
INDUCTIVE
LOAD
LOAD
50 mV
50 µW
5x 107
5 x 107
30 VDC
60 W
5 x 105
15 x 104
30 VDC
40 W
1 x 106
3 x 105
30 VDC
20 W
3 x 106
1 x 106
60 VDC
60 W
5 x 105
60 VDC
40 W
1 x 106
60 VDC
20 W
3 x 106
30 VAC
120 VA
5 x 105
15 x 104
30 VAC
80 VA
1 x 106
3 x 105
30 VAC
40 VA
3 x 106
1 x 106
60 VAC
120 VA
5 x 105
15 x 104
60 VAC
80 VA
1 x 106
3 x 105
60 VAC
40 VA
3 x 106
1 x 106
125 VAC
125 VA
5 x 105
15 x 104
125 VAC
80 VA
1 x 106
3 x 105
125 VAC
40 VA
3 x 106
1 x 106
RELAY ORDERING DATA
STANDARD COIL
COIL SPECIFICATIONS
Nominal
Max.
Coil
Must
Coil
Continuous
Resistance
Operate
ORDER NUMBER*
VDC
VDC
Ohm ± 10%
VDC
5
7.5
62.5
3.5
AZ830–2C–5DE
6
9.0
90
4.2
AZ830–2C–6DE
12
18.0
360
8.4
AZ830–2C–12DE
24
36.0
1,440
16.8
AZ830–2C–24DE
48
72.0
5,760
33.6
AZ830–2C–48DE
SENSITIVE RELAYS
5
11.0
125
3.5
AZ830–2C–5DSE
6
13.0
180
4.2
AZ830–2C–6DSE
12
26.0
720
8.4
AZ830–2C–12DSE
24
53.0
2,880
16.8
AZ830–2C–24DSE
48
106.0
11,520
33.6
AZ830–2C–48DSE
* Add suffix “A” for silver palladium gold clad contacts.
AZ830
ZETTLER electronics GmbH
Fax +49 89 800 97 200
www.ZETTLERelectronics.com
office@ZETTLERelectronics.com
0
97
800
89
+49
Tel.
Germany
Puchheim,
D-82178
Junkersstrasse 3,
2003-08-14
MECHANICAL DATA
.788
(20.0)
.044
(1.1)
.138
(3.5)
.015
(0.38)
.386
(9.8)
.300
(7.61)
.200
(5.07)
.200
(5.07)
.390
(9.9)
(.024 ± .005)
(0.6 ± 0.13)
TYP
.012 ± .005
(0.3 ± 0.13)
TYP
PC BOARD LAYOUT
WIRING DIAGRAM
Viewed toward
terminals
Viewed toward terminals
0.1
(2.54)
.044
(1.1) REF
.044
(1.1) REF
0.03 DIA
(0.8)
(8 HOLES)
1
16
4
13
6
11
8
9
+
(WATCH FOR POLARITY)
Maximum Switching Capacity
.1
.2
.3
.4
.5
.6
.7
.8
.9
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
Voltage
AC Resistive Load
DC Resistive Load
Coil Temperature Rise
110
100
90
80
70
60
50
40
30
20
10
60%
80%
100%
120%
140%
160%
180%
Percent of Nominal Coil Voltage
Standard
Full Load
No Load
60%
8 0%
100%
120%
140%
160%
180%
60
50
40
30
20
10
Percent of Nominal Coil Voltage
Sensitive
Full Load
No Load
Dimensions in inches with metric equivalents in parentheses. Tolerance: ± .010"
NOTES: 1. Relays operated at nominal coil voltage.
2. Inductive load tests are at 0.7 power factor.
3. Table represents typical life figures and are not
guaranteed minimums.


Similar Part No. - AZ830-2C-12DE

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ830-2C-12DE AZETTLER-AZ830-2C-12DE Datasheet
92Kb / 2P
   POLARIZED DIP RELAY SINGLE SIDE STABLE
logo
ZETTLER Electronics
AZ830-2C-12DE ZETTLER-AZ830-2C-12DE Datasheet
203Kb / 2P
   POLARIZED DIP RELAY SINGLE SIDE STABLE
More results

Similar Description - AZ830-2C-12DE

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ830 ZETTLER-AZ830_13 Datasheet
203Kb / 2P
   POLARIZED DIP RELAY SINGLE SIDE STABLE
logo
List of Unclassifed Man...
AZ832 ETC1-AZ832 Datasheet
55Kb / 2P
   POLARIZED DIP RELAY SINGLE SIDE STABLE
logo
ZETTLER Electronics
AZ832 ZETTLER-AZ832 Datasheet
46Kb / 2P
   POLARIZED DIP RELAY SINGLE SIDE STABLE
logo
American Zettler, Inc.
AZ832 AZETTLER-AZ832 Datasheet
228Kb / 3P
   POLARIZED DIP RELAY SINGLE SIDE STABLE
AZ830 AZETTLER-AZ830 Datasheet
92Kb / 2P
   POLARIZED DIP RELAY SINGLE SIDE STABLE
logo
ZETTLER Electronics
AZ832P ZETTLER-AZ832P Datasheet
50Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
List of Unclassifed Man...
AZ832P ETC1-AZ832P Datasheet
52Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
American Zettler, Inc.
AZ830P AZETTLER-AZ830P Datasheet
89Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ832P AZETTLER-AZ832P Datasheet
126Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
ZETTLER Electronics
AZ830P ZETTLER-AZ830P_13 Datasheet
137Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com