Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG411FEUE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DG411FEUE
Description  Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG411FEUE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DG411FEUE Datasheet HTML 6Page - Maxim Integrated Products DG411FEUE Datasheet HTML 7Page - Maxim Integrated Products DG411FEUE Datasheet HTML 8Page - Maxim Integrated Products DG411FEUE Datasheet HTML 9Page - Maxim Integrated Products DG411FEUE Datasheet HTML 10Page - Maxim Integrated Products DG411FEUE Datasheet HTML 11Page - Maxim Integrated Products DG411FEUE Datasheet HTML 12Page - Maxim Integrated Products DG411FEUE Datasheet HTML 13Page - Maxim Integrated Products DG411FEUE Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
the switch state. If the switch state is off, all FETs are
turned off and both NO_ (or NC_) and COM_ are high
impedance.
Negative Fault Condition
When the signal on NO_ (or NC_) and COM_ exceeds
V- by about 50mV, the low-fault comparator output is
high, turning off FETs N1 and P1. This makes the NO_
(or NC_) and COM_ pins high impedance regardless of
the switch state. If the switch state is off, all FETs are
turned off and both NO_ (or NC_) and COM_ are high
impedance.
Transient Fault Response and Recovery
When a fast rise-time and fall-time transient on NO_,
NC_, or COM_ exceeds V+ or V-, the output follows the
input to the supply rail with only a few nanoseconds
delay. This delay is due to the switch on-resistance and
circuit capacitance to ground. When the input transient
returns to within the supply rails, however, there is a
longer output recovery time delay. For positive faults,
the recovery time is typically 1µs. For negative faults,
the recovery time is typically 0.5µs. These values
depend on the output resistance and capacitance, and
are not production tested or guaranteed. The delays
are not dependent on the fault amplitude. Higher load
resistance and capacitance increase recovery times.
Fault-Protection Voltage and Power Off
The maximum fault voltage on the NO_ (or NC_) and
COM_ pins is ±36V with power applied and ±40V with
power off.
Failure Modes
Exceeding the fault-protection voltage limits on NO_,
NC_, or COM_, even for very short periods, can cause
the device to fail. See the Absolute Maximum Ratings.
The failure modes may not be obvious, and failure in
one switch may or may not affect other switches in the
same package.
Ground
There is no galvanic connection between the analog
signal paths and GND. The analog signal paths consist
of an N-channel and P-channel MOSFET with their
sources and drains paralleled and their gates driven
out of phase to V+ and V- by the logic-level translators.
However, the potential of the analog signals must be
defined or at least limited with respect to GND.
V+ and GND power the internal logic and logic-level
translators and set the input logic thresholds. The logic-
level translators convert the logic levels to switched V+
and V- signals to drive the gates of the analog switch-
es. This drive signal is the only connection between the
power supplies and the analog signals.
IN_ Logic-Level Thresholds
The logic-level thresholds are CMOS and TTL compati-
ble when V+ is +15V. As V+ is raised, the threshold
increases slightly, and when V+ reaches 25V, the level
threshold is about 2.3V, above the TTL output high-level
minimum of 2.4V, but still compatible with CMOS out-
puts (see the Typical Operating Characteristics). V- has
no effect on the logic-level thresholds.
Bipolar Supplies
The DG411F/DG412F/DG413F operate with bipolar
supplies between ±4.5V and ±20V. The V+ and V- sup-
plies need not be symmetrical, but their difference can-
not exceed the absolute maximum rating of 44V.
Single Supply
The DG411F/DG412F/DG413F operate from a single
supply between +9V and +36V when V- is connected to
GND.
Chip Information
TRANSISTOR COUNT: 251
PROCESS: CMOS
SUBSTRATE CONNECTED TO: V+
Quad, Rail-to-Rail, Fault-Protected,
SPST Analog Switches
10
______________________________________________________________________________________
Ordering Information (continued)
PART
TEMP RANGE
PIN-PACKAGE
DG412FEUE
-40°C to +85°C
16 TSSOP
DG412FDY
-40°C to +85°C
16 SO
DG412FDJ
-40°C to +85°C
16 Plastic DIP
DG413FEUE
-40°C to +85°C
16 TSSOP
DG413FDY
-40°C to +85°C
16 SO
DG413FDJ
-40°C to +85°C
16 Plastic DIP


Similar Part No. - DG411FEUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG411FEUE MAXIM-DG411FEUE Datasheet
1Mb / 17P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2021
More results

Similar Description - DG411FEUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4511 MAXIM-MAX4511_V01 Datasheet
538Kb / 17P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2002
MAX312FESE MAXIM-MAX312FESE Datasheet
338Kb / 15P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 1/03
MAX4511 MAXIM-MAX4511 Datasheet
310Kb / 16P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 6/98
DG411F MAXIM-DG411F_V01 Datasheet
1Mb / 17P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2021
MAX4510 MAXIM-MAX4510 Datasheet
156Kb / 12P
   Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 10/99
MAX4533 MAXIM-MAX4533 Datasheet
172Kb / 12P
   Quad, Rail-to-Rail, Fault-Protected, SPDT Analog Switch
Rev 0; 4/99
MAX4711 MAXIM-MAX4711 Datasheet
411Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4711 MAXIM-MAX4711 Datasheet
894Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
DG308A MAXIM-DG308A Datasheet
51Kb / 4P
   Quad, SPST Analog Switches
19-3926; Rev 0; 3/91
MAX4551 MAXIM-MAX4551 Datasheet
325Kb / 16P
   짹15kV ESD-Protected, Quad, Low-Voltage, SPST Analog Switches
Rev 0; 10/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com