Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG411FDY Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DG411FDY
Description  Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG411FDY Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DG411FDY Datasheet HTML 5Page - Maxim Integrated Products DG411FDY Datasheet HTML 6Page - Maxim Integrated Products DG411FDY Datasheet HTML 7Page - Maxim Integrated Products DG411FDY Datasheet HTML 8Page - Maxim Integrated Products DG411FDY Datasheet HTML 9Page - Maxim Integrated Products DG411FDY Datasheet HTML 10Page - Maxim Integrated Products DG411FDY Datasheet HTML 11Page - Maxim Integrated Products DG411FDY Datasheet HTML 12Page - Maxim Integrated Products DG411FDY Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Detailed Description
The DG411F/DG412F/DG413F are fault-protected
CMOS analog switches with unique operation and
construction. These switches differ considerably from
traditional fault-protection switches, with several advan-
tages. First, they are constructed with two parallel
FETs, allowing very low on-resistance when the switch
is on. Second, they allow signals on the NO_ or NC_
pins that are within, or slightly beyond, the supply rails
to be passed through the switch to the COM_ terminal
(or vice versa), allowing true rail-to-rail signal operation.
Third, the DG411F/DG412F/DG413F have the same
fault-protection performance on any of the NO_, NC_,
or COM_ switch inputs. Operation is identical for both
fault polarities. The fault protection extends to ±36V
from GND with
±15V supplies.
During a fault condition, the particular overvoltage input
(COM_, NO_, NC_) pin becomes high impedance
regardless of the switch state or load resistance. When
power is removed, the fault protection is still in effect. In
this case, the COM_, NO_, or NC_ terminals are a virtu-
al open circuit. The fault can be up to ±40V with power
off. The switches turn off when V+ is not powered,
regardless of V-.
Pin Compatibility
These switches have identical pinouts to common non-
fault-protected CMOS switches. They allow for carefree
direct replacement in existing printed circuit boards
since the NO_, NC_, and COM_ pins of each switch are
fault protected.
Internal Construction
Internal construction is shown in Figure 1, with the ana-
log signal paths shown in bold. A single NO switch is
shown. The NC configuration is identical except the
logic-level translator becomes an inverter. The analog
switch is formed by the parallel combination of N-chan-
nel FET (N1) and P-channel FET (P1), which are driven
on and off simultaneously according to the input fault
condition and the logic-level state.
Normal Operation
Two comparators continuously compare the voltage on
the COM_, NO_, and NC_ pins with V+ and V-. When
the signal on COM_, NO_, or NC_ is between V+ and
V-, the switch acts normally, with FETs N1 and P1 turn-
ing on and off in response to IN_ signals. The parallel
combination of N1 and P1 forms a low-value resistor
between NO_ (or NC_) and COM_ so that signals pass
equally well in either direction.
Positive Fault Condition
When the signal on NO_ (or NC_) and COM_ exceeds
V+ by about 50mV, the high-fault comparator output is
high, turning off FETs N1 and P1. This makes the NO_
(or NC_) and COM_ pins high impedance regardless of
Quad, Rail-to-Rail, Fault-Protected,
SPST Analog Switches
_______________________________________________________________________________________
9
PIN
DG411F
DG412F
DG413F
NAME
FUNCTION
1, 16, 9, 8
1, 16, 9, 8
1, 16, 9, 8
IN1, IN2, IN3, IN4
Logic Control Digital Inputs
2, 15, 10, 7
2, 15, 10, 7
2, 15, 10, 7
COM1, COM2, COM3,
COM4
Analog Switch Common Terminals
3, 14, 11, 6
——
NC1, NC2, NC3, NC4
Analog Switch Normally Closed Terminals
3, 14, 11, 6
NO1, NO2, NO3, NO4
Analog Switch Normally Open Terminals
——
3, 6
NO1, NO4
Analog Switch Normally Open Terminals
——
14, 11
NC2, NC3
Analog Switch Normally Closed Terminals
44
4
V-
Negative-Supply Voltage Input. Connect to GND for single-
supply operation. Bypass with a 0.1µF capacitor to GND.
5
5
5
GND
Ground. Connect to digital ground.
12
12
12
N.C.
No Connection. Not internally connected.
13
13
13
V+
Positive-Supply Voltage Input. Bypass with a 0.1µF capacitor
to GND.
Pin Description


Similar Part No. - DG411FDY

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG411FDY MAXIM-DG411FDY Datasheet
1Mb / 17P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2021
More results

Similar Description - DG411FDY

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4511 MAXIM-MAX4511_V01 Datasheet
538Kb / 17P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2002
MAX312FESE MAXIM-MAX312FESE Datasheet
338Kb / 15P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 1/03
MAX4511 MAXIM-MAX4511 Datasheet
310Kb / 16P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 6/98
DG411F MAXIM-DG411F_V01 Datasheet
1Mb / 17P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2021
MAX4510 MAXIM-MAX4510 Datasheet
156Kb / 12P
   Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 10/99
MAX4533 MAXIM-MAX4533 Datasheet
172Kb / 12P
   Quad, Rail-to-Rail, Fault-Protected, SPDT Analog Switch
Rev 0; 4/99
MAX4711 MAXIM-MAX4711 Datasheet
411Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4711 MAXIM-MAX4711 Datasheet
894Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
DG308A MAXIM-DG308A Datasheet
51Kb / 4P
   Quad, SPST Analog Switches
19-3926; Rev 0; 3/91
MAX4551 MAXIM-MAX4551 Datasheet
325Kb / 16P
   짹15kV ESD-Protected, Quad, Low-Voltage, SPST Analog Switches
Rev 0; 10/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com