Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZD27C9V1P Datasheet(PDF) 1 Page - Vaishali Semiconductor

Part # BZD27C9V1P
Description  Zener Diodes with Surge Current Specification
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

BZD27C9V1P Datasheet(HTML) 1 Page - Vaishali Semiconductor

  BZD27C9V1P Datasheet HTML 1Page - Vaishali Semiconductor BZD27C9V1P Datasheet HTML 2Page - Vaishali Semiconductor BZD27C9V1P Datasheet HTML 3Page - Vaishali Semiconductor BZD27C9V1P Datasheet HTML 4Page - Vaishali Semiconductor BZD27C9V1P Datasheet HTML 5Page - Vaishali Semiconductor BZD27C9V1P Datasheet HTML 6Page - Vaishali Semiconductor BZD27C9V1P Datasheet HTML 7Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BZD27C3V6P to BZD27C200P
Document Number 85810
Rev. 1.8, 13-Apr-05
Vishay Semiconductors
www.vishay.com
1
17249
Zener Diodes with Surge Current Specification
Features
• Sillicon Planar Zener Diodes
• Low profile surface-mount package
• Zener and surge current specification
• Low leakage current
• Excellent stability
• High temperature soldering:
260 °C/10 sec. at terminals
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Mechanical Data
Case: JEDEC DO-219AB (SMF®) Plastic case
Weight: approx. 15 mg
Packaging codes/options:
GS18 / 10 k per 13 " reel, (8 mm tape), 50 k/box
GS08 / 3 k per 7 " reel, (8 mm tape), 30 k/box
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
1) Mounted on epoxy-glass PCB with 3 x 3 mm Cu pads (
≥ 40 µm thick)
2) T
J = 25 °C prior to surge
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
1) Mounted on epoxy-glass PCB with 3 x 3 mm Cu pads (
≥ 40 µm thick)
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Symbol
Value
Unit
Power dissipation
TL = 80 °C
Ptot
2.3
W
TA = 25 °C
Ptot
0.81)
W
Non-repetitive peak pulse power
dissipation
100
µs square pulse2)
PZSM
300
W
10/1000
µs waveform (BZD27-
C7V5P to BZD27-C100P)2)
PRSM
150
W
10/1000
µs waveform (BZD27-
C110P to BZD27-C200P)2)
PRSM
100
W
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to ambient air1)
RthJA
180
K/W
Thermal resistance junction to lead
RthJL
30
K/W
Maximum junction temperature
Tj
150
°C
Storage temperature range
TS
- 55 to + 150
°C
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 0.2 A
VF
1.2
V
e3


Similar Part No. - BZD27C9V1P

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZD27C9V1P TSC-BZD27C9V1P Datasheet
162Kb / 3P
   Voltage Regulator Diodes
logo
Galaxy Semi-Conductor H...
BZD27C9V1P BILIN-BZD27C9V1P Datasheet
202Kb / 4P
   VOLTAGE REGULATOR DIODES
logo
Pan Jit International I...
BZD27C9V1P PANJIT-BZD27C9V1P Datasheet
66Kb / 2P
   800mW ZENER DIODES IN SOD123FL PACKAGE
logo
Shenzhen Luguang Electr...
BZD27C9V1P LUGUANG-BZD27C9V1P Datasheet
2Mb / 4P
   Voltage Regulator Diodes
logo
Galaxy Semi-Conductor H...
BZD27C9V1P BILIN-BZD27C9V1P Datasheet
208Kb / 4P
   VOLTAGE REGULATOR DIODES
More results

Similar Description - BZD27C9V1P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZT03 VISHAY-BZT03_10 Datasheet
112Kb / 5P
   Zener Diodes with Surge Current Specification
Rev. 1.5, 26-Aug-10
BZD27C3V6P-E3-08 VISHAY-BZD27C3V6P-E3-08 Datasheet
127Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.2, 13-Aug-14
BZD27C3V6P VISHAY-BZD27C3V6P_13 Datasheet
109Kb / 7P
   Zener Diodes with Surge Current Specification
Rev. 2.1, 29-Nov-11
BZD27B-M VISHAY-BZD27B-M_V01 Datasheet
123Kb / 7P
   Zener Diodes with Surge Current Specification
01-Jan-2022
BZD27B-M VISHAY-BZD27B-M Datasheet
118Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.0., 29-Oct-15
BZD27C VISHAY-BZD27C Datasheet
117Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.4., 15-Oct-15
BZG04 VISHAY-BZG04_08 Datasheet
184Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 2.2, 15-Sep-05
BZD27B VISHAY-BZD27B_V01 Datasheet
122Kb / 7P
   Zener Diodes with Surge Current Specification
01-Jan-2022
BZD27B VISHAY-BZD27B Datasheet
129Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.0., 29-Oct-15
BZT03 VISHAY-BZT03_05 Datasheet
126Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 1.4, 13-Jul-05
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com