Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZD27C11P Datasheet(PDF) 3 Page - Vaishali Semiconductor

Part # BZD27C11P
Description  Zener Diodes with Surge Current Specification
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

BZD27C11P Datasheet(HTML) 3 Page - Vaishali Semiconductor

  BZD27C11P Datasheet HTML 1Page - Vaishali Semiconductor BZD27C11P Datasheet HTML 2Page - Vaishali Semiconductor BZD27C11P Datasheet HTML 3Page - Vaishali Semiconductor BZD27C11P Datasheet HTML 4Page - Vaishali Semiconductor BZD27C11P Datasheet HTML 5Page - Vaishali Semiconductor BZD27C11P Datasheet HTML 6Page - Vaishali Semiconductor BZD27C11P Datasheet HTML 7Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
BZD27C3V6P to BZD27C200P
Document Number 85810
Rev. 1.8, 13-Apr-05
Vishay Semiconductors
www.vishay.com
3
Electrical Characteristics
When used as protection diodes (TJ = 25 °C unless otherwise noted)
1) Non-repetitive peak reverse current in accordance with "IEC 60-1, Section 8" (10/1000
µs pulse); see Fig. 5.
Partnumber
Rev.
Breakdown
Voltage
Test
Current
Temperature Coefficient
Clamping Voltage
Reverse Current at
Stand-Off Voltage
V(BR)R at
Itest
Itest
α
Z @ Itest
VC
at IRSM
1)
IR
at VWM
V
mA
%/°C
V
A
µA
V
min
min
max
max
max
BZD27C7V5P
7
100
0
0.07
11.3
13.3
1500
6.2
BZD27C8V2P
7.7
100
0.03
0.08
12.3
12.2
1200
6.8
BZD27C9V1P
8.5
50
0.03
0.08
13.3
11.3
100
7.5
BZD27C10P
9.4
50
0.05
0.09
14.8
10.1
20
8.2
BZD27C11P
10.4
50
0.05
0.1
15.7
9.6
5
9.1
BZD27C12P
11.4
50
0.05
0.1
17
8.8
5
10
BZD27C13P
12.4
50
0.05
0.1
18.9
7.9
5
11
BZD27C15P
13.8
50
0.05
0.1
20.9
7.2
5
12
BZD27C16P
15.3
25
0.06
0.11
22.9
6.6
5
13
BZD27C18P
16.8
25
0.06
0.11
25.6
5.9
5
15
BZD27C20P
18.8
25
0.06
0.11
28.4
5.3
5
16
BZD27C22P
20.8
25
0.06
0.11
31
4.8
5
18
BZD27C24P
22.8
25
0.06
0.11
33.8
4.4
5
20
BZD27C27P
25.1
25
0.06
0.11
38.1
3.9
5
22
BZD27C30P
28
25
0.06
0.11
42.2
3.6
5
24
BZD27C33P
31
25
0.06
0.11
46.2
3.2
5
27
BZD27C36P
34
10
0.06
0.11
50.1
3
5
30
BZD27C39P
37
10
0.06
0.11
54.1
2.8
5
33
BZD27C43P
40
10
0.07
0.12
60.7
2.5
5
36
BZD27C47P
44
10
0.07
0.12
65.5
2.3
5
39
BZD27C51P
48
10
0.07
0.12
70.8
2.1
5
43
BZD27C56P
52
10
0.07
0.12
78.6
1.9
5
47
BZD27C62P
58
10
0.08
0.13
86.5
1.7
5
51
BZD27C68P
64
10
0.08
0.13
94.4
1.6
5
56
BZD27C75P
70
10
0.08
0.13
103.5
1.5
5
62
BZD27C82P
77
10
0.08
0.13
114
1.3
5
68
BZD27C91P
85
5
0.09
0.13
126
1.2
5
75
BZD27C100P
94
5
0.09
0.13
139
1.1
5
82
BZD27C110P
104
5
0.09
0.13
139
0.72
5
91
BZD27C120P
114
5
0.09
0.13
152
0.65
5
100
BZD27C130P
124
5
0.09
0.13
169
0.59
5
110
BZD27C150P
138
5
0.09
0.13
187
0.53
5
120
BZD27C160P
153
5
0.09
0.13
205
0.48
5
130
BZD27C180P
168
5
0.09
0.13
229
0.43
5
150
BZD27C200P
188
5
0.09
0.13
254
0.39
5
160


Similar Part No. - BZD27C11P

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZD27C11P TSC-BZD27C11P Datasheet
166Kb / 3P
   Voltage Regulator Diodes
logo
SUNMATE electronic Co.,...
BZD27C11P SUNMATE-BZD27C11P Datasheet
1Mb / 2P
   800mW Surface Mount Zener Diodes
logo
Taiwan Semiconductor Co...
BZD27C11P TSC-BZD27C11P Datasheet
162Kb / 3P
   Voltage Regulator Diodes
BZD27C11P TSC-BZD27C11P Datasheet
204Kb / 6P
   1W, 6.8V - 220V Voltage Regulator Diodes
logo
Pan Jit International I...
BZD27C11P PANJIT-BZD27C11P Datasheet
66Kb / 2P
   800mW ZENER DIODES IN SOD123FL PACKAGE
More results

Similar Description - BZD27C11P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZT03 VISHAY-BZT03_10 Datasheet
112Kb / 5P
   Zener Diodes with Surge Current Specification
Rev. 1.5, 26-Aug-10
BZD27C3V6P-E3-08 VISHAY-BZD27C3V6P-E3-08 Datasheet
127Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.2, 13-Aug-14
BZD27C3V6P VISHAY-BZD27C3V6P_13 Datasheet
109Kb / 7P
   Zener Diodes with Surge Current Specification
Rev. 2.1, 29-Nov-11
BZD27B-M VISHAY-BZD27B-M_V01 Datasheet
123Kb / 7P
   Zener Diodes with Surge Current Specification
01-Jan-2022
BZD27B-M VISHAY-BZD27B-M Datasheet
118Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.0., 29-Oct-15
BZD27C VISHAY-BZD27C Datasheet
117Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.4., 15-Oct-15
BZG04 VISHAY-BZG04_08 Datasheet
184Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 2.2, 15-Sep-05
BZD27B VISHAY-BZD27B_V01 Datasheet
122Kb / 7P
   Zener Diodes with Surge Current Specification
01-Jan-2022
BZD27B VISHAY-BZD27B Datasheet
129Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.0., 29-Oct-15
BZT03 VISHAY-BZT03_05 Datasheet
126Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 1.4, 13-Jul-05
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com