Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ764S-1C-110A Datasheet(PDF) 2 Page - ZETTLER Electronics

Part # AZ764S-1C-110A
Description  16 A SPDT MINIATURE POWER RELAY SMT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ764S-1C-110A Datasheet(HTML) 2 Page - ZETTLER Electronics

  AZ764S-1C-110A Datasheet HTML 1Page - ZETTLER Electronics AZ764S-1C-110A Datasheet HTML 2Page - ZETTLER Electronics AZ764S-1C-110A Datasheet HTML 3Page - ZETTLER Electronics AZ764S-1C-110A Datasheet HTML 4Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2005-08-04
ZETTLER electronics GmbH
Fax +49 89 800 97 200
www.ZETTLERelectronics.com
office@ZETTLERelectronics.com
0
97
800
89
+49
Tel.
Germany
Puchheim,
D-82178
Junkersstrasse 3,
AZ764S
* “1A” or “1C” denote silver nickel contacts.
Add suffix “E” at “1A” or “1C” for silver tin oxide contacts.
COIL SPECIFICATIONS - AC COIL
ORDER NUMBER*
Nominal Coil
Must Operate
Max. Continuous
Nominal Current
Coil Resistance
1 Form A
1 Form C
VAC
VAC
VAC
mA ± 10%
Ohm ± 10%
12
9.6
18.0
63.0
100
AZ764S–1A–12A
AZ764S–1C–12A
24
19.2
36.0
31.3
400
AZ764S–1A–24A
AZ764S–1C–24A
48
38.4
72.0
15.6
1,550
AZ764S–1A–48A
AZ764S–1C–48A
60
48.0
90.0
12.5
2,600
AZ764S–1A–60A
AZ764S–1C–60A
110
88.0
165.0
6.8
8,900
AZ764S–1A–110A
AZ764S–1C–110A
115
92.0
172.5
6.5
9,600
AZ764S–1A–115A
AZ764S–1C–115A
120
96.0
180.0
6.3
10,200
AZ764S–1A–120A
AZ764S–1C–120A
220
176.0
330.0
3.4
35,500
AZ764S–1A–220A
AZ764S–1C–220A
230
184.0
345.0
3.3
38,500
AZ764S–1A–230A
AZ764S–1C–230A
240
192.0
360.0
3.1
42,500
AZ764S–1A–240A
AZ764S–1C–240A
RELAY ORDERING DATA
COIL SPECIFICATIONS - DC COIL
ORDER NUMBER*
Nominal Coil
Must Operate
Max. Continuous
Coil Resistance
1 Form A
1 Form C
VDC
VDC
VDC
Ohm ± 10%
3
2.25
7.6
22
AZ764S–1A–3D
AZ764S–1C–3D
5
3.75
12.7
60
AZ764S–1A–5D
AZ764S–1C–5D
6
4.5
15.3
90
AZ764S–1A–6D
AZ764S–1C–6D
9
6.75
22.9
200
AZ764S–1A–9D
AZ764S–1C–9D
12
9.0
30.6
360
AZ764S–1A–12D
AZ764S–1C–12D
18
13.5
45.9
710
AZ764S–1A–18D
AZ764S–1C–18D
24
18.0
61.2
1,440
AZ764S–1A–24D
AZ764S–1C–24D
36
27.0
92.0
3,140
AZ764S–1A–36D
AZ764S–1C–36D
48
36.0
122.0
5,700
AZ764S–1A–48D
AZ764S–1C–48D
60
45.0
153.0
7,500
AZ764S–1A–60D
AZ764S–1C–60D
110
82.5
280.0
25,200
AZ764S–1A–110D
AZ764S–1C–110D
B
A
0
IN= 16 A
10
20
30
40
50
60
70
80
90 100
0,6
0,8
1,0
1,2
1,4
1,6
1,8
2,0
2,2
2,4
2,6
2,8
3,0
1
2
3
1 - no load on contacts
2 - half of rated load on contacts
3 - rated load on contacts
DC - Coil operating range
A - Cold coil ( Tcoil = Tambient)
B - Hot coil (1,1 x UN), contact load = IN
Ambient temperature [°C]
0
10
203040
5060
708090 100
0,6
0,8
1,0
1,2
1,4
1,6
1,8
2,0
2,2
2,4
2,6
2,8
3,0
1 - no load on contacts
3 - rated load on contacts
AC - Coil operating range
Ambient temperature [°C]
B
1
3
A - Cold coil ( Tcoil = Tambient)
B - Hot coil (1,1 x UN), contact load = IN
A
IN= 16 A


Similar Part No. - AZ764S-1C-110A

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ764S-1C-110A ZETTLER-AZ764S-1C-110A	 Datasheet
82Kb / 4P
   16 A SPDT MINIATURE POWER RELAY SMT
More results

Similar Description - AZ764S-1C-110A

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ764S ZETTLER-AZ764S_12 Datasheet
82Kb / 4P
   16 A SPDT MINIATURE POWER RELAY SMT
logo
American Zettler, Inc.
AZ762 AZETTLER-AZ762 Datasheet
172Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ762 ZETTLER-AZ762_14 Datasheet
51Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
AZ764 ZETTLER-AZ764_13 Datasheet
99Kb / 4P
   16 A SPDT MINIATURE POWER RELAY
AZ762 ZETTLER-AZ762 Datasheet
54Kb / 2P
   16 A SPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ762-1AE AZETTLER-AZ762-1AE Datasheet
172Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
AZ764 AZETTLER-AZ764 Datasheet
90Kb / 2P
   16 A SPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ764 ZETTLER-AZ764 Datasheet
131Kb / 4P
   16 A SPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ762H AZETTLER-AZ762H Datasheet
171Kb / 3P
   16 A SPDT MINIATURE HIGH TEMPERATURE POWER RELAY
logo
ZETTLER Electronics
AZ763 ZETTLER-AZ763 Datasheet
207Kb / 4P
   12 A SPDT MINIATURE POWER RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com