Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZD27C15P Datasheet(PDF) 5 Page - Vaishali Semiconductor

Part # BZD27C15P
Description  Zener Diodes with Surge Current Specification
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

BZD27C15P Datasheet(HTML) 5 Page - Vaishali Semiconductor

  BZD27C15P Datasheet HTML 1Page - Vaishali Semiconductor BZD27C15P Datasheet HTML 2Page - Vaishali Semiconductor BZD27C15P Datasheet HTML 3Page - Vaishali Semiconductor BZD27C15P Datasheet HTML 4Page - Vaishali Semiconductor BZD27C15P Datasheet HTML 5Page - Vaishali Semiconductor BZD27C15P Datasheet HTML 6Page - Vaishali Semiconductor BZD27C15P Datasheet HTML 7Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
BZD27C3V6P to BZD27C200P
Document Number 85810
Rev. 1.8, 13-Apr-05
Vishay Semiconductors
www.vishay.com
5
Package Dimensions in mm (Inches)
Top View
5
5
Z
Cathode Band
Detail Z
enlarged
0.10 max
17247
0.85 (0.033)
0.35 (0.014)
3.9 (0.152)
3.5 (0.137)
0.99 (0.039)
0.97 (0.038)
0.16 (0.006)
1.9 (0.074)
1.7 (0.066)
1.2 (0.047)
0.8 (0.031)
2.9 (0.113)
2.7 (0.105)
ISO Method E
1.6 (0.062)
1.3 (0.051)
1.4 (0.055)
Mounting Pad Layout


Similar Part No. - BZD27C15P

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZD27C15P TSC-BZD27C15P Datasheet
166Kb / 3P
   Voltage Regulator Diodes
logo
SUNMATE electronic Co.,...
BZD27C15P SUNMATE-BZD27C15P Datasheet
1Mb / 2P
   800mW Surface Mount Zener Diodes
logo
Taiwan Semiconductor Co...
BZD27C15P TSC-BZD27C15P Datasheet
162Kb / 3P
   Voltage Regulator Diodes
BZD27C15P TSC-BZD27C15P Datasheet
204Kb / 6P
   1W, 6.8V - 220V Voltage Regulator Diodes
logo
Pan Jit International I...
BZD27C15P PANJIT-BZD27C15P Datasheet
66Kb / 2P
   800mW ZENER DIODES IN SOD123FL PACKAGE
More results

Similar Description - BZD27C15P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZT03 VISHAY-BZT03_10 Datasheet
112Kb / 5P
   Zener Diodes with Surge Current Specification
Rev. 1.5, 26-Aug-10
BZD27C3V6P-E3-08 VISHAY-BZD27C3V6P-E3-08 Datasheet
127Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.2, 13-Aug-14
BZD27C3V6P VISHAY-BZD27C3V6P_13 Datasheet
109Kb / 7P
   Zener Diodes with Surge Current Specification
Rev. 2.1, 29-Nov-11
BZD27B-M VISHAY-BZD27B-M_V01 Datasheet
123Kb / 7P
   Zener Diodes with Surge Current Specification
01-Jan-2022
BZD27B-M VISHAY-BZD27B-M Datasheet
118Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.0., 29-Oct-15
BZD27C VISHAY-BZD27C Datasheet
117Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.4., 15-Oct-15
BZG04 VISHAY-BZG04_08 Datasheet
184Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 2.2, 15-Sep-05
BZD27B VISHAY-BZD27B_V01 Datasheet
122Kb / 7P
   Zener Diodes with Surge Current Specification
01-Jan-2022
BZD27B VISHAY-BZD27B Datasheet
129Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.0., 29-Oct-15
BZT03 VISHAY-BZT03_05 Datasheet
126Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 1.4, 13-Jul-05
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com