Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5934 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX5934
Description  Positive High-Voltage, Hot-Swap Controllers with Selectable Fault Management and Status Polarity
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5934 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX5934 Datasheet HTML 5Page - Maxim Integrated Products MAX5934 Datasheet HTML 6Page - Maxim Integrated Products MAX5934 Datasheet HTML 7Page - Maxim Integrated Products MAX5934 Datasheet HTML 8Page - Maxim Integrated Products MAX5934 Datasheet HTML 9Page - Maxim Integrated Products MAX5934 Datasheet HTML 10Page - Maxim Integrated Products MAX5934 Datasheet HTML 11Page - Maxim Integrated Products MAX5934 Datasheet HTML 12Page - Maxim Integrated Products MAX5934 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Positive High-Voltage, Hot-Swap Controllers with
Selectable Fault Management and Status Polarity
_______________________________________________________________________________________
9
Detailed Description
The MAX5934/MAX5934A are fully integrated hot-swap
controllers for positive supply rails. These devices allow
for the safe insertion and removal of circuit cards into
live backplanes without causing glitches on the back-
plane power-supply rail. During startup, the MAX5934/
MAX5934A act as current regulators using an external
sense resistor and MOSFET to limit the amount of cur-
rent drawn by the load.
The MAX5934A operates from a +9V to +80V supply
voltage range and has a default UVLO set to +8.3V.
The MAX5934 operates from a +33V to +80V supply
voltage range and has a default UVLO set to +31V. The
UVLO threshold is adjustable using a resistive divider
connected from VCC to ON to GND (see R2 and R3 in
Figure 5).
The MAX5934/MAX5934A monitor input voltage, output
voltage, output current, and die temperature. These
devices feature three power-good outputs (PWRGD_)
to indicate status by monitoring the voltage at FB1,
FB2, and GATE (see the Power-Good (PWRGD_)
Detection section). PWRGD1 indicates an output-volt-
age status, PWRGD2 can be used to indicate an over-
voltage condition on the main power-supply rail, and
PWRGD3 asserts when GATE voltage has charged to
4.3V above the supply rail. PWRGD3 deasserts when
the TIMER voltage exceeds a 1.233V threshold in
response to an extended fault condition.
The MAX5934/MAX5934A control gate voltage on the
external MOSFET to limit load current at startup and at
overload to a value determined as:
MAX5934
MAX5934A
ON
CL
OUT
GATE
SENSE
VCC
16
14
11
9
4
6
5
7
12
8
M1
R1
1k
Ω, 5%
RSENSE
0.025
C1
10nF
RG
10
5%
R4
59k
1%
R6
24k
5%
R7
24k
5%
R10
1k
1%
R9
90k
1%
R2
49.9k
1%
VIN
R3
3.4k
1%
CTIMER
0.68
µF
RL
R5
3.57k
1%
FB1
2
10
1
3
15
PWRGD1
PWRGD2
TIMER
LATCH/RETRY
VCC
FB2
PWRGD3
VMONITOR
PWRGD1
PWRGD2
PWRGD3
DC
GND
VCC
POL_SEL
VCC
IRF530
Figure 5. Application Circuit


Similar Part No. - MAX5934

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5930 MAXIM-MAX5930 Datasheet
486Kb / 10P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
Rev 0; 10/03
MAX5930A MAXIM-MAX5930A Datasheet
337Kb / 23P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
19-4200; Rev 0; 7/08
MAX5930AEEG++ MAXIM-MAX5930AEEG+ Datasheet
337Kb / 23P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
19-4200; Rev 0; 7/08
MAX5930EEG MAXIM-MAX5930EEG Datasheet
486Kb / 10P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
Rev 0; 10/03
MAX5931A MAXIM-MAX5931A Datasheet
337Kb / 23P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
19-4200; Rev 0; 7/08
More results

Similar Description - MAX5934

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5933A MAXIM-MAX5933A Datasheet
269Kb / 15P
   Positive High-Voltage, Hot-Swap Controllers
Rev 1; 7/04
logo
Linear Technology
LT4256-2 LINER-LT4256-2_15 Datasheet
219Kb / 16P
   Positive High Voltage Hot Swap Controllers
LT1641-1 LINER-LT1641-1 Datasheet
179Kb / 12P
   Positive High Voltage Hot Swap Controllers
LT4256-1 LINER-LT4256-1_15 Datasheet
219Kb / 16P
   Positive High Voltage Hot Swap Controllers
LT1641-1 LINER-LT1641-1_15 Datasheet
185Kb / 12P
   Positive High Voltage Hot Swap Controllers
LT1641-2 LINER-LT1641-2_15 Datasheet
185Kb / 12P
   Positive High Voltage Hot Swap Controllers
LT4256-1 LINER-LT4256-1 Datasheet
271Kb / 16P
   Positive High Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1 Datasheet
399Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_12 Datasheet
319Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252B-2 LINER-LTC4252B-2_15 Datasheet
467Kb / 36P
   Negative Voltage Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com