Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ940-1C-9D Datasheet(PDF) 2 Page - ZETTLER Electronics

Part # AZ940-1C-9D
Description  10 AMP MINIATURE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ940-1C-9D Datasheet(HTML) 2 Page - ZETTLER Electronics

  AZ940-1C-9D Datasheet HTML 1Page - ZETTLER Electronics AZ940-1C-9D Datasheet HTML 2Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RELAY ORDERING DATA
COIL SPECIFICATIONS – Standard Coil (SPDT and SPST)
Nominal Coil
Must Operate
Max. Continuous
Coil Resistance
ORDER NUMBER*
VDC
VDC
VDC
Ohm ± 10%
3
2.3
4.7
20
AZ940–1C–3D
5
3.8
7.7
55
AZ940–1C–5D
6
4.5
9.4
80
AZ940–1C–6D
9
6.8
14.0
180
AZ940–1C–9D
12
9.0
18.7
320
AZ940–1C–12D
18
13.5
28.1
720
AZ940–1C–18D
24
18.0
37.5
1,280
AZ940–1C–24D
* Substitute “1A” for “1C” to indicate 1 Form A contacts. Add suffix “B” to “1A” or “1C” for silver nickel contacts.
Add suffix “E” at the end of order number for sealed version. Add suffix “G” for gold plated contacts.
COIL SPECIFICATIONS – Sensitive Coil (SPST)
Nominal Coil
Must Operate
Max. Continuous
Coil Resistance
ORDER NUMBER**
VDC
VDC
VDC
Ohm ± 10%
3
2.3
7.0
45
AZ940–1A–3DS
5
3.8
11.7
125
AZ940–1A–5DS
6
4.5
14.0
180
AZ940–1A–6DS
9
6.8
20.9
400
AZ940–1A–9DS
12
9.0
28.1
720
AZ940–1A–12DS
18
13.5
41.9
1,600
AZ940–1A–18DS
24
18.0
55.5
2,800
AZ940–1A–24DS
** Add suffix “B” to “1A” for silver nickel contacts.
Add suffix “E” at the end of order number for sealed version. Add suffix “G” for gold plated contacts.
2005-09-21
ZETTLER electronics GmbH
Fax +49 89 800 97 200
www.ZETTLERelectronics.com
office@ZETTLERelectronics.com
0
97
800
89
+49
Tel.
Germany
Puchheim,
D-82178
Junkersstrasse 3,
AZ940
MECHANICAL DATA
.058
[1.49]
.400
.300
[10.16]
.100
[7.62]
[0.31±0.12]
3 x.012±.005
.300
[7.62]
[0.35±0.12]
2 x.014±.005
[4.0]
5 x.157
.417
[10.59]
.622
[15.80]
.020
[0.76±0.12]
5 x.028±.005
[0.51]
.807
[20.50]
.054
[1.36]
5 x ø .051
[2.54]
[ø 1.3]
FORM C
FORM A
VIEWED TOWARD TERMINALS
WIRING DIAGRAM
PC BOARD LAYOUT
15
8
16
10
15
8
Dimensions in inches with metric equivalents in parentheses. Tolerance: ± .010"


Similar Part No. - AZ940-1C-9D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ940-1C-9D AZETTLER-AZ940-1C-9D Datasheet
104Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ940-1C-9D ZETTLER-AZ940-1C-9D Datasheet
49Kb / 3P
   10 AMP MINIATURE POWER RELAY
More results

Similar Description - AZ940-1C-9D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ9405 ZETTLER-AZ9405 Datasheet
509Kb / 2P
   10 AMP MINIATURE POWER RELAY
AZ940 ZETTLER-AZ940_14 Datasheet
49Kb / 3P
   10 AMP MINIATURE POWER RELAY
AZ697 ZETTLER-AZ697 Datasheet
56Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ692 AZETTLER-AZ692 Datasheet
156Kb / 4P
   10 AMP MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ697 ETC1-AZ697 Datasheet
53Kb / 2P
   10 AMP MINIATURE POWER RELAY
AZ692 ETC1-AZ692 Datasheet
20Kb / 1P
   10 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ940 AZETTLER-AZ940 Datasheet
104Kb / 2P
   10 AMP MINIATURE POWER RELAY
AZ697 AZETTLER-AZ697 Datasheet
92Kb / 2P
   10 AMP MINIATURE POWER RELAY
AZ9402 AZETTLER-AZ9402 Datasheet
118Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ743 ZETTLER-AZ743 Datasheet
52Kb / 2P
   10 AMP DPDT MINIATURE POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com