Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9750CEUI Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX9750CEUI
Description  2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9750CEUI Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX9750CEUI Datasheet HTML 5Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 6Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 7Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 8Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 9Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 10Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 11Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 12Page - Maxim Integrated Products MAX9750CEUI Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
2.6W Stereo Audio Power Amplifiers and
DirectDrive Headphone Amplifiers
_______________________________________________________________________________________
9
TURN-ON RESPONSE
(HEADPHONE MODE)
MAX9750/51 toc28
10ms/div
SHDN
5V/div
20mV/div
HPOUT_
RL = 32
TURN-OFF RESPONSE
(HEADPHONE MODE)
MAX9750/51 toc29
10ms/div
SHDN
5V/div
20mV/div
HPOUT_
RL = 32
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.25
5.00
4.75
4
2
6
8
12
10
14
16
18
0
4.50
5.50
HPS = GND
HPS = VDD
SHUTDOWN SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.25
5.00
4.75
4.50
5.50
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0
Typical Operating Characteristics (continued)
(Measurement BW = 22Hz to 22kHz, TA = +25°C, unless otherwise noted.)
OUTPUT POWER vs. CHARGE-PUMP
CAPACITANCE AND LOAD RESISTANCE
LOAD RESISTANCE (
Ω)
40
30
20
20
40
60
80
100
120
140
160
180
200
0
10
50
VDD = 5V
f = 1kHz
THD+N = 1%
C1 = C2 = 2.2
µF
C1 = C2 = 1
µF
HEADPHONE OUTPUT SPECTRUM
FREQUENCY (Hz)
15
10
5
0
020
-120
-100
-80
-60
-40
-20
-140
VDD = 5V
f = 1kHz
VOUT = -60dB
RL = 32
10
100
1k
10k
100k
CROSSTALK vs. FREQUENCY
(HEADPHONE MODE)
FREQUENCY (Hz)
VCC = 5V
VRIPPLE = 200mVP-P
RL = 32
LEFT TO RIGHT
RIGHT TO LEFT
-100
-80
-60
-40
-20
0
-120


Similar Part No. - MAX9750CEUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9750 MAXIM-MAX9750 Datasheet
481Kb / 30P
   2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
19-3006; Rev 8; 6/08
MAX9750 MAXIM-MAX9750_V01 Datasheet
481Kb / 30P
   2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
19-3006; Rev 8; 6/08
More results

Similar Description - MAX9750CEUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9750 MAXIM-MAX9750_V01 Datasheet
481Kb / 30P
   2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
19-3006; Rev 8; 6/08
MAX9779 MAXIM-MAX9779 Datasheet
540Kb / 19P
   2.6W Stereo Audio Power Amplifier and DirectDrive Headphone Amplifier
Rev 0; 7/05
MAX9728AETC-T MAXIM-MAX9728AETC-T Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9728A MAXIM-MAX9728A Datasheet
287Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9728 MAXIM-MAX9728 Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
19-3963; Rev 1; 7/09
MAX9789A MAXIM-MAX9789A Datasheet
1Mb / 26P
   Windows Vista-Compliant, Stereo Class AB Speaker Amplifiers and DirectDrive Headphone Amplifiers
Rev 0; 9/06
MAX9789 MAXIM-MAX9789_09 Datasheet
506Kb / 28P
   Windows Vista-Compliant, Stereo Class AB Speaker Amplifiers and DirectDrive Headphone Amplifiers
Rev 3; 9/09
MAX9756 MAXIM-MAX9756 Datasheet
790Kb / 31P
   2.3W Stereo Speaker Amplifiers and DirectDrive Headphone Amplifiers with Automatic Level Control
19-3782; Rev 1; 1/06
MAX9856 MAXIM-MAX9856 Datasheet
672Kb / 46P
   Low-Power Audio CODEC with DirectDrive Headphone Amplifiers
Rev 2; 12/11
MAX9752 MAXIM-MAX9752 Datasheet
593Kb / 29P
   2.2W, Low-EMI, Stereo, Class D Power Amplifiers with DirectDrive Headphone Amplifiers
19-3666; Rev 0; 9/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com