Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FBR161NCD024 Datasheet(PDF) 3 Page - Fuji Electric

Part # FBR161NCD024
Description  POWER RELAY 1 POLE-3, 5, 10 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FBR161NCD024 Datasheet(HTML) 3 Page - Fuji Electric

  FBR161NCD024 Datasheet HTML 1Page - Fuji Electric FBR161NCD024 Datasheet HTML 2Page - Fuji Electric FBR161NCD024 Datasheet HTML 3Page - Fuji Electric FBR161NCD024 Datasheet HTML 4Page - Fuji Electric FBR161NCD024 Datasheet HTML 5Page - Fuji Electric FBR161NCD024 Datasheet HTML 6Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
FBR160 SERIES
s SPECIFICATIONS
Item
-K
-H
-W
-HB
-WB
Contact
Arrangement and Style
1 form C or 1 form A, single contact
Material
Silver
Silver-cadmium oxide
Silver tin oxide alloy Silver-cadmium oxide Silver tin oxide alloy
Resistance (initial)
Maximum 100 m
Ω (silver contact at 0.5 A 6 VDC/other contacts at 1 A 6 VDC)
Ratings (resistive load)
3 A 120 VAC
5 A 120 VAC
5 A 28 VDC
10 A 120 VAC (N.O.)
10 A 28 VDC
3 A 28 VDC
5 A 28 VAC
7 A 120 VAC (N.C.)
Maximum Carrying Current
5 A
10 A
10 A
Maximum Switching Power
360 VA or 84 W
Max. Switching Voltage*1
250 VAC or 125 VDC
Minimum Switching Load*2
0.3 W (30 mA 5 V)
0.3 W (50 mA 5 V)
0.5 W (100 mA 5 V) 0.5 W (100 mA 5 V)
Coil
Nominal Power
Approx. 0.36 W (E coil type)/0.5 W (C coil type) (at 20
°C)
Operating Temperature
–30
°C to +80°C (no frost) *3
Operate Humidity
45 to 85% RH
Time Value
Operate (at nominal voltage)
Maximum 10 msec
Release (at nominal voltage)
Maximum 5 msec
Insulation
Resistance (initial)
Minimum 100 M
Ω (at 500 VDC)
Dielectric Between coil and contacts
1,500 VAC 1 minute
Strength
Between open contacts
500 VAC 1 minute
Surge Strength
3,500 V (at 1.2
× 50 µs)
Life
Mechanical
1
× 10 7 operations minimum
Electrical (refer to
1
× 10 5 operations minimum (at contact rating)
the REFERENCE
DATA)
1
× 10 5 operations minimum (at contact rating)
Other
Vibration Resistance
10 to 55 Hz (double amplitude of 1.5mm)
Shock
No contact opening
100 m/s2 (11
±1ms)
Resistance
No damage
1,000 m/m2 (6
±1ms)
Weight
Approximately 11 g
*1 If the switching voltage exceeds the rated contact voltage, reduce the current. The current values vary according to the
type of load.
*2 Values when switching a resistive load at normal room temperature and humidity, and in a clean environment. The minimum
switching load varies with the switching frequency and operation environment.
*3 Based on UL Class A coil insulation system.
DC
AC
600 VA or 140 W
140 W
1,200 VA
280 W


Similar Part No. - FBR161NCD024

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR161NCD024 FUJITSU-FBR161NCD024 Datasheet
327Kb / 6P
   POWER RELAY 1 POLE-3, 5, 10 A (Medium Load Control)
More results

Similar Description - FBR161NCD024

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
LZ-B12HMSE-KHV-UC FUJITSU-LZ-B12HMSE-KHV-UC Datasheet
424Kb / 10P
   POWER RELAY 1 POLE-1, 3, 5, 10 A(MEDIUM LOAD CONTROL)
FBR160 FUJITSU-FBR160 Datasheet
327Kb / 6P
   POWER RELAY 1 POLE-3, 5, 10 A (Medium Load Control)
LZG-B12HMSE-K FUJITSU-LZG-B12HMSE-K Datasheet
58Kb / 6P
   POWER RELAY 1 POLE-1, 3, 5, 10 A (CADMIUM FREE CONTACTS TYPE)
JY-12HE-KP FUJITSU-JY-12HE-KP Datasheet
348Kb / 8P
   POWER RELAY 1 POLE-3, 5 A (MEDIUM LOAD CONTROL)
VE-12HMSE-K-HV-VD FUJITSU-VE-12HMSE-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
JV-12-KT FUJITSU-JV-12-KT Datasheet
404Kb / 7P
   POWER RELAY 1 POLE - 5 A (MEDIUM LOAD CONTROL)
VE-24H FUJITSU-VE-24H Datasheet
127Kb / 6P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
FTR-H1 FUJITSU-FTR-H1 Datasheet
688Kb / 8P
   POWER RELAY 1 POLE-10 A LOW PROFILE TYPE
FTR-H1 FUJITSU-FTR-H1_09 Datasheet
620Kb / 9P
   POWER RELAY 1 POLE-10 A LOW PROFILE TYPE
NYP-12W-K-IE FUJITSU-NYP-12W-K-IE Datasheet
307Kb / 7P
   POWER RELAY 1 POLE-5 A (CADMIUM FREE CONTACTS TYPE)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com