Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FBR163SCD006 Datasheet(PDF) 1 Page - Fuji Electric

Part # FBR163SCD006
Description  POWER RELAY 1 POLE-3, 5, 10 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FBR163SCD006 Datasheet(HTML) 1 Page - Fuji Electric

  FBR163SCD006 Datasheet HTML 1Page - Fuji Electric FBR163SCD006 Datasheet HTML 2Page - Fuji Electric FBR163SCD006 Datasheet HTML 3Page - Fuji Electric FBR163SCD006 Datasheet HTML 4Page - Fuji Electric FBR163SCD006 Datasheet HTML 5Page - Fuji Electric FBR163SCD006 Datasheet HTML 6Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
s ORDERING INFORMATION
FBR16
1
S
E
D
012
UH
–CSA
–*** –S
[Example]
(a)
(b)
(c)
(d)
(e)
(f )
(g)
(h)
(i)
( j)
s FEATURES
q
Compact with high power (3 A to 10 A)
q
6 types of contact materials available for home electronics
and automotive applications
q
Design conforms to the following safety standards
UL114 No. E63615
UL508 No. E63614
CSA
No. LR64026
Japan Electric Appliance Control Law (150–300 V)
q
For automatic assembly
Tube packaging suitable for automatic insertion
equipment is available
(a)
Series Name
FBR16: FBR160 Series
(b)
Contact Arrangement
1
: 1 form C (SPDT)
3
: 1 form A (SPST-NO)
(c)
Enclosure
S
: Flux free
N
: Plastic sealed
(d)
Coil Rating
E
: Nominal power 0.36 W type
C
: Nominal power 0.5 W type (refer to the SPECIFICATIONS)
(e)
Coil
D
: DC Coil
( f )
Nominal Voltage
(Example) 012: 12 VDC coil
024: 24 VDC coil (refer to the COIL DATA CHART)
(g)
UL Standard and Contact Material
UL 114
UL508
Material / Rating
recognized
recognized
U
R
Silver (3A)
UK
RK
Silver-cadmium oxide (3 A)
UH
RH
Silver-cadmium oxide (5 A)
UW
RW
Silver tin oxide alloy (5 A)
UHB
RHB
Silver-cadmium oxide (AC 10 A)
UWB
RWB
Silver tin oxide alloy (DC 10 A
(Continued)
FBR160 SERIES
POWER RELAY
1 POLE— 3, 5, 10 A
1


Similar Part No. - FBR163SCD006

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR163SCD006 FUJITSU-FBR163SCD006 Datasheet
327Kb / 6P
   POWER RELAY 1 POLE-3, 5, 10 A (Medium Load Control)
More results

Similar Description - FBR163SCD006

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
LZ-B12HMSE-KHV-UC FUJITSU-LZ-B12HMSE-KHV-UC Datasheet
424Kb / 10P
   POWER RELAY 1 POLE-1, 3, 5, 10 A(MEDIUM LOAD CONTROL)
FBR160 FUJITSU-FBR160 Datasheet
327Kb / 6P
   POWER RELAY 1 POLE-3, 5, 10 A (Medium Load Control)
LZG-B12HMSE-K FUJITSU-LZG-B12HMSE-K Datasheet
58Kb / 6P
   POWER RELAY 1 POLE-1, 3, 5, 10 A (CADMIUM FREE CONTACTS TYPE)
JY-12HE-KP FUJITSU-JY-12HE-KP Datasheet
348Kb / 8P
   POWER RELAY 1 POLE-3, 5 A (MEDIUM LOAD CONTROL)
VE-12HMSE-K-HV-VD FUJITSU-VE-12HMSE-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
JV-12-KT FUJITSU-JV-12-KT Datasheet
404Kb / 7P
   POWER RELAY 1 POLE - 5 A (MEDIUM LOAD CONTROL)
VE-24H FUJITSU-VE-24H Datasheet
127Kb / 6P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
FTR-H1 FUJITSU-FTR-H1 Datasheet
688Kb / 8P
   POWER RELAY 1 POLE-10 A LOW PROFILE TYPE
FTR-H1 FUJITSU-FTR-H1_09 Datasheet
620Kb / 9P
   POWER RELAY 1 POLE-10 A LOW PROFILE TYPE
NYP-12W-K-IE FUJITSU-NYP-12W-K-IE Datasheet
307Kb / 7P
   POWER RELAY 1 POLE-5 A (CADMIUM FREE CONTACTS TYPE)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com