Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E-L8150TR Datasheet(PDF) 10 Page - STMicroelectronics

Part # E-L8150TR
Description  Brushless motor predriver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-L8150TR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button E-L8150TR Datasheet HTML 6Page - STMicroelectronics E-L8150TR Datasheet HTML 7Page - STMicroelectronics E-L8150TR Datasheet HTML 8Page - STMicroelectronics E-L8150TR Datasheet HTML 9Page - STMicroelectronics E-L8150TR Datasheet HTML 10Page - STMicroelectronics E-L8150TR Datasheet HTML 11Page - STMicroelectronics E-L8150TR Datasheet HTML 12Page - STMicroelectronics E-L8150TR Datasheet HTML 13Page - STMicroelectronics E-L8150TR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Electrical characteristcs
L8150
10/37
Table 9.
Torque Optimizer Input Terminal T.O.
No.
Item
Symbol
Terminal
Min
Typ
Max
Unit
Remark
1
max analog conversion input
T.O.
15/25Vreg
2
min analog conversion input
T.O.
0
3
hysteresis
T.O.
100
mV
Table 10.
Over Current Sense Input Terminal R
No.
Item
Symbol
Terminal
Min
Typ
Max
Unit
Remark
1
over current sense level
VRF
RF
0.45
0.50
0.55
V
Table 11.
Forward Backward Select Terminal FR (note 7)
No.
Item
Symbol
Terminal
Min
Typ
Max
Unit
Remark
1
H level input voltage
VIH (FR)
FR
2.0
VREG
V
2
L level input voltage
VIL (FR)
FR
0.0
1.0
V
3
pull-up resistor to VREG
Ru (FR)
FR
-20%
50.0
+20%
kOhm
4
hysteresis width
VIS (FR)
FR
0.2
0.3
0.4
V
Table 12.
Thermal Sense Input Terminal TSD
No.
Item
Symbol
Terminal
Min
Typ
Max
Unit
Remark
1
TSD Threshold
VIH (TSD)
TSD
2.60
3.00
V
2Hysteresis
Vhy (TSD)
TSD
0.20
0.30
V
Table 13.
FG Output Terminal FG
No.
Item
Symbol
Terminal
Min
Typ
Max
Unit
Remark
1
Output saturation voltage
VFGL
FG
0.50
V
Io=15mA, open drain
2
Output leak current
IFGleak
FG
10
uA
Vo=16.5V
Table 14.
OSC Terminal OSC
No.
Item
Symbol
Terminal
Min
Typ
Max
Unit
Remark
1
Current setting
Vosc
OSC
1.235
V
R=20.5kohm (Class E96),
Fsys=512*Fpwm
2
PWM frequency
Fpwm
18k
20.4k
Hz
17kHz - 21kHz for Tj=0 to 125 deg
Table 15.
OP Amp Input Output Terminal INTin+, INTin-, INTout (note 3, note 4)
No.
Item
Symbol
Terminal
Min
Typ
Max
Unit
Remark
1
H level output voltage
VoH (INT)
INTout
4.0
Vreg2-0.2
Vreg
V
Io=1mA
2
L level output voltage
VoL (INT)
INTout
1.0
V
Io=1mA
3
input bias current
IB (INT)
INTin+, -
-0.2
0.2
uA
4
offset
V


Similar Part No. - E-L8150TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
E-L293DD STMICROELECTRONICS-E-L293DD Datasheet
298Kb / 17P
   2.5 A switch step down switching regulator
E-L4960 STMICROELECTRONICS-E-L4960 Datasheet
329Kb / 16P
   2.5A POWER SWITCHING REGULATOR
E-L4971 STMICROELECTRONICS-E-L4971 Datasheet
574Kb / 13P
   1.5A STEP DOWN SWITCHING REGULATOR
E-L4971D013TR STMICROELECTRONICS-E-L4971D013TR Datasheet
574Kb / 13P
   1.5A STEP DOWN SWITCHING REGULATOR
May 2005 Rev. 11
E-L4973D3.3 STMICROELECTRONICS-E-L4973D3.3 Datasheet
367Kb / 27P
   3.5A step down switching regulator
More results

Similar Description - E-L8150TR

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11600JV SANYO-LB11600JV Datasheet
343Kb / 30P
   Brushless Motor Predriver IC
logo
ON Semiconductor
LB11600JV ONSEMI-LB11600JV Datasheet
339Kb / 30P
   Brushless Motor Predriver IC
May, 2013
LV8104V ONSEMI-LV8104V Datasheet
303Kb / 19P
   Three-Phase Brushless Motor Predriver
May, 2013
logo
Rohm
BD63001AMUV ROHM-BD63001AMUV Datasheet
2Mb / 26P
   Three-Phase Brushless Motor Predriver
logo
ON Semiconductor
LV8105W ONSEMI-LV8105W Datasheet
171Kb / 21P
   Three-Phase Brushless Motor Predriver
July, 2013
logo
Silicon Touch Technolog...
ST1114C SITI-ST1114C Datasheet
125Kb / 7P
   Double Coil Brushless DC Motor Predriver
logo
ON Semiconductor
LB11696V ONSEMI-LB11696V_V01 Datasheet
578Kb / 19P
   Direct PWM Drive Brushless Motor Predriver IC
July, 2018 ??Rev. 3
logo
Sanyo Semicon Device
LB11600JV SANYO-LB11600JV_11 Datasheet
365Kb / 30P
   Brushless Motor Predriver IC for Automotive Applications
LB11696V-D SANYO-LB11696V-D Datasheet
415Kb / 16P
   Direct PWM Drive Brushless Motor Predriver IC
logo
NEC
UPC1246C NEC-UPC1246C Datasheet
1Mb / 10P
   PREDRIVER FOR 3-PHASES DC BRUSHLESS MOTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com