Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC366PW Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HC366PW
Description  Hex buffer/line driver; 3-state; inverting
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC366PW Datasheet(HTML) 3 Page - NXP Semiconductors

  74HC366PW Datasheet HTML 1Page - NXP Semiconductors 74HC366PW Datasheet HTML 2Page - NXP Semiconductors 74HC366PW Datasheet HTML 3Page - NXP Semiconductors 74HC366PW Datasheet HTML 4Page - NXP Semiconductors 74HC366PW Datasheet HTML 5Page - NXP Semiconductors 74HC366PW Datasheet HTML 6Page - NXP Semiconductors 74HC366PW Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
December 1990
3
Philips Semiconductors
Product specification
Hex buffer/line driver; 3-state; inverting
74HC/HCT366
PIN DESCRIPTION
PIN NO.
SYMBOL
NAME AND FUNCTION
1, 15
OE1, OE2
output enable inputs (active LOW)
2, 4, 6, 10, 12, 14
1A to 6A
data inputs
3, 5, 7, 9, 11, 13
1Y to 6Y
data outputs
8
GND
ground (0 V)
16
VCC
positive supply voltage
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol.


Similar Part No. - 74HC366PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC366PW NXP-74HC366PW Datasheet
128Kb / 19P
   Hex buffer/line driver; 3-state; inverting
Rev. 03-21 November 2006
logo
Nexperia B.V. All right...
74HC366PW NEXPERIA-74HC366PW Datasheet
272Kb / 17P
   Hex buffer/line driver; 3-state; inverting
Rev. 6 - 17 February 2021
74HC366PW-Q100 NEXPERIA-74HC366PW-Q100 Datasheet
725Kb / 19P
   Hex buffer/line driver; 3-state; inverting
More results

Similar Description - 74HC366PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC368 PHILIPS-74HC368 Datasheet
47Kb / 7P
   Hex buffer/line driver; 3-state; inverting
December 1990
74HC_HCT368_CNV PHILIPS-74HC_HCT368_CNV_15 Datasheet
53Kb / 7P
   Hex buffer/line driver; 3-state; inverting
December 1990
74LV368 PHILIPS-74LV368 Datasheet
124Kb / 12P
   Hex buffer/line driver; inverting 3-State
1998 May 29
logo
Nexperia B.V. All right...
74HCT368 NEXPERIA-74HCT368 Datasheet
244Kb / 13P
   Hex buffer/line driver; 3-state; inverting
Rev. 4 - 5 August 2021
logo
NXP Semiconductors
74HC_HCT366 PHILIPS-74HC_HCT366_15 Datasheet
150Kb / 21P
   Hex buffer/line driver; 3-state; inverting
Rev. 4-4 September 2012
74HC366 NXP-74HC366 Datasheet
128Kb / 19P
   Hex buffer/line driver; 3-state; inverting
Rev. 03-21 November 2006
logo
List of Unclassifed Man...
74HC366 ETC1-74HC366 Datasheet
168Kb / 4P
   HEX BUFFER / LINE DRIVER 3-STATE INVERTING
74HC368 ETC1-74HC368 Datasheet
174Kb / 4P
   HEX BUFFER / LINE DRIVER 3-STATE INVERTING
logo
Nexperia B.V. All right...
74HC366-Q100 NEXPERIA-74HC366-Q100 Datasheet
725Kb / 19P
   Hex buffer/line driver; 3-state; inverting
74HCT366 NEXPERIA-74HCT366 Datasheet
272Kb / 17P
   Hex buffer/line driver; 3-state; inverting
Rev. 6 - 17 February 2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com