Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC390N Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC390N
Description  Dual decade ripple counter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC390N Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC390N Datasheet HTML 1Page - NXP Semiconductors 74HC390N Datasheet HTML 2Page - NXP Semiconductors 74HC390N Datasheet HTML 3Page - NXP Semiconductors 74HC390N Datasheet HTML 4Page - NXP Semiconductors 74HC390N Datasheet HTML 5Page - NXP Semiconductors 74HC390N Datasheet HTML 6Page - NXP Semiconductors 74HC390N Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
December 1990
2
Philips Semiconductors
Product specification
Dual decade ripple counter
74HC/HCT390
FEATURES
• Two BCD decade or bi-quinary counters
• One package can be configured to divide-by-2, 4, 5, 10,
20, 25, 50 or 100
• Two master reset inputs to clear each decade counter
individually
• Output capability: standard
• ICC category: MSI
GENERAL DESCRIPTION
The 74HC/HCT390 are high-speed Si-gate CMOS devices
and are pin compatible with low power Schottky TTL
(LSTTL). They are specified in compliance with JEDEC
standard no. 7A.
The 74HC/HCT390 are dual 4-bit decade ripple counters
divided into four separately clocked sections. The counters
have two divide-by-2 sections and two divide-by-5
sections. These sections are normally used in a BCD
decade or bi-quinary configuration, since they share a
common master reset input (nMR). If the two master reset
inputs (1MR and 2MR) are used to simultaneously clear all
8 bits of the counter, a number of counting configurations
are possible within one package. The separate clocks
(nCP0 and nCP1 ) of each section allow ripple counter or
frequency division applications of divide-by-2, 4, 5, 10, 20,
25, 50 or 100.
Each section is triggered by the HIGH-to-LOW transition of
the clock inputs (nCP0 and nCP1 ). For BCD decade
operation, the nQ0 output is connected to the nCP1 input
of, the divide-by-5 section. For bi-quinary decade
operation, the nQ3 output is connected to the nCP0 input
and nQ0 becomes the decade output.
The master reset inputs (1MR and 2MR) are active HIGH
asynchronous inputs to each decade counter which
operates on the portion of the counter identified by the “1”
and “2” prefixes in the pin configuration. A HIGH level on
the nMR input overrides the clocks and sets the four
outputs LOW.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf = 6 ns
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW):
PD =CPD × VCC2 × fi +∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz
fo = output frequency in MHz
∑ (CL × VCC2 × fo) = sum of outputs
CL = output load capacitance in pF
VCC = supply voltage in V
2. For HC the condition is VI = GND to VCC
For HCT the condition is VI = GND to VCC −1.5 V
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
HC
HCT
tPHL/ tPLH
propagation delay
CL = 15 pF; VCC =5V
nCP0 to nQ0
14
18
ns
nCP1 to nQ1
15
19
ns
nCP1 to nQ2
23
26
ns
nCP1 to nQ3
15
19
ns
nMR to Qn
16
18
ns
fmax
maximum clock frequency nCP0,nCP1
66
61
MHz
CI
input capacitance
3.5
3.5
pF
CPD
power dissipation capacitance per counter
notes 1 and 2
20
21
pF


Similar Part No. - 74HC390N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
74HC390 ETC1-74HC390 Datasheet
256Kb / 6P
   DUAL DECADE RIPPLE COUNTER
logo
Nexperia B.V. All right...
74HC390 NEXPERIA-74HC390 Datasheet
257Kb / 15P
   Dual decade ripple counter
Rev. 5 - 18 October 2021
logo
Motorola, Inc
74HC390A MOTOROLA-74HC390A Datasheet
268Kb / 9P
   High?밣erformance Silicon?밎ate CMOS
logo
Nexperia B.V. All right...
74HC390D NEXPERIA-74HC390D Datasheet
257Kb / 15P
   Dual decade ripple counter
Rev. 5 - 18 October 2021
74HC390PW NEXPERIA-74HC390PW Datasheet
257Kb / 15P
   Dual decade ripple counter
Rev. 5 - 18 October 2021
More results

Similar Description - 74HC390N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
74HC390 ETC1-74HC390 Datasheet
256Kb / 6P
   DUAL DECADE RIPPLE COUNTER
logo
Nexperia B.V. All right...
74HC390 NEXPERIA-74HC390 Datasheet
257Kb / 15P
   Dual decade ripple counter
Rev. 5 - 18 October 2021
logo
Intersil Corporation
HCTS390MS INTERSIL-HCTS390MS Datasheet
139Kb / 9P
   Radiation Hardened Dual Decade Ripple Counter
September 1995
logo
Texas Instruments
CD74HC390 TI-CD74HC390_07 Datasheet
423Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Dual Decade Ripple Counter
CD54HCT390 TI-CD54HCT390 Datasheet
267Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Dual Decade Ripple Counter
CD74HC390 TI-CD74HC390 Datasheet
45Kb / 8P
[Old version datasheet]   High Speed CMOS Logic Dual Decade Ripple Counter
CD74HC390 TI-CD74HC390_08 Datasheet
453Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Dual Decade Ripple Counter
logo
STMicroelectronics
M54HC390 STMICROELECTRONICS-M54HC390 Datasheet
266Kb / 13P
   DUAL DECADE COUNTER
logo
Motorola, Inc
SN54LS490 MOTOROLA-SN54LS490 Datasheet
161Kb / 5P
   DUAL DECADE COUNTER
logo
STMicroelectronics
M74HC4518 STMICROELECTRONICS-M74HC4518 Datasheet
362Kb / 11P
   DUAL DECADE COUNTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com