Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ956P2-1.5DE Datasheet(PDF) 1 Page - ZETTLER Electronics

Part # AZ956P2-1.5DE
Description  MICROMINIATURE POLARIZED BISTABLE (LATCHING) RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ956P2-1.5DE Datasheet(HTML) 1 Page - ZETTLER Electronics

  AZ956P2-1.5DE Datasheet HTML 1Page - ZETTLER Electronics AZ956P2-1.5DE Datasheet HTML 2Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CONTACTS
Arrangement
SPDT (1 Form C)
Bifurcated crossbar contacts
Ratings
Resistive load:
Max. switched power: 30 W or 60 VA
Max. switched current: 1.0 A
Max. switched voltage: 150 VDC or 125 VAC
Rated Load
UL, CUR
0.5 A at 120 VAC
1.0 A at
30 VDC
Material
Palladium nickel with gold-rhodium overlay
Resistance
< 50 milliohms initally
(6 V, 10 mA method)
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1 x 109
Electrical
2.5 x 105 at 0.4 A, 125 VAC, resistive
3 x 106 at 1.0 A, 24 VDC, resistive
Set Time
1 ms at nominal coil voltage
(typical)
Reset Time (typical)
0.9 ms at nominal coil voltage
Bounce (typical)
At 10 mA contact current
1 ms at set or reset
Dielectric Strength
1500 Vrms contact to coil
(at sea level)
500 Vrms between open contacts
Insulation Resistance
109 ohms min. at 25°C, 500 VDC,
50% RH
Ambient Temperature
At nominal coil voltage
Operating
-40°C (-40°F) to 70°C (158°F)
Storage
-40°C (-40°F) to 105°C (221°F)
Vibration
Operational, 40 g, 10–200 Hz
Shock
Operational, 50 g min., 11 ms
Non-destructive, 150 g min., 11 ms
Max. Solder Temp.
Vapor phase: 215°C, 40 Sec.
Temp./Time
Infrared: 215°C, 40 Sec.
Double wave: 260°C, 10 Sec.
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
1.8 grams
Enclosure
P.B.T. polyester
Terminals
Tinned copper alloy, P.C.
ZETTLER electronics GmbH
Fax +49 89 800 97 200
www.ZETTLERelectronics.com
office@ZETTLERelectronics.com
0
97
800
89
+49
Tel.
Germany
Puchheim,
D-82178
Junkersstrasse 3,
2003-06-13
AZ956P
MICROMINIATURE
POLARIZED BISTABLE
(LATCHING) RELAY
FEATURES
• Microminiature size: up to 50% less board area than
previous generation telecom relays
• Meets FCC Part 68.302 1500 V lightning surge
• High dielectric and surge voltage:
• Low power consumption: 36 mW pickup
• Stable contact resistance for low level signal switching
• Epoxy sealed
• UL, CUR file E43203
• All plastics meet UL94 V–O, 30 min. oxygen index
COIL (Polarized)
Power
At Pickup Voltage
36 mW
(typical)
Max. Continuous
0.5 W at 20°C (68°F)
Dissipation
Temperature Rise
At nominal coil voltage
8°C (15°F)
Temperature
Max. 105°C (221°F)
NOTES
1. All values at 20°C (68°F).
2. Relay may set or reset in with less than “Must Operate” value.
3. Relay has fixed coil polarity.
4. Specifications subject to change without notice.


Similar Part No. - AZ956P2-1.5DE

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ956P2-1.5DE AZETTLER-AZ956P2-1.5DE Datasheet
94Kb / 2P
   MICROMINIATURE POLARIZED BISTABLE (LATCHING) RELAY
More results

Similar Description - AZ956P2-1.5DE

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ956P AZETTLER-AZ956P Datasheet
94Kb / 2P
   MICROMINIATURE POLARIZED BISTABLE (LATCHING) RELAY
logo
ZETTLER Electronics
AZ833P ZETTLER-AZ833P Datasheet
265Kb / 4P
   MICROMINIATURE POLARIZED LATCHING RELAY
AZ833P ZETTLER-AZ833P_13 Datasheet
294Kb / 4P
   MICROMINIATURE POLARIZED LATCHING RELAY
logo
List of Unclassifed Man...
AZ832P ETC1-AZ832P Datasheet
52Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
American Zettler, Inc.
AZ830P AZETTLER-AZ830P Datasheet
89Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ832P AZETTLER-AZ832P Datasheet
126Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
ZETTLER Electronics
AZ830P ZETTLER-AZ830P_13 Datasheet
137Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ832P ZETTLER-AZ832P Datasheet
50Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ830P ZETTLER-AZ830P Datasheet
78Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
American Zettler, Inc.
AZ8463 AZETTLER-AZ8463 Datasheet
147Kb / 3P
   MICROMINIATURE POLARIZED RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com