Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ979-1A-24D Datasheet(PDF) 2 Page - ZETTLER Electronics

Part # AZ979-1A-24D
Description  80 AMP AUTOMOTIVE RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ979-1A-24D Datasheet(HTML) 2 Page - ZETTLER Electronics

  AZ979-1A-24D Datasheet HTML 1Page - ZETTLER Electronics AZ979-1A-24D Datasheet HTML 2Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2003-06-24
ZETTLER electronics GmbH
Fax +49 89 800 97 200
www.ZETTLERelectronics.com
office@ZETTLERelectronics.com
0
97
800
89
+49
Tel.
Germany
Puchheim,
D-82178
Junkersstrasse 3,
AZ979
MECHANICAL DATA
87
86
30
1.614
[41.0]
2x.441
[11.2]
.984
[25.0]
3x.598
Outline Dimensions
[33.4]
.069
[1.8]
1.315
Wiring Diagrams
[22.0]
.220
[5.6]
.866
.705
[17.9]
86
VIEWED TOWARD TERMINALS
87
.661
[16.8]
[8.3]
.327
1.173
[29.8]
[35.0]
1.378
3x.047
[.8]
2x.031
[1.2]
30
87A
85
[9.5]
3x.374
85
1.173
[29.8]
[7.9]
.311
SPST (N.O.)
[15.2]
85
SPDT
87A
86
87
30
2x.248
[6.3]
Dimensions in inches with metric equivalents in parentheses. Tolerance: ± .010"
RELAY ORDERING DATA
COIL SPECIFICATIONS
ORDER NUMBER*
Nominal Coil
Must Operate
Max. Continuous
Coil Resistance
SPST
SPDT
VDC
VDC
VDC
± 10%
6
3.9
7.8
20
AZ979–1A–6D
AZ979–1C–6D
12
7.8
15.6
80
AZ979–1A–12D
AZ979–1C–12D
24
15.6
31.2
320
AZ979–1A–24D
AZ979–1C–24D
* For SPST (N.C.) (1 Form B) relay, substitue “1B” for “1A”.
Add suffix “R” for resistor in parallel with coil. Resistor values: 6V: 180
Ω, 12V: 680 Ω, 24V: 2700 Ω.
Add suffix “D” for diode across coil option (+ pole at terminal #86).
Add suffix “E” for epoxy sealed version.
1.437
[36.5]
1.043
[26.5]
.315
[8.0]
.331
[8.4]


Similar Part No. - AZ979-1A-24D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ979-1A-24D AZETTLER-AZ979-1A-24D Datasheet
148Kb / 3P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
logo
ZETTLER Electronics
AZ979-1A-24D ZETTLER-AZ979-1A-24D Datasheet
56Kb / 2P
   80 AMP AUTOMOTIVE RELAY
More results

Similar Description - AZ979-1A-24D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ983 ZETTLER-AZ983 Datasheet
60Kb / 2P
   80 AMP AUTOMOTIVE RELAY
AZ980 ZETTLER-AZ980 Datasheet
61Kb / 2P
   80 AMP AUTOMOTIVE RELAY
AZ979 ZETTLER-AZ979_11 Datasheet
56Kb / 2P
   80 AMP AUTOMOTIVE RELAY
logo
List of Unclassifed Man...
AZ983 ETC-AZ983 Datasheet
73Kb / 2P
   80 AMP AUTOMOTIVE RELAY
logo
ZETTLER Electronics
AZ980 ZETTLER-AZ980_11 Datasheet
56Kb / 2P
   80 AMP AUTOMOTIVE RELAY
logo
American Zettler, Inc.
AZ983 AZETTLER-AZ983 Datasheet
88Kb / 2P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
AZ979 AZETTLER-AZ979 Datasheet
148Kb / 3P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
AZ980 AZETTLER-AZ980 Datasheet
108Kb / 2P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
logo
Picker Components
PC795 PICKER-PC795 Datasheet
251Kb / 3P
   80/60 Amp Automotive Plug-In / PCB Power Relay
PC795 PICKER-PC795_14 Datasheet
400Kb / 2P
   80/60 Amp Automotive Plug-In / PCB Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com