Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ971-1A-6D Datasheet(PDF) 2 Page - ZETTLER Electronics

Part # AZ971-1A-6D
Description  40 AMP MINIATURE POWER RELAY FOR AUTOMOTIVE USE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ971-1A-6D Datasheet(HTML) 2 Page - ZETTLER Electronics

  AZ971-1A-6D Datasheet HTML 1Page - ZETTLER Electronics AZ971-1A-6D Datasheet HTML 2Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2003-04-08
ZETTLER electronics GmbH
Fax +49 89 800 97 200
www.ZETTLERelectronics.com
office@ZETTLERelectronics.com
0
97
800
89
+49
Tel.
Germany
Puchheim,
D-82178
Junkersstrasse 3,
AZ970/AZ971
RELAY ORDERING DATA — AZ971 — With Dust Cover
COIL SPECIFICATIONS
ORDER NUMBER*
Nominal Coil
Must Operate
Max. Continuous
Coil Resistance
Form A
Form B
Form C
VDC
VDC
VDC
±10%
(SPST)
(SPST)
(SPDT)
6
3.3
9.4
19.0
AZ971–1A–6D
AZ971–1B–6D
AZ971–1C–6D
9
5.1
15.2
50.0
AZ971–1A–9D
AZ971–1B–9D
AZ971–1C–9D
12
6.8
20.4
90.0
AZ971–1A–12D
AZ971–1B–12D
AZ971–1C–12D
24
13.9
41.0
362.0
AZ971–1A–24D
AZ971–1B–24D
AZ971–1C–24D
*Add suffix “E” for epoxy sealed version.
RELAY ORDERING DATA — AZ970 — OPEN STYLE
COIL SPECIFICATIONS
ORDER NUMBER
Nominal Coil
Must Operate
Max. Continuous
Coil Resistance
Form A
Form B
Form C
VDC
VDC
VDC
±10%
(SPST)
(SPST)
(SPDT)
6
3.3
9.8
19.0
AZ970–1A–6D
AZ970–1B–6D
AZ970–1C–6D
9
5.1
15.9
50.0
AZ970–1A–9D
AZ970–1B–9D
AZ970–1C–9D
12
6.8
21.3
90.0
AZ970–1A–12D
AZ970–1B–12D
AZ970–1C–12D
24
13.9
42.7
362.0
AZ970–1A–24D
AZ970–1B–24D
AZ970–1C–24D
MECHANICAL DATA
Dimensions in inches with metric equivalents in parentheses. Tolerance: ±0.010"
Dimensions
.041 [1.02] x .03 [0.76]
.041 [1.02] x .018 [0.46]
Term.
3,5
1,2
[14.2]
.559
.102
Terminal Dimensions
4
4
4
1
5
4
3
2
4
4
4
4
2
1
3
2
4
5
1
.322
.161
[11.9]
.467
[ø1.4]
4x ø.055
[8.2]
[4.1]
[2.6]
.102
[14.2]
.559
[11.9]
.467
[8.2]
.322
[ø1.4]
4x ø.055
.161
[4.1]
FORM C
Wiring Diagrams
FORM B
FORM A
4
.041 [1.02] x .062 [1.57]
[2.6]
Viewed towards terminals
3x ø.081
[ø2.1]
.211
[3.4]
.134
.148
[5.4]
[3.8]
[1.7]
.147
[3.7]
.066
.211
.148
[3.8]
[ø2.1]
3x ø.081
.134
.147
[3.4]
.170
[4.3]
[5.4]
.020
[.5]
AZ971 Outline Dimensions and PCB Layout
AZ970 Outline Dimensions and PCB Layout
[3.7]
Viewed towards terminals
Viewed towards terminals
.906
[23.0 ± 0.4]
.709
[18.0 ± 0.4]
.173
[4.4 ± 0.4]
[21.1 ± 0.3]
.831
[26.2 ± 0.3]
1.031
[3.5 ± 0.5]
.138
[21.1 ± 0.3]
.831
.740
[18.8 ± 0.4]


Similar Part No. - AZ971-1A-6D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ971-1A-6D AZETTLER-AZ971-1A-6D Datasheet
97Kb / 2P
   40 AMP AUTOMOTIVE RELAY
More results

Similar Description - AZ971-1A-6D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ970E ZETTLER-AZ970E Datasheet
85Kb / 2P
   40 AMP MINIATURE POWER RELAY FOR AUTOMOTIVE USE
logo
American Zettler, Inc.
AZ9722 AZETTLER-AZ9722 Datasheet
82Kb / 2P
   30 AMP MINIATURE POWER RELAY FOR AUTOMOTIVE USE
logo
ZETTLER Electronics
AZ977 ZETTLER-AZ977 Datasheet
55Kb / 2P
   20 AMP MINIATURE POWER RELAY FOR AUTOMOTIVE USE
logo
List of Unclassifed Man...
AZ977 ETC1-AZ977 Datasheet
39Kb / 2P
   20 AMP MINIATURE POWER RELAY FOR AUTOMOTIVE USE
logo
ZETTLER Electronics
AZ934 ZETTLER-AZ934_14 Datasheet
53Kb / 2P
   20 AMP SUB-MINIATURE POWER RELAY FOR AUTOMOTIVE USE
AZ935 ZETTLER-AZ935 Datasheet
84Kb / 2P
   20 AMP SUB-MINIATURE POWER RELAY FOR AUTOMOTIVE USE
AZ975 ZETTLER-AZ975 Datasheet
126Kb / 3P
   20 AMP SUB-MINIATURE POWER RELAY FOR AUTOMOTIVE USE
AZ975 ZETTLER-AZ975_14 Datasheet
97Kb / 3P
   20 AMP SUB-MINIATURE POWER RELAY FOR AUTOMOTIVE USE
AZ935 ZETTLER-AZ935_14 Datasheet
46Kb / 2P
   20 AMP SUB-MINIATURE POWER RELAY FOR AUTOMOTIVE USE
AZ934 ZETTLER-AZ934 Datasheet
134Kb / 2P
   20 AMP SUB-MINIATURE POWER RELAY FOR AUTOMOTIVE USE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com