Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ2150-1A-24D Datasheet(PDF) 2 Page - ZETTLER Electronics

Part # AZ2150-1A-24D
Description  MINIATURE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ2150-1A-24D Datasheet(HTML) 2 Page - ZETTLER Electronics

  AZ2150-1A-24D Datasheet HTML 1Page - ZETTLER Electronics AZ2150-1A-24D Datasheet HTML 2Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2003-03-12
ZETTLER electronics GmbH
Fax +49 89 800 97 200
www.ZETTLERelectronics.com
office@ZETTLERelectronics.com
0
97
800
89
+49
Tel.
Germany
Puchheim,
D-82178
Junkersstrasse 3,
AZ2150
RELAY ORDERING DATA
STANDARD RELAYS: 1 Form A (SPST); 508 Group A; UL 873 Version
COIL SPECIFICATIONS
ORDER NUMBER*
Nominal
Max.
Coil
Must
Coil
Continuous
Resistance
Operate
Unsealed
Sealed
VDC
VDC
±10%
VDC
5
7.3
27
3.75
AZ2150–1A–5D
AZ2150–1A–5DE
6
8.9
40
4.5
AZ2150–1A–6D
AZ2150–1A–6DE
9
13.9
97
6.75
AZ2150–1A–9D
AZ2150–1A–9DE
12
17.5
155
9.0
AZ2150–1A–12D
AZ2150–1A–12DE
15
22.5
256
11.25
AZ2150–1A–15D
AZ2150–1A–15DE
18
27.4
380
13.5
AZ2150–1A–18D
AZ2150–1A–18DE
24
36.1
660
18.0
AZ2150–1A–24D
AZ2150–1A–24DE
48
68.4
2,560
36.0
AZ2150–1A–48D
AZ2150–1A–48DE
70
104.4
5,500
52.5
AZ2150–1A–70D
AZ2150–1A–70DE
110
163.2
13,450
82.5
AZ2150–1A–110D AZ2150–1A–110DE
STANDARD RELAYS: 1 Form A (SPST); UL 508 Group B Version
COIL SPECIFICATIONS
ORDER NUMBER*
5
7.3
27
3.75
AZ2151–1A–5D
AZ2151–1A–5DE
6
8.9
40
4.5
AZ2151–1A–6D
AZ2151–1A–6DE
9
13.9
97
6.75
AZ2151–1A–9D
AZ2151–1A–9DE
12
17.5
155
9.0
AZ2151–1A–12D
AZ2151–1A–12DE
15
22.5
256
11.25
AZ2151–1A–15D
AZ2151–1A–15DE
18
27.4
380
13.5
AZ2151–1A–18D
AZ2151–1A–18DE
24
36.1
660
18.0
AZ2151–1A–24D
AZ2151–1A–24DE
48
68.4
2,560
36.0
AZ2151–1A–48D
AZ2151–1A–48DE
70
104.4
5,500
52.5
AZ2151–1A–70D
AZ2151–1A–70DE
110
163.2
13,450
82.5
AZ2151–1A–110D AZ2151–1A–110DE
* Substitute “1B” or “1C” in place of the “1A” to indicate 1 Form B and 1 Form C respectively.To indicate Class F
version, add suffix “F”.
MECHANICAL DATA
AZ2150 VERSION
Viewed toward
terminals
1 FORM A
(SPST-NO)
1 FORM B
(SPST-NC)
1 FORM C
(SPDT)
1 FORM A
(SPST-NO)
1 FORM B
(SPST-NC)
1 FORM C
(SPDT)
AZ2151 VERSION
WIRING DIAGRAM
Viewed toward
terminals
PC BOARD LAYOUT
.500
(12.7)
.196
(5.0)
1.06
(26.9)
.090
(2.3)
1.25
(31.80)
.690
(17.5)
.751
(19.1)
.130
+ .020
– .010
+ 0.51
– 0.25
(3.3
)
.200
(5.1)
.110
(2.8)
.045 x .045
(1.14 x 1.14)
.025 x .025
(0.63 x 0.63)
.032 x .062
(0.81 x 1.57)
.700
(17.8)
Terminal
Eliminated
on AZ2150
Versions
.400
(10.2)
.300
(7.6)
.081 x .003
(2.06 x .076)
DIA (4 PLACES)
.900
(22.86)
1.00
(25.38)
.043 x .003
(1.09 x .076)
.150 (3.8)
.350 (8.9)
.550 (14.0)
Dimensions in inches with metric equivalents in parentheses.
Tolerance: ± .010"
Coil Temperature Rise
Percent of Nominal Coil Voltage (at 20˚C)
40%
60%
80%
100%
120%
140%
160%
180%
200%
180
160
140
120
100
80
60
40
20
0
0A
15A
20A
30A
25A
10
20
30
40
60
80
100
200
300
30
20
10
8
6
5
4
3
2
1
VOLTAGE
DC RESISTIVE
LOAD
AC RESISTIVE
LOAD
UL/CUR File E44211 Approved Contact Ratings
Form A
Form B
Form C
Load Type
Cycles
Volts
(NO)
(NC)
NO
NC
General Purpose
100,000
125 or 240 VAC
30 A
15 A
15 A
(Inductive)
30,000
277 VAC
30 A
30 A
30 A
30 A
Resistive
100,000
125 or 240 VAC
30 A
15 A
100,000
30 VDC
20 A
10 A
20 A
10 A
100,000
277 VAC
20 A
100,000
240 VAC
15 A
Ballast
6,000
277 VAC
6 A
3 A
6 A
3 A
Pilot Duty
30,000
125 VAC
800 VA
275 VA
470 VA
275 VA
30,000
240 VAC
690 VA
275 VA
470 VA
275 VA
100,000
125 or 277 VAC
690 VA
690 VA
Motor Load
6,000
125 VAC
1 HP
1
/4 HP
1 HP
1
/4 HP
6,000
240 VAC
2 HP
1 HP
2 HP
1 HP
30,000
125 VAC
1 HP
1 HP
100,000
125 or 277 VAC
3
/4 HP
3
/4 HP
Definite Purpose
30,000
125 VAC
96 LRA
33 LRA
60 LRA
33 LRA
30 FLA
10 FLA
20 FLA
10 FLA
(LRA-Locked Rotor)
100,000
125 VAC
82.8 LRA
82.8 LRA
27 FLA
27 FLA
(FLA-Full Load)
30,000
240 VAC
80 LRA
33 LRA
60 LRA
33 LRA
30 FLA
10 FLA
20 FLA
10 FLA
100,000
277 VAC
60 LRA
60 LRA
20 FLA
20 FLA
Tungsten
6,000
125 VAC
15 A
15 A
3 A
6,000
240 VAC
5 A
5 A
3 A
6,000
120 VAC
3 A
6,000
240 VAC
3 A
TV–5
25,000
120 VAC
TV–5
TV–5
TV–3
TV–3
25,000
120 VAC
TV–3
TV–3
Note: See AZ2100 Data Sheet for more complete UL and CUR approved contact ratings.
Maximum Switching Capacity


Similar Part No. - AZ2150-1A-24D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ2150-1A-24D AZETTLER-AZ2150-1A-24D Datasheet
94Kb / 2P
   40A MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ2150-1A-24D ZETTLER-AZ2150-1A-24D Datasheet
59Kb / 2P
   MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ2150-1A-24DE AZETTLER-AZ2150-1A-24DE Datasheet
94Kb / 2P
   40A MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ2150-1A-24DE ZETTLER-AZ2150-1A-24DE Datasheet
59Kb / 2P
   MINIATURE POWER RELAY
More results

Similar Description - AZ2150-1A-24D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ726 ETC-AZ726 Datasheet
77Kb / 2P
   MINIATURE POWER RELAY
AZ961 ETC1-AZ961 Datasheet
62Kb / 2P
   MINIATURE POWER RELAY
logo
Tyco Electronics
PTF MACOM-PTF Datasheet
199Kb / 3P
   Miniature Power Relay
logo
American Zettler, Inc.
AZ960 AZETTLER-AZ960 Datasheet
78Kb / 2P
   MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ732 ETC1-AZ732 Datasheet
18Kb / 1P
   MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ169 ZETTLER-AZ169 Datasheet
168Kb / 2P
   MINIATURE POWER RELAY
logo
OEN India Limited
55H-12-1A OENINDIA-55H-12-1A Datasheet
142Kb / 1P
   MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ166 AZETTLER-AZ166 Datasheet
115Kb / 3P
   MINIATURE POWER RELAY
AZ672 AZETTLER-AZ672 Datasheet
76Kb / 2P
   MINIATURE POWER RELAY
AZ725 AZETTLER-AZ725 Datasheet
92Kb / 2P
   MINIATURE POWER RELAY
AZ726 AZETTLER-AZ726 Datasheet
120Kb / 2P
   MINIATURE POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com