Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP1G06GF Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74AUP1G06GF
Description  Low-power inverter with open-drain output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1G06GF Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74AUP1G06GF Datasheet HTML 2Page - NXP Semiconductors 74AUP1G06GF Datasheet HTML 3Page - NXP Semiconductors 74AUP1G06GF Datasheet HTML 4Page - NXP Semiconductors 74AUP1G06GF Datasheet HTML 5Page - NXP Semiconductors 74AUP1G06GF Datasheet HTML 6Page - NXP Semiconductors 74AUP1G06GF Datasheet HTML 7Page - NXP Semiconductors 74AUP1G06GF Datasheet HTML 8Page - NXP Semiconductors 74AUP1G06GF Datasheet HTML 9Page - NXP Semiconductors 74AUP1G06GF Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
74AUP1G06_2
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 24 August 2006
6 of 15
Philips Semiconductors
74AUP1G06
Low-power inverter with open-drain output
VOL
LOW-level output voltage
VI = VIH or VIL
IO = 20 µA; VCC = 0.8 V to 3.6 V
-
-
0.1
V
IO = 1.1 mA; VCC = 1.1 V
-
-
0.3
× V
CC
V
IO = 1.7 mA; VCC = 1.4 V
-
-
0.37
V
IO = 1.9 mA; VCC = 1.65 V
-
-
0.35
V
IO = 2.3 mA; VCC = 2.3 V
-
-
0.33
V
IO = 3.1 mA; VCC = 2.3 V
-
-
0.45
V
IO = 2.7 mA; VCC = 3.0 V
-
-
0.33
V
IO = 4.0 mA; VCC = 3.0 V
-
-
0.45
V
II
input leakage current
VI = GND to 3.6 V; VCC = 0 V to 3.6 V
-
-
±0.5
µA
IOFF
power-off leakage current
VI or VO = 0 V to 3.6 V; VCC = 0 V
-
-
±0.5
µA
∆IOFF
additional power-off
leakage current
VI or VO = 0 V to 3.6 V;
VCC = 0 V to 0.2 V
--
±0.6
µA
ICC
supply current
VI = GND or VCC; IO = 0 A;
VCC = 0.8 V to 3.6 V
-
-
0.9
µA
∆ICC
additional supply current
VI =VCC − 0.6 V; IO = 0 A; VCC = 3.3 V
-
-
50
µA
Tamb = −40 °C to +125 °C
VIH
HIGH-level input voltage
VCC = 0.8 V
0.75
× VCC --
V
VCC = 0.9 V to 1.95 V
0.70
× VCC --
V
VCC = 2.3 V to 2.7 V
1.6
-
-
V
VCC = 3.0 V to 3.6 V
2.0
-
-
V
VIL
LOW-level input voltage
VCC = 0.8 V
-
-
0.25
× VCC V
VCC = 0.9 V to 1.95 V
-
-
0.30
× VCC V
VCC = 2.3 V to 2.7 V
-
-
0.7
V
VCC = 3.0 V to 3.6 V
-
-
0.9
V
VOL
LOW-level output voltage
VI = VIH or VIL
IO = 20 µA; VCC = 0.8 V to 3.6 V
-
-
0.11
V
IO = 1.1 mA; VCC = 1.1 V
-
-
0.33
× VCC V
IO = 1.7 mA; VCC = 1.4 V
-
-
0.41
V
IO = 1.9 mA; VCC = 1.65 V
-
-
0.39
V
IO = 2.3 mA; VCC = 2.3 V
-
-
0.36
V
IO = 3.1 mA; VCC = 2.3 V
-
-
0.50
V
IO = 2.7 mA; VCC = 3.0 V
-
-
0.36
V
IO = 4.0 mA; VCC = 3.0 V
-
-
0.50
V
II
input leakage current
VI = GND to 3.6 V; VCC = 0 V to 3.6 V
-
-
±0.75
µA
IOFF
power-off leakage current
VI or VO = 0 V to 3.6 V; VCC = 0 V
-
-
±0.75
µA
∆IOFF
additional power-off
leakage current
VI or VO = 0 V to 3.6 V;
VCC = 0 V to 0.2 V
--
±0.75
µA
ICC
supply current
VI = GND or VCC; IO = 0 A;
VCC = 0.8 V to 3.6 V
-
-
1.4
µA
∆ICC
additional supply current
VI =VCC − 0.6 V; IO = 0 A; VCC = 3.3 V
-
-
75
µA
Table 7.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - 74AUP1G06GF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G06GF NXP-74AUP1G06GF Datasheet
92Kb / 15P
   Low-power inverter with open-drain output
Rev. 04-10 June 2009
More results

Similar Description - 74AUP1G06GF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G06 NXP-74AUP1G06 Datasheet
92Kb / 15P
   Low-power inverter with open-drain output
Rev. 04-10 June 2009
74AXP1G06 PHILIPS-74AXP1G06_15 Datasheet
176Kb / 17P
   Low-power inverter with open-drain output
Rev. 1-15 January 2014
logo
Nexperia B.V. All right...
74AUP1G06 NEXPERIA-74AUP1G06 Datasheet
263Kb / 17P
   Low-power inverter with open-drain output
Rev. 10 - 13 January 2022
74AXP1G06 NEXPERIA-74AXP1G06 Datasheet
786Kb / 17P
   Low-power inverter with open-drain output
74AUP1G06-Q100 NEXPERIA-74AUP1G06-Q100 Datasheet
684Kb / 13P
   Low-power inverter with open-drain output
logo
NXP Semiconductors
74AUP1G06 PHILIPS-74AUP1G06_15 Datasheet
343Kb / 19P
   Low-power inverter with open-drain output
Rev. 7-28 June 2012
74AUP2G06 NXP-74AUP2G06 Datasheet
125Kb / 18P
   Low-power dual inverter with open-drain output
Rev. 4-6 December 2011
74AUP2G06 PHILIPS-74AUP2G06_15 Datasheet
198Kb / 18P
   Low-power dual inverter with open-drain output
Rev. 5-29 November 2012
logo
Nexperia B.V. All right...
74AUP2G06 NEXPERIA-74AUP2G06 Datasheet
247Kb / 15P
   Low-power dual inverter with open-drain output
Rev. 8 - 31 January 2022
logo
Leshan Radio Company
MC74VHC1G05 LRC-MC74VHC1G05 Datasheet
153Kb / 4P
   Inverter with Open Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com