Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP1G06GF Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74AUP1G06GF
Description  Low-power inverter with open-drain output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1G06GF Datasheet(HTML) 1 Page - NXP Semiconductors

  74AUP1G06GF Datasheet HTML 1Page - NXP Semiconductors 74AUP1G06GF Datasheet HTML 2Page - NXP Semiconductors 74AUP1G06GF Datasheet HTML 3Page - NXP Semiconductors 74AUP1G06GF Datasheet HTML 4Page - NXP Semiconductors 74AUP1G06GF Datasheet HTML 5Page - NXP Semiconductors 74AUP1G06GF Datasheet HTML 6Page - NXP Semiconductors 74AUP1G06GF Datasheet HTML 7Page - NXP Semiconductors 74AUP1G06GF Datasheet HTML 8Page - NXP Semiconductors 74AUP1G06GF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1.
General description
The 74AUP1G06 is a high-performance, low-power, low-voltage, Si-gate CMOS device,
superior to most advanced CMOS compatible TTL families.
Schmitt-trigger action at all inputs makes the circuit tolerant to slower input rise and fall
times across the entire VCC range from 0.8 V to 3.6 V.
This device ensures a very low static and dynamic power consumption across the entire
VCC range from 0.8 V to 3.6 V.
This device is fully specified for partial Power-down applications using IOFF.
The IOFF circuitry disables the output, preventing the damaging backflow current through
the device when it is powered down.
The 74AUP1G06 provides the single inverting buffer with open-drain output. The output of
the device is an open drain and can be connected to other open-drain outputs to
implement active-LOW wired-OR or active-HIGH wired-AND functions.
2.
Features
s Wide supply voltage range from 0.8 V to 3.6 V
s High noise immunity
s Complies with JEDEC standards:
x JESD8-12 (0.8 V to 1.3 V)
x JESD8-11 (0.9 V to 1.65 V)
x JESD8-7 (1.2 V to 1.95 V)
x JESD8-5 (1.8 V to 2.7 V)
x JESD8-B (2.7 V to 3.6 V)
s ESD protection:
x HBM JESD22-A114-D Class 3A exceeds 5000 V
x MM JESD22-A115-A exceeds 200 V
x CDM JESD22-C101-C exceeds 1000 V
s Low static power consumption; ICC = 0.9 µA (maximum)
s Latch-up performance exceeds 100 mA per JESD 78 Class II
s Inputs accept voltages up to 3.6 V
s Low noise overshoot and undershoot < 10 % of VCC
s IOFF circuitry provides partial Power-down mode operation
s Multiple package options
s Specified from
−40 °Cto+85 °C and −40 °C to +125 °C
74AUP1G06
Low-power inverter with open-drain output
Rev. 02 — 24 August 2006
Product data sheet


Similar Part No. - 74AUP1G06GF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G06GF NXP-74AUP1G06GF Datasheet
92Kb / 15P
   Low-power inverter with open-drain output
Rev. 04-10 June 2009
More results

Similar Description - 74AUP1G06GF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G06 NXP-74AUP1G06 Datasheet
92Kb / 15P
   Low-power inverter with open-drain output
Rev. 04-10 June 2009
74AXP1G06 PHILIPS-74AXP1G06_15 Datasheet
176Kb / 17P
   Low-power inverter with open-drain output
Rev. 1-15 January 2014
logo
Nexperia B.V. All right...
74AUP1G06 NEXPERIA-74AUP1G06 Datasheet
263Kb / 17P
   Low-power inverter with open-drain output
Rev. 10 - 13 January 2022
74AXP1G06 NEXPERIA-74AXP1G06 Datasheet
786Kb / 17P
   Low-power inverter with open-drain output
74AUP1G06-Q100 NEXPERIA-74AUP1G06-Q100 Datasheet
684Kb / 13P
   Low-power inverter with open-drain output
logo
NXP Semiconductors
74AUP1G06 PHILIPS-74AUP1G06_15 Datasheet
343Kb / 19P
   Low-power inverter with open-drain output
Rev. 7-28 June 2012
74AUP2G06 NXP-74AUP2G06 Datasheet
125Kb / 18P
   Low-power dual inverter with open-drain output
Rev. 4-6 December 2011
74AUP2G06 PHILIPS-74AUP2G06_15 Datasheet
198Kb / 18P
   Low-power dual inverter with open-drain output
Rev. 5-29 November 2012
logo
Nexperia B.V. All right...
74AUP2G06 NEXPERIA-74AUP2G06 Datasheet
247Kb / 15P
   Low-power dual inverter with open-drain output
Rev. 8 - 31 January 2022
logo
Leshan Radio Company
MC74VHC1G05 LRC-MC74VHC1G05 Datasheet
153Kb / 4P
   Inverter with Open Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com