Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29W400DT45ZE1 Datasheet(PDF) 6 Page - STMicroelectronics

Part # M29W400DT45ZE1
Description  4 Mbit (512Kb x8 or 256Kb x16, Boot Block) 3V Supply Flash Memory
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W400DT45ZE1 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M29W400DT45ZE1 Datasheet HTML 2Page - STMicroelectronics M29W400DT45ZE1 Datasheet HTML 3Page - STMicroelectronics M29W400DT45ZE1 Datasheet HTML 4Page - STMicroelectronics M29W400DT45ZE1 Datasheet HTML 5Page - STMicroelectronics M29W400DT45ZE1 Datasheet HTML 6Page - STMicroelectronics M29W400DT45ZE1 Datasheet HTML 7Page - STMicroelectronics M29W400DT45ZE1 Datasheet HTML 8Page - STMicroelectronics M29W400DT45ZE1 Datasheet HTML 9Page - STMicroelectronics M29W400DT45ZE1 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
M29W400DT, M29W400DB
6/38
Figure 3. SO Connections
Note: 1. NC = Not Connected
Figure 4. TSOP Connections
Note: 1. NC = Not Connected
G
DQ0
DQ8
A3
A0
E
VSS
A2
A1
A13
VSS
A14
A15
DQ7
A12
A16
BYTE
DQ15A–1
DQ5
DQ2
DQ3
VCC
DQ11
DQ4
DQ14
A9
W
RB
A4
RP
A7
AI06855
M29W400DT
M29W400DB
8
2
3
4
5
6
7
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
20
19
18
17
DQ1
DQ9
A6
A5
DQ6
DQ13
44
39
38
37
36
35
34
33
A11
A10
DQ10
21
DQ12
40
43
1
42
41
A17
A8
NC
DQ3
DQ9
DQ2
A6
DQ0
W
A3
RB
DQ6
A8
A9
DQ13
A17
A10
DQ14
A2
DQ12
DQ10
DQ15A–1
VCC
DQ4
DQ5
A7
DQ7
NC
NC
AI06854
M29W400DT
M29W400DB
12
1
13
24
25
36
37
48
DQ8
NC
NC
A1
NC
A4
A5
DQ1
DQ11
G
A12
A13
A16
A11
BYTE
A15
A14
VSS
E
A0
RP
VSS


Similar Part No. - M29W400DT45ZE1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W400DT45ZE1 STMICROELECTRONICS-M29W400DT45ZE1 Datasheet
449Kb / 48P
   4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
logo
Numonyx B.V
M29W400DT45ZE1 NUMONYX-M29W400DT45ZE1 Datasheet
1Mb / 48P
   4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
logo
STMicroelectronics
M29W400DT45ZE1E STMICROELECTRONICS-M29W400DT45ZE1E Datasheet
449Kb / 48P
   4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
logo
Numonyx B.V
M29W400DT45ZE1E NUMONYX-M29W400DT45ZE1E Datasheet
1Mb / 48P
   4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
logo
STMicroelectronics
M29W400DT45ZE1F STMICROELECTRONICS-M29W400DT45ZE1F Datasheet
449Kb / 48P
   4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
More results

Similar Description - M29W400DT45ZE1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F400BT STMICROELECTRONICS-M29F400BT_06 Datasheet
318Kb / 40P
   4 Mbit (512Kb x8 or 256Kb x16, Boot Block) single supply Flash memory
M29F400BT STMICROELECTRONICS-M29F400BT Datasheet
208Kb / 22P
   4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory
M29F400T STMICROELECTRONICS-M29F400T Datasheet
231Kb / 34P
   4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory
M29W800DT70N1 STMICROELECTRONICS-M29W800DT70N1 Datasheet
651Kb / 41P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
April 2004
M29W800DT70N6 STMICROELECTRONICS-M29W800DT70N6 Datasheet
651Kb / 41P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
M29W800DT STMICROELECTRONICS-M29W800DT Datasheet
313Kb / 42P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
M29W400T STMICROELECTRONICS-M29W400T Datasheet
245Kb / 34P
   4 Mbit 512Kb x8 or 256Kb x16, Boot Block Low Voltage Single Supply Flash Memory
M29W400BB STMICROELECTRONICS-M29W400BB Datasheet
248Kb / 25P
   4 Mbit (512Kb x8 or 256Kb x16, Boot Block) Low Voltage Single Supply Flash Memory
M29W400BT STMICROELECTRONICS-M29W400BT Datasheet
146Kb / 22P
   4 Mbit 512Kb x8 or 256Kb x16, Boot Block Low Voltage Single Supply Flash Memory
M28W800BT STMICROELECTRONICS-M28W800BT Datasheet
289Kb / 42P
   8 Mbit 512Kb x16, Boot Block 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com