Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1381D-133BZC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C1381D-133BZC
Description  18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1381D-133BZC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C1381D-133BZC Datasheet HTML 1Page - Cypress Semiconductor CY7C1381D-133BZC Datasheet HTML 2Page - Cypress Semiconductor CY7C1381D-133BZC Datasheet HTML 3Page - Cypress Semiconductor CY7C1381D-133BZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1381D-133BZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1381D-133BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1381D-133BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1381D-133BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1381D-133BZC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
PRELIMINARY
CY7C1381D
CY7C1383D
Document #: 38-05544 Rev. *A
Page 5 of 29
Pin Configurations (continued)
165-ball fBGA (3 Chip Enable)
CY7C1381D (512K x 36)
2
3
4
567
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
TDO
NC / 288M
NC
DQPC
DQC
DQPD
NC
DQD
CE1
BWB
CE3
BWC
BWE
A
CE2
DQC
DQD
DQD
MODE
NC
DQC
DQC
DQD
DQD
DQD
NC / 36M
NC / 72M
VDDQ
BWD
BWA
CLK
GW
VSS
VSS
VSS
VSS
VDDQ
VSS
VDD
VSS
VSS
VSS
VSS
VSS
VSS
VDDQ
VDDQ
NC
VDDQ
VDDQ
VDDQ
VDDQ
A
A
VDD
VSS
VDD
VSS
VSS
VDDQ
VDD
VSS
VDD
VSS
VDD
VSS
VSS
VSS
VDD
VDD
VSS
VDD
VSS
VSS
NC
TCK
VSS
TDI
A
A
DQC
VSS
DQC
VSS
DQC
DQC
NC
VSS
VSS
VSS
VSS
NC
VSS
A1
DQD
DQD
NC
NC
VDDQ
VSS
TMS
89
10
11
A
ADV
A
ADSC
NC
OE
ADSP
A
NC / 144M
VSS
VDDQ
NC
DQPB
VDDQ
VDD
DQB
DQB
DQB
NC
DQB
NC
DQA
DQA
VDD
VDDQ
VDD
VDDQ
DQB
VDD
NC
VDD
DQA
VDD
VDDQ
DQA
VDDQ
VDD
VDD
VDDQ
VDD
VDDQ
DQA
VDDQ
A
A
VSS
A
A
A
DQB
DQB
DQB
ZZ
DQA
DQA
DQPA
DQA
A
VDDQ
A
CY7C1383D (1M x 18)
A0
A
VSS
23
4
5
6
7
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
TDO
NC / 288M
NC
NC
NC
DQPB
VSS
DQB
ACE1
NC
CE3
BWB
BWE
A
CE2
NC
DQB
DQB
MODE
NC
DQB
DQB
NC
NC
NC
NC / 36M
NC / 72M
VDDQ
NC
BWA
CLK
GW
VSS
VSS
VSS
VSS
VDDQ
VSS
VDD
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VDDQ
VDDQ
NC
VDDQ
VDDQ
VDDQ
VDDQ
A
A
VDD
VSS
VDD
VSS
VSS
VDDQ
VDD
VSS
VDD
VSS
VDD
VSS
VSS
VSS
VDD
VDD
VSS
VDD
VSS
VSS
NC
TCK
A0
VSS
TDI
A
A
DQB
VSS
NC
VSS
DQB
NC
NC
VSS
VSS
VSS
VSS
NC
VSS
A1
DQB
NC
NC
NC
VDDQ
VSS
TMS
89
10
11
A
ADV
A
ADSC
A
OE
ADSP
A
NC / 144M
VSS
VDDQ
NC
DQPA
VDDQ
VDD
NC
DQA
DQA
NC
NC
NC
DQA
NC
VDD
VDDQ
VDD
VDDQ
DQA
VDD
NC
VDD
NC
VDD
VDDQ
DQA
VDDQ
VDD
VDD
VDDQ
VDD
VDDQ
NC
VDDQ
A
A
VSS
A
A
A
DQA
NC
NC
ZZ
DQA
NC
NC
DQA
A
VDDQ
A
A
A


Similar Part No. - CY7C1381D-133BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1381D-133BZC CYPRESS-CY7C1381D-133BZC Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
More results

Similar Description - CY7C1381D-133BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1381CV25 CYPRESS-CY7C1381CV25 Datasheet
501Kb / 35P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381D CYPRESS-CY7C1381D_07 Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381DV25 CYPRESS-CY7C1381DV25 Datasheet
1Mb / 28P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1383C CYPRESS-CY7C1383C Datasheet
564Kb / 36P
   18-Mb (512K x 36/1M x 18) Flow-Through SRAM
CY7C1441AV25 CYPRESS-CY7C1441AV25 Datasheet
529Kb / 31P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM
CY7C1441AV33 CYPRESS-CY7C1441AV33 Datasheet
572Kb / 31P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM
CY7C1371D CYPRESS-CY7C1371D_07 Datasheet
1,011Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1371C CYPRESS-CY7C1371C Datasheet
791Kb / 33P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL Architecture
CY7C1371D CYPRESS-CY7C1371D Datasheet
447Kb / 30P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture
CY7C1371DV25 CYPRESS-CY7C1371DV25 Datasheet
444Kb / 28P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com