Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAZD024 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # MAZD024
Description  Silicon planar type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MAZD024 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  MAZD024 Datasheet HTML 1Page - Panasonic Semiconductor MAZD024 Datasheet HTML 2Page - Panasonic Semiconductor MAZD024 Datasheet HTML 3Page - Panasonic Semiconductor MAZD024 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MAZDxxx Series
3
SKE00020AED
0
160
40
120
80
0
200
150
100
50
Ambient temperature T
a (°C)
Glass epoxy board
10−3
04
8
12
10−2
10−1
1
10
103
102
Zener voltage V
Z (V)
Ta
= 25°C
10−3
010
20
30
10−2
10−1
1
10
103
102
Ta
= 25°C
Zener voltage V
Z (V)
10−3
020
40
60
10−2
10−1
1
10
103
102
Ta
= 25°C
Zener voltage V
Z (V)
PT  Ta
IZ  VZ
IZ  VZ
IZ  VZ
IZ  VZ
10−3
02
46
10−2
10−1
1
10
103
102
Zener voltage V
Z (V)
Ta
= 25°C


Similar Part No. - MAZD024

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
MAZD024 PANASONICBATTERY-MAZD024 Datasheet
64Kb / 4P
   Low noise type
More results

Similar Description - MAZD024

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZU000 PANASONIC-MAZU000 Datasheet
41Kb / 2P
   Silicon planar type
MAZX000 PANASONIC-MAZX000 Datasheet
41Kb / 2P
   Silicon planar type
MA4X348 PANASONIC-MA4X348 Datasheet
41Kb / 2P
   Silicon planar type
MAZ8000 PANASONIC-MAZ8000 Datasheet
69Kb / 5P
   Silicon planar type
PNA1605F PANASONIC-PNA1605F Datasheet
83Kb / 3P
   Silicon planar type
PNZ323 PANASONIC-PNZ323 Datasheet
82Kb / 3P
   Silicon planar type
MAZ1000 PANASONIC-MAZ1000 Datasheet
77Kb / 6P
   Silicon planar type
MAZ4000N PANASONIC-MAZ4000N Datasheet
72Kb / 5P
   Silicon planar type
MAZ5000 PANASONIC-MAZ5000 Datasheet
56Kb / 3P
   Silicon planar type
MA3D690 PANASONIC-MA3D690 Datasheet
45Kb / 2P
   Silicon planar type
MA4039 PANASONIC-MA4039 Datasheet
107Kb / 7P
   Silicon planar type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com